Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RL-1288-220 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # RL-1288-220
Description  POWER LINE CHOKES
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RL-1288-220 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  RL-1288-220 Datasheet HTML 1Page - List of Unclassifed Manufacturers RL-1288-220 Datasheet HTML 2Page - List of Unclassifed Manufacturers RL-1288-220 Datasheet HTML 3Page - List of Unclassifed Manufacturers RL-1288-220 Datasheet HTML 4Page - List of Unclassifed Manufacturers RL-1288-220 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
RENCO ELECTRONICS, INC.
595 International Place, Rockledge, FL 32955-4200 USA
(321) 637-1000 • Toll Free Engineering Hot line 800-645-5828
SINCE 1955
Fax: (321) 637-1600
Web Site:www.rencousa.com
E-mail:sales@rencousa.com
17
RL-1288
Inductance
Max. DCR
Saturation
Suggested
at 0 DC (
µH)
(Ohms)
Current
Rated
±10%
@+20
°C
(mA)
Current
(mA)
Renco Part No.
RL-1288-1.0
1.0
.018
3000
3300
RL-1288-1.2
1.2
.019
2700
3200
RL-1288-1.5
1.5
.020
2500
3100
RL-1288-1.8
1.8
.023
2100
2900
RL-1288-2.2
2.2
.031
2000
2600
RL-1288-2.7
2.7
.033
1900
2500
RL-1288-3.3
3.3
.054
1700
1900
RL-1288-3.9
3.9
.060
1500
1800
RL-1288-4.7
4.7
.068
1400
1700
RL-1288-5.6
5.6
.074
1300
1600
RL-1288-6.8
6.8
.080
1200
1600
RL-1288-8.2
8.2
.087
1100
1500
RL-1288-10
10
.095
970
1500
RL-1288-12
12
.110
880
1400
RL-1288-15
15
.121
790
1200
RL-1288-18
18
.160
710
1100
RL-1288-22
22
.190
640
1000
RL-1288-27
27
.220
580
950
RL-1288-33
33
.350
530
910
RL-1288-39
39
.260
480
880
RL-1288-47
47
.430
430
760
RL-1288-56
56
.470
400
650
RL-1288-68
68
.530
370
610
RL-1288-82
82
.600
330
580
RL-1288-100
100
.670
300
550
RL-1288-120
120
.900
270
470
RL-1288-150
150
1.20
250
410
RL-1288-180
180
1.40
220
380
RL-1288-220
220
1.90
200
320
RL-1288-270
270
2.10
180
310
RL-1288-330
330
2.40
170
290
RL-1288-390
390
3.0
150
260
RL-1288-470
470
3.80
140
240
RL-1288-560
560
4.70
130
210
RL-1288-680
680
6.40
110
180
RL-1288-820
820
7.1
100
170
RL-1288-1000
1000
7.9
95
160
RL-1288-1200
1200
9.0
87
150
RL-1288-1500
1500
12.0
78
130
RL-1288-1800
1800
14.0
71
120
RL-1288-2200
2200
19.0
64
100
RL-1288-2700
2700
25.0
58
90
RL-1288-3300
3300
29.0
52
83
RL-1288-3900
3900
34.0
48
77
RL-1288-4700
4700
42.55
44
74
RL-1288-5600
5600
50.0
40
63
RL-1288-6800
6800
58.0
36
59
RL-1288-8200
8200
68.0
33
54
RL-1288-10000
10000
75.0
30
52
NOTES:
1. Inductance: For 1.0
µH thru
8.2
µH effective inductance
measured on Boonton 260A Q-
meter at 7.9 MHz in accordance
with Mil.-C 15305. For 10
µH and
above, inductance (Ls)
measured on Impedance Meter
ESI Model 252 at 1 KHz.
2. Current Rating is based on 0.2
watt power dissipation for
approximately 20
°C temperature
rise.
3. Maximum temperature range
-55
°C to +130°C.
4. Marking: Printed with value only
5. Saturation current lowers
inductance 5%.
6. Coils finished with sleeving
135
°C Rated.


Similar Part No. - RL-1288-220

ManufacturerPart #DatasheetDescription
logo
RENCO ELECTRONICS, INC.
RL-1288-220 RENCO-RL-1288-220 Datasheet
1Mb / 3P
   POWER LINE CHOKES
RL-1288-2200 RENCO-RL-1288-2200 Datasheet
1Mb / 3P
   POWER LINE CHOKES
More results

Similar Description - RL-1288-220

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82723A2501N001 EPCOS-B82723A2501N001 Datasheet
145Kb / 7P
   Power line chokes
B82747S4183N021 EPCOS-B82747S4183N021 Datasheet
144Kb / 6P
   Power line chokes
B82791G2251N020 EPCOS-B82791G2251N020 Datasheet
144Kb / 7P
   Power line chokes
B82720A EPCOS-B82720A Datasheet
111Kb / 6P
   Power line chokes
B82720S2301N042 EPCOS-B82720S2301N042 Datasheet
150Kb / 8P
   Power line chokes
B82625 EPCOS-B82625_10 Datasheet
115Kb / 7P
   Power line chokes
B82732W2901B30 EPCOS-B82732W2901B30 Datasheet
556Kb / 6P
   Power line chokes
logo
RENCO ELECTRONICS, INC.
RL-1282 RENCO-RL-1282 Datasheet
1Mb / 3P
   POWER LINE CHOKES
RL-1284 RENCO-RL-1284 Datasheet
1Mb / 3P
   POWER LINE CHOKES
logo
EPCOS
B82722J2301N002 EPCOS-B82722J2301N002 Datasheet
136Kb / 8P
   Power line chokes
B82523T0000E005 EPCOS-B82523T0000E005 Datasheet
137Kb / 6P
   Power line chokes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com