Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RL-1288-820 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # RL-1288-820
Description  POWER LINE CHOKES
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RL-1288-820 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  RL-1288-820 Datasheet HTML 1Page - List of Unclassifed Manufacturers RL-1288-820 Datasheet HTML 2Page - List of Unclassifed Manufacturers RL-1288-820 Datasheet HTML 3Page - List of Unclassifed Manufacturers RL-1288-820 Datasheet HTML 4Page - List of Unclassifed Manufacturers RL-1288-820 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
RENCO ELECTRONICS, INC.
595 International Place, Rockledge, FL 32955-4200 USA
(321) 637-1000 • Toll Free Engineering Hot line 800-645-5828
SINCE 1955
Fax: (321) 637-1600
Web Site:www.rencousa.com
E-mail:sales@rencousa.com
13
RL-1282
RL-1283, RL-1284, RL-1288
POWER LINE CHOKES
ALL DIMENSIONS IN INCHES
RENCO
PART
NUMBER
B
1.0
MIN
1.0
MIN
MAXIMUM DIMENSIONS:
"A"
"B"
RL-1282
0.550
1.000
RL-1283
0.453
.900
RL-1284
0.260
.700
RL-1288
0.160
.425
INDUCTANCE
± 15% @ 1 KHZ
A
LEADS:
RL-1282, RL-1283, RL-1284 #20 AWG TINNED COPPER WIRE
(TYP.)
RL-1288 #24 AWG TINNED COPPER WIRE (TYP.)
• Switching Regulators
• Power Amplifiers
• Power Supplies
• SCR and Triac Controls
Typical Applications:
• Speaker Crossover Networks
• RFI Supression
• Filters
This Series, in four sizes, of
Power Line Chokes has 204
standard values to choose from.
Inductances range from 1.0
µH to
150,000
µH. The use of high
saturation material make these
coils ideal for use in switching
regulated power supply type
applications. The size of the coils
make them easy to incorporate in
equipment.
Also available taped & reeled for
auto insertion.
Also available taped & reeled for
auto insertion.
PART NO.
PIECES PER REEL
RL-1282
200
RL-1283
250
RL-1284
500
RL-1288
500
R
oHS
COMPLIANT
REVISED 5/06


Similar Part No. - RL-1288-820

ManufacturerPart #DatasheetDescription
logo
RENCO ELECTRONICS, INC.
RL-1288-820 RENCO-RL-1288-820 Datasheet
1Mb / 3P
   POWER LINE CHOKES
RL-1288-8200 RENCO-RL-1288-8200 Datasheet
1Mb / 3P
   POWER LINE CHOKES
More results

Similar Description - RL-1288-820

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82723A2501N001 EPCOS-B82723A2501N001 Datasheet
145Kb / 7P
   Power line chokes
B82747S4183N021 EPCOS-B82747S4183N021 Datasheet
144Kb / 6P
   Power line chokes
B82791G2251N020 EPCOS-B82791G2251N020 Datasheet
144Kb / 7P
   Power line chokes
B82720A EPCOS-B82720A Datasheet
111Kb / 6P
   Power line chokes
B82720S2301N042 EPCOS-B82720S2301N042 Datasheet
150Kb / 8P
   Power line chokes
B82625 EPCOS-B82625_10 Datasheet
115Kb / 7P
   Power line chokes
B82732W2901B30 EPCOS-B82732W2901B30 Datasheet
556Kb / 6P
   Power line chokes
logo
RENCO ELECTRONICS, INC.
RL-1282 RENCO-RL-1282 Datasheet
1Mb / 3P
   POWER LINE CHOKES
RL-1284 RENCO-RL-1284 Datasheet
1Mb / 3P
   POWER LINE CHOKES
logo
EPCOS
B82722J2301N002 EPCOS-B82722J2301N002 Datasheet
136Kb / 8P
   Power line chokes
B82523T0000E005 EPCOS-B82523T0000E005 Datasheet
137Kb / 6P
   Power line chokes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com