Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN1149-4 Datasheet(PDF) 3 Page - Lumileds Lighting Company

Part # AN1149-4
Description  Thermal Management Considerations for SuperFlux LEDs
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

AN1149-4 Datasheet(HTML) 3 Page - Lumileds Lighting Company

  AN1149-4 Datasheet HTML 1Page - Lumileds Lighting Company AN1149-4 Datasheet HTML 2Page - Lumileds Lighting Company AN1149-4 Datasheet HTML 3Page - Lumileds Lighting Company AN1149-4 Datasheet HTML 4Page - Lumileds Lighting Company AN1149-4 Datasheet HTML 5Page - Lumileds Lighting Company AN1149-4 Datasheet HTML 6Page - Lumileds Lighting Company AN1149-4 Datasheet HTML 7Page - Lumileds Lighting Company AN1149-4 Datasheet HTML 8Page - Lumileds Lighting Company AN1149-4 Datasheet HTML 9Page - Lumileds Lighting Company Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3
Change in Dominant Wave-length (Color) as a Function
of Junction Temperature
The junction temperature of LEDs also affects
their dominant wavelength, or perceived color.
The equation for dominant wavelength,
λd , as
a function of temperature is:
Where:
λd (T
1)= dominant wavelength at junction
temperature T
1
λd (T
2)= dominant wavelength at junction
temperature T
2
A rule that is easy to remember is the dominant
wavelength will increase one nanometer for every
10
°C rise in junction temperature. In most
designs of red automotive signal lamps, this
change in color is not important because the
allowed color range is very large (approximately
90 nm). However, for some amber automotive
signal lamps, this color shift can be a concern
and should be accounted for where the allowed
color ranges are small (approximately 5 to 10 nm
depending on the regional specifications).
Temperature-Induced Failures of LEDs
LEDs are typically encapsulated in an optically
clear epoxy resin. At a certain elevated
temperature, known as the glass transition
temperature, T
g, these epoxy resins transform
from a rigid, glasslike solid to a rubbery
material. A dramatic change in the coefficient of
thermal expansion (CTE) is generally associated
with the T
g. The Tg is calculated as the midpoint
of the temperature range at which this change
in CTE occurs, see Figure 4.2.
To avoid catastrophic failure of LED packages,
the junction temperature, T
j , should always be
kept below the T
g of the epoxy encapsulant.
Lumileds specifies a maximum junction
temperature, T
j (max) , which is below the Tg of the
epoxy encapsulant used. For SuperFlux LEDs,
T
j (max) = 125
°C. If the T
j (max) is exceeded, the CTE
of the epoxy encapsulant will permanently and
dramatically change. A higher CTE causes the
epoxy encapsulant to expand and contract more
during temperature changes. This causes more
displacement of the wire bond within the LED
package, resulting in a premature wear out and
breakage of the wire. Wire bond breakage results
in an open failure.
Figure 4.2 Expansion-Temperature relationship for
clear, epoxy, LED encapsulants.


Similar Part No. - AN1149-4

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
AN1149-3 LUMILEDS-AN1149-3 Datasheet
1Mb / 37P
   Electrical Design Considerations for SuperFlux LEDs
AN1149-3A LUMILEDS-AN1149-3A Datasheet
187Kb / 7P
   Advanced Electrical Design Models
AN1149-3B LUMILEDS-AN1149-3B Datasheet
188Kb / 18P
   SuperFlux & SnapLED Emitter Forward Voltage Data
AN1149-5 LUMILEDS-AN1149-5 Datasheet
2Mb / 23P
   Secondary Optics Design Considerations for SuperFlux LEDs
AN1149-6 LUMILEDS-AN1149-6 Datasheet
376Kb / 11P
   Reliability Considerations for SuperFlux LEDs
More results

Similar Description - AN1149-4

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
AB20-6 LUMILEDS-AB20-6 Datasheet
376Kb / 11P
   Reliability Considerations for SuperFlux LEDs
AB20-3 LUMILEDS-AB20-3 Datasheet
1Mb / 37P
   Electrical Design Considerations for SuperFlux LEDs
AB20-5 LUMILEDS-AB20-5 Datasheet
2Mb / 23P
   Secondary Optics Design Considerations for SuperFlux LEDs
logo
List of Unclassifed Man...
HPWT-RH02-00000 ETC2-HPWT-RH02-00000 Datasheet
1Mb / 17P
   SuperFlux LEDs
logo
Lumileds Lighting Compa...
DS05 LUMILEDS-DS05 Datasheet
850Kb / 10P
   SuperFlux LEDs
logo
List of Unclassifed Man...
HPWT-RDX0 ETC2-HPWT-RDX0 Datasheet
1Mb / 14P
   SuperFlux LEDs
logo
ANADIGICS, Inc
AN-0003 ANADIGICS-AN-0003 Datasheet
310Kb / 6P
   Thermal Considerations for Power Amplifiers
logo
ON Semiconductor
AND8391-D ONSEMI-AND8391-D Datasheet
148Kb / 8P
   Thermal Considerations for the ON Semiconductor
August, 2009 ??Rev. 2
logo
Lumileds Lighting Compa...
DS55 LUMILEDS-DS55 Datasheet
821Kb / 9P
   Lead-Free SuperFlux LEDs
logo
List of Unclassifed Man...
PLW114050 ETC2-PLW114050 Datasheet
260Kb / 3P
   Thermal Management
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com