Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AB20-3 Datasheet(PDF) 10 Page - Lumileds Lighting Company

Part # AB20-3
Description  Electrical Design Considerations for SuperFlux LEDs
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

AB20-3 Datasheet(HTML) 10 Page - Lumileds Lighting Company

Back Button AB20-3 Datasheet HTML 6Page - Lumileds Lighting Company AB20-3 Datasheet HTML 7Page - Lumileds Lighting Company AB20-3 Datasheet HTML 8Page - Lumileds Lighting Company AB20-3 Datasheet HTML 9Page - Lumileds Lighting Company AB20-3 Datasheet HTML 10Page - Lumileds Lighting Company AB20-3 Datasheet HTML 11Page - Lumileds Lighting Company AB20-3 Datasheet HTML 12Page - Lumileds Lighting Company AB20-3 Datasheet HTML 13Page - Lumileds Lighting Company AB20-3 Datasheet HTML 14Page - Lumileds Lighting Company Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
10
The number of LED emitters per string also
affects the total supply current. For a fixed
number of LED emitters longer string lengths
result in fewer total strings and thus a lower
total supply current. Figure 3.3 shows the
total supply current for the series string
configurations in Figure 3.2. Figure 3.3 assumes
a total of 60 LED emitters, thus 2 LED strings
would require 30 strings, 3 LED strings would
require 20 strings, etc. Note that the total
supply current is much higher for series strings
with 2 and 3 emitters.
As shown by Figures 3.2 and 3.3, the choice of
the number of emitters per string is a tradeoff
between the regulation of forward current due
to input voltage variations and the total supply
current for the LED array. Small string lengths
give excellent forward current regulation, but
require a higher supply current. Long string
lengths provide poor forward current regulation
but require less supply current. For these
reasons, most 12 V resistive limited designs
use three or four LED emitters per series
string (y = 3 or 4).
Variations in the forward voltage characteristics
of the individual LED emitters can lead to forward
current variations within the LED array. These
forward current variations directly affect the
luminous flux output of each LED emitter and can
cause noticeable luminous intensity variations
within the LED array. These random variations in
forward voltage characteristics affect the three
circuits shown in Figure 3.1 differently.
The “series string” circuit shown in Figure 3.1a
is least affected by random forward voltage
variations between the LED emitters because the
forward voltages of all LED emitters in a given
string are averaged together. In many cases, one
emitter with a high forward voltage can cancel
out another emitter in the same series string with
a low forward voltage. In addition, the voltage
drop across the current limiting resistor, R, is
much higher than the combined voltage drops
across the series resistors, yR
S. Thus, small
variations in R
S only cause small variations in the
forward current through the series string.
Because SuperFlux and SnapLED 70 emitters
are categorized for forward voltage at 70 mA
(150 mA for the SnapLED 150), the smallest
Figure 3.2 Forward Current Through String of
HPWA-xHOO LED Emitters versus Applied
Voltage.
Figure 3.3 Total Supply Current versus Supply
Voltage for Sixty HPWA-xHOO Emitter LED
Signal Lamp Array Driven in Series Strings
with Two, Three, Four, Five, or Six Emitters
per String.


Similar Part No. - AB20-3

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
AB20-3 LUMILEDS-AB20-3 Datasheet
206Kb / 16P
   Using SuperFlux LEDs in Automotive Signal Lamps
AB20-3A LUMILEDS-AB20-3A Datasheet
187Kb / 7P
   Advanced Electrical Design Models
AB20-3B LUMILEDS-AB20-3B Datasheet
188Kb / 18P
   SuperFlux & SnapLED Emitter Forward Voltage Data
More results

Similar Description - AB20-3

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
AB20-5 LUMILEDS-AB20-5 Datasheet
2Mb / 23P
   Secondary Optics Design Considerations for SuperFlux LEDs
AB20-6 LUMILEDS-AB20-6 Datasheet
376Kb / 11P
   Reliability Considerations for SuperFlux LEDs
AB20-4 LUMILEDS-AB20-4 Datasheet
266Kb / 14P
   Thermal Management Considerations for SuperFlux LEDs
logo
Fairchild Semiconductor
AN4138 FAIRCHILD-AN4138 Datasheet
404Kb / 20P
   Design Considerations
logo
Winbond
AN-CC1002 WINBOND-AN-CC1002 Datasheet
131Kb / 3P
   Design Considerations for ISD1700 Family
logo
List of Unclassifed Man...
HPWT-RH02-00000 ETC2-HPWT-RH02-00000 Datasheet
1Mb / 17P
   SuperFlux LEDs
logo
Lumileds Lighting Compa...
DS05 LUMILEDS-DS05 Datasheet
850Kb / 10P
   SuperFlux LEDs
logo
List of Unclassifed Man...
HPWT-RDX0 ETC2-HPWT-RDX0 Datasheet
1Mb / 14P
   SuperFlux LEDs
logo
Lumileds Lighting Compa...
DS55 LUMILEDS-DS55 Datasheet
821Kb / 9P
   Lead-Free SuperFlux LEDs
logo
Exar Corporation
AN-202 EXAR-AN-202 Datasheet
161Kb / 4P
   USB UART BOARD DESIGN CONSIDERATIONS FOR USB COMPLIANCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com