Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MGB-038L5DC Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # MGB-038L5DC
Description  GBIC Transceiver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MGB-038L5DC Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  MGB-038L5DC Datasheet HTML 1Page - List of Unclassifed Manufacturers MGB-038L5DC Datasheet HTML 2Page - List of Unclassifed Manufacturers MGB-038L5DC Datasheet HTML 3Page - List of Unclassifed Manufacturers MGB-038L5DC Datasheet HTML 4Page - List of Unclassifed Manufacturers MGB-038L5DC Datasheet HTML 5Page - List of Unclassifed Manufacturers MGB-038L5DC Datasheet HTML 6Page - List of Unclassifed Manufacturers MGB-038L5DC Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
HG Genuine
GBIC Transceiver
MGB-243S
information stored for retrieval by host equipment. This information is accessed via the 2-wire serial CMOS
EEPROM protocol of ATMEL AT24C01A.
TX_Fault
When sensing an improper power level in the laser driver, the GBIC set this signal high and turns off the Laser.
TX_FAULT can be reset with the TX_DISABLE line. The signal is in TTL level.
TX_Disable
The TX_DISABLE signal is high (TTL logic "1") to turn off the laser output. The laser will turn on within
1ms when TX_DISABLE is low (TTL logic "0").
Receive Loss (RX_LOS)
The RX_LOS is high (logic "1") when there is no incoming light from the companion transceiver. This signal
is normally used by the system for the diagnostic purpose. The signal is operated in TTL level.
Figure 2 shows the internal frame of GBIC, Figure3、4 show the typical eye diagrams of this product.
TRANSIMITER
RECEIVEER
DATA+
DATA-
DATA+
PM
BIAS
TX-FAULT
TXd+
TXdis
TXd-
RXd+
RXd-
RXLOS
MOD_DEF(0
)
MOD_DEF(2)
MOD_DEF(1)
jimper
Figure 2: Internal Frame
4of7


Similar Part No. - MGB-038L5DC

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
MGB100D MICRO-ELECTRONICS-MGB100D Datasheet
42Kb / 1P
   HIGH BRIGHTNESS GREEN LED LAMP
MGB100DA MICRO-ELECTRONICS-MGB100DA Datasheet
41Kb / 1P
   HIGH BRIGHTNESS GREEN LED LAMP
MGB120D MICRO-ELECTRONICS-MGB120D Datasheet
44Kb / 1P
   HIGH BRIGHTNESS GREEN LED LAMP
MGB120DA-3 MICRO-ELECTRONICS-MGB120DA-3 Datasheet
45Kb / 1P
   ULTRA HIGH BRIGHTNESS GREEN LED LAMP
logo
ON Semiconductor
MGB15N35CL ONSEMI-MGB15N35CL Datasheet
250Kb / 10P
   Ignition IGBT 15 Amps, 350 Volts N-Channel TO-220 and D2PAK
July, 2006 ??Rev. 5
More results

Similar Description - MGB-038L5DC

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FTR-1629-17 FINISAR-FTR-1629-17 Datasheet
149Kb / 10P
   DWDM GBIC Transceiver
logo
Source Photonics, Inc.
FTM-5012S-G80G SOURCE-FTM-5012S-G80G Datasheet
248Kb / 8P
   1.25Gbps GBIC Transceiver
logo
Finisar Corporation.
FCM-8519-1-T4 FINISAR-FCM-8519-1-T4 Datasheet
73Kb / 9P
   Copper GBIC Transceiver
FTR-1631-17 FINISAR-FTR-1631-17 Datasheet
87Kb / 10P
   DWDM GBIC Transceiver
logo
OPLINK Communications I...
DTR1250SMGBL1 OPLINK-DTR1250SMGBL1 Datasheet
107Kb / 5P
   GBIC Single Mode Transceiver
logo
Finisar Corporation.
FTR-8519-3D FINISAR-FTR-8519-3D Datasheet
188Kb / 8P
   Short-Wavelength GBIC Transceiver
logo
Level One
GVT-0302 LVL1-GVT-0302 Datasheet
195Kb / 2P
   Mini GBIC SFP transceiver
logo
Finisar Corporation.
FTR-1419 FINISAR-FTR-1419 Datasheet
172Kb / 9P
   40km Extended GBIC Transceiver
FTR-1319-3D FINISAR-FTR-1319-3D Datasheet
142Kb / 8P
   Long-Wavelength GBIC Transceiver
FTL-8519-3D FINISAR-FTL-8519-3D Datasheet
242Kb / 9P
   Short-Wavelength GBIC Transceiver
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com