Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TT92N Datasheet(PDF) 11 Page - eupec GmbH

Part # TT92N
Description  Phase Control Thyristor Module
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUPEC [eupec GmbH]
Direct Link  http://www.eupec.com
Logo EUPEC - eupec GmbH

TT92N Datasheet(HTML) 11 Page - eupec GmbH

Back Button TT92N Datasheet HTML 5Page - eupec GmbH TT92N Datasheet HTML 6Page - eupec GmbH TT92N Datasheet HTML 7Page - eupec GmbH TT92N Datasheet HTML 8Page - eupec GmbH TT92N Datasheet HTML 9Page - eupec GmbH TT92N Datasheet HTML 10Page - eupec GmbH TT92N Datasheet HTML 11Page - eupec GmbH TT92N Datasheet HTML 12Page - eupec GmbH TT92N Datasheet HTML 13Page - eupec GmbH  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
N
Netz-Thyristor-Modul
Phase Control Thyristor Module
Datenblatt / Data sheet
TT92N
BIP AC/ 27.05.2002, C. Drilling
A8/02
11/12
Seite/page
Sperrverzögerungsladung
Grenzstrom
100
1000
1
10
100
-di/dt [A/µs]
iTM = 500A
20A
50A
100A
200A
Sperrverzögerungsladung / Recovered charge Qr = f(-di/dt)
Tvj = Tvjmax, vR ≤ 0,5 VRRM, vRM = 0,8 VRRM
Parameter: Durchlaßstrom / On-state current iTM
0
200
400
600
800
1.000
1.200
1.400
1.600
0,01
0,1
1
t [s]
a
TA = 35 °C
b
TA = 45 °C
Grenzstrom / Maximum overload on-state current IT(OV)M = f(t), vRM = 0,8 VRRM
a: Leerlauf / No-load conditions
b: nach Belastung mit ITAVM / after load with ITAVM
TA = 35°C, Luftselbstkühlung / Forced air cooling
TA = 45°C, natürliche Luftkühlung / Natural air cooling


Similar Part No. - TT92N

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TT92N INFINEON-TT92N Datasheet
755Kb / 11P
   Netz-Thyristor-Modul Phase Control Thyristor Module
2020-05-29 Revision: 3.3
More results

Similar Description - TT92N

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TT330N ETC-TT330N Datasheet
66Kb / 4P
   Phase Control Thyristor Module
logo
eupec GmbH
TT570N EUPEC-TT570N Datasheet
409Kb / 13P
   Phase Control Thyristor Module
TT380N EUPEC-TT380N Datasheet
412Kb / 13P
   Phase Control Thyristor Module
TTW3C115N16 EUPEC-TTW3C115N16 Datasheet
432Kb / 10P
   Phase Control Thyristor Module
TT180N EUPEC-TT180N Datasheet
407Kb / 13P
   Phase Control Thyristor Module
TTW3C85N16 EUPEC-TTW3C85N16 Datasheet
313Kb / 10P
   Phase Control Thyristor Module
TTB6C95N16 EUPEC-TTB6C95N16 Datasheet
370Kb / 7P
   Phase Control Thyristor Module
TTB6C135N16 EUPEC-TTB6C135N16 Datasheet
429Kb / 7P
   Phase Control Thyristor Module
TD142N EUPEC-TD142N Datasheet
445Kb / 13P
   Netz-Thyristor-Module Phase Control Thyristor Module
logo
Infineon Technologies A...
TT425N16KOF INFINEON-TT425N16KOF Datasheet
404Kb / 14P
   TT425N16KOF Phase Control Thyristor Module
19.12.02 revision:1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com