Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MGB-038L0VC Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # MGB-038L0VC
Description  GBIC Transceiver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MGB-038L0VC Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  MGB-038L0VC Datasheet HTML 1Page - List of Unclassifed Manufacturers MGB-038L0VC Datasheet HTML 2Page - List of Unclassifed Manufacturers MGB-038L0VC Datasheet HTML 3Page - List of Unclassifed Manufacturers MGB-038L0VC Datasheet HTML 4Page - List of Unclassifed Manufacturers MGB-038L0VC Datasheet HTML 5Page - List of Unclassifed Manufacturers MGB-038L0VC Datasheet HTML 6Page - List of Unclassifed Manufacturers MGB-038L0VC Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
HG Genuine
GBIC Transceiver
MGB-243S
Receiver Loss of Signal
Assert Time _Logic low to high
tA, RX-LOS
100
us
Receiver Loss of Signal
Assert Time _Logic high to low
tD, RX-LOS
100
us
Pin Figure:
Figure 1
Pin Definitions:
Pin
Signal Name
Description
1
RX-LOS
Receiver Loss of Signal, TTL high, open collector
2
RGND
Receiver Ground
3
RGND
Receiver Ground
4
MOD_DEF(0)
TTL Low
5
MOD_DEF(1)
SCL Serial Clock Signal
6
MOD_DEF(2)
SDA Serial Data Signal
7
TX-DISABLE
Transmitter Disable
8
TGND
Transmitter Ground
9
TGND
Transmitter Ground
10
TX-FAULT
Transmit Fault
11
RGND
Receiver Ground
12
-RX_DAT
Receiver Data, Differential PECL, AC coupled
13
+RX_DAT
Receiver Data, Differential PECL, AC coupled
14
RGND
Receiver Ground
15
VDDR
Receiver supply
16
VDDT
Transmitter supply
17
TGND
Transmitter Ground
18
+TX_DAT
Transmitter Data, Differential PECL, AC coupled
19
-TX_DAT
Transmitter Data, Differential PECL, AC coupled
20
TGND
Transmitter Ground
Functions Description:
The laser is driven by a LD driver IC which converts differential input LVPECL (3.3V) or PECL (5V) logic
signals into an analog laser driving current.
MGB-243X complies with Module Definition 4. It features an EEPROM that contains the detailed product
3of7


Similar Part No. - MGB-038L0VC

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
MGB100D MICRO-ELECTRONICS-MGB100D Datasheet
42Kb / 1P
   HIGH BRIGHTNESS GREEN LED LAMP
MGB100DA MICRO-ELECTRONICS-MGB100DA Datasheet
41Kb / 1P
   HIGH BRIGHTNESS GREEN LED LAMP
MGB120D MICRO-ELECTRONICS-MGB120D Datasheet
44Kb / 1P
   HIGH BRIGHTNESS GREEN LED LAMP
MGB120DA-3 MICRO-ELECTRONICS-MGB120DA-3 Datasheet
45Kb / 1P
   ULTRA HIGH BRIGHTNESS GREEN LED LAMP
logo
ON Semiconductor
MGB15N35CL ONSEMI-MGB15N35CL Datasheet
250Kb / 10P
   Ignition IGBT 15 Amps, 350 Volts N-Channel TO-220 and D2PAK
July, 2006 ??Rev. 5
More results

Similar Description - MGB-038L0VC

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FTR-1629-17 FINISAR-FTR-1629-17 Datasheet
149Kb / 10P
   DWDM GBIC Transceiver
logo
Source Photonics, Inc.
FTM-5012S-G80G SOURCE-FTM-5012S-G80G Datasheet
248Kb / 8P
   1.25Gbps GBIC Transceiver
logo
Finisar Corporation.
FCM-8519-1-T4 FINISAR-FCM-8519-1-T4 Datasheet
73Kb / 9P
   Copper GBIC Transceiver
FTR-1631-17 FINISAR-FTR-1631-17 Datasheet
87Kb / 10P
   DWDM GBIC Transceiver
logo
OPLINK Communications I...
DTR1250SMGBL1 OPLINK-DTR1250SMGBL1 Datasheet
107Kb / 5P
   GBIC Single Mode Transceiver
logo
Finisar Corporation.
FTR-8519-3D FINISAR-FTR-8519-3D Datasheet
188Kb / 8P
   Short-Wavelength GBIC Transceiver
logo
Level One
GVT-0302 LVL1-GVT-0302 Datasheet
195Kb / 2P
   Mini GBIC SFP transceiver
logo
Finisar Corporation.
FTR-1419 FINISAR-FTR-1419 Datasheet
172Kb / 9P
   40km Extended GBIC Transceiver
FTR-1319-3D FINISAR-FTR-1319-3D Datasheet
142Kb / 8P
   Long-Wavelength GBIC Transceiver
FTL-8519-3D FINISAR-FTL-8519-3D Datasheet
242Kb / 9P
   Short-Wavelength GBIC Transceiver
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com