Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S6605QA Datasheet(PDF) 5 Page - Mosel Vitelic, Corp

Part # S6605QA
Description  21/32/43/60 VOICE ROM
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

S6605QA Datasheet(HTML) 5 Page - Mosel Vitelic, Corp

  S6605QA Datasheet HTML 1Page - Mosel Vitelic, Corp S6605QA Datasheet HTML 2Page - Mosel Vitelic, Corp S6605QA Datasheet HTML 3Page - Mosel Vitelic, Corp S6605QA Datasheet HTML 4Page - Mosel Vitelic, Corp S6605QA Datasheet HTML 5Page - Mosel Vitelic, Corp S6605QA Datasheet HTML 6Page - Mosel Vitelic, Corp S6605QA Datasheet HTML 7Page - Mosel Vitelic, Corp S6605QA Datasheet HTML 8Page - Mosel Vitelic, Corp S6605QA Datasheet HTML 9Page - Mosel Vitelic, Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
MOSEL VITELIC INC.
5/27
PID248*** 08/96
Specifications subject to change without notice, contact your sales representatives for the most recent information.
MSS2105/S3205/S4305/S6605
preliminary
course he can access the first ten sentences by
way 1st. To access the 11st sentence or higher,
these 5 pins (ROW0 through ROW4) are played as
the D-tree.
ROW5 and ROW6 are played as
S-tree.
ROW6 means 1, ROW5 means zero.
ROW4 means 40, ROW3 means 30, ..., ROW0
means 0.
Of course, the fabrication should be
masked as KeyBoard addressing.
The 3rd way (Matrix addressing):
To cooperate with TG7 as well as 7 TGn pins (TG0
through TG6), they form an 8x7 matrix in 56 cross
points.
The touch of a cross point activates a
trigger signal to play respectively sentence.
Of course, the fabrication should be masked as
matrix addressing.
Rosc
This is a pin to provided bias to activate built in
VCO circuit. A 1200 K ohm resistor serial from
Vdd (3.0V) to this pin can play the audio output at
6 KHz sample rate.
Larger Rosc plays lower
frequency.
LED
This is an output pin which can flash an LED lamp
at Fix 6 Hz in a sink type by I led. Fix 6 Hz flash
means this pin turns LED lamp on for 83 ms and
then turns it off for 83 ms alternately.
1
2
filename of
S6605's
filename of
S4305's
filename of
S3205's
filename of
S2105's
Functions
S6605QA
S6605QE
S4305QA
S4305QE
S3205QA
S3205QE
S2105QA
S2105QE
to define 128 word sections
to define 64 sentence tables


Similar Part No. - S6605QA

ManufacturerPart #DatasheetDescription
logo
Heyco.
S6600 HEYCO-S6600 Datasheet
110Kb / 1P
   SunRunner® PVHR Cable Clips
S6601 HEYCO-S6601 Datasheet
110Kb / 1P
   SunRunner® PVHR Cable Clips
S6608 HEYCO-S6608 Datasheet
139Kb / 1P
   SunStrap
More results

Similar Description - S6605QA

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
MSS4305 MOSEL-MSS4305 Datasheet
7Kb / 1P
   43 Voice ROM
MSS2105 MOSEL-MSS2105 Datasheet
7Kb / 1P
   21 Voice ROM
MSS3205 MOSEL-MSS3205 Datasheet
8Kb / 1P
   32 Voice ROM
logo
Aplus Intergrated Circu...
API840N APLUS-API840N Datasheet
284Kb / 10P
   32 to 40 SEC INSTANT VOICE ROM
logo
Mosel Vitelic, Corp
MSS0605 MOSEL-MSS0605 Datasheet
152Kb / 7P
   VOICE ROM
MSS0287 MOSEL-MSS0287 Datasheet
83Kb / 5P
   VOICE ROM
logo
Integrated Silicon Solu...
22C040 ISSI-22C040 Datasheet
58Kb / 11P
   32 to 40 SEC INSTANT VOICE ROM
logo
Mosel Vitelic, Corp
MSS1506 MOSEL-MSS1506 Datasheet
142Kb / 8P
   VOICE ROM
MSS0271 MOSEL-MSS0271 Datasheet
62Kb / 12P
   2.7 VOICE ROM
MSS0306-1 MOSEL-MSS0306-1 Datasheet
167Kb / 19P
   3 VOICE ROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com