Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTR2101PT1G Datasheet(PDF) 3 Page - ON Semiconductor

Part # NTR2101PT1G
Description  Small Signal MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTR2101PT1G Datasheet(HTML) 3 Page - ON Semiconductor

  NTR2101PT1G Datasheet HTML 1Page - ON Semiconductor NTR2101PT1G Datasheet HTML 2Page - ON Semiconductor NTR2101PT1G Datasheet HTML 3Page - ON Semiconductor NTR2101PT1G Datasheet HTML 4Page - ON Semiconductor NTR2101PT1G Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
NTR2101P
http://onsemi.com
3
0
2
4
6
8
10
0
1
23
45
VGS = −2.6 V to −6.0 V
VGS = −2.4 V
VGS = −2.2 V
VGS = −2.0 V
VGS = −1.8 V
VGS = −1.4 V
VGS = −1.2 V
−VDS, DRAIN−TO−SOURCE VOLTAGE (V)
Figure 1. On−Region Characteristics
0
2
4
6
8
10
01
2
3
4
TJ = 25°C
−VGS, GATE−TO−SOURCE VOLTAGE (V)
Figure 2. Transfer Characteristics
VDS ≥ −10 V
TJ = 25°C
TJ = 150°C
TJ = −55°C
0
0.05
0.1
0.15
0.2
0.25
01
2
3
4
5
6
−VGS, GATE−TO−SOURCE VOLTAGE (V)
Figure 3. On−Resistance versus
Gate−to−Source Voltage
ID = −3.7 A
TJ = 25°C
0
0.02
0.04
0.06
0.08
23
45
67
8
−ID, DRAIN CURRENT (A)
TJ = 150°C
TJ = 25°C
TJ = −55°C
Figure 4. On−Resistance versus Drain Current
and Gate Voltage
VGS = −4.5 V
0.8
0.9
1.1
1.2
1.3
1.4
1.5
1.6
1.7
−50
−25
0
25
50
75
100
125
150
1.0
TJ, JUNCTION TEMPERATURE (°C)
Figure 5. On−Resistance Variation with
Temperature
ID = −3.7 A
VGS = −4.5 V
100
1000
10000
100000
02
46
8
−VDS, DRAIN−TO−SOURCE VOLTAGE (VOLTS)
Figure 6. Drain−to−Source Leakage Current
versus Voltage
VGS = 0 V
TJ = 150°C
TJ = 100°C


Similar Part No. - NTR2101PT1G

ManufacturerPart #DatasheetDescription
logo
ZP Semiconductor
NTR2101PT1G ZPSEMI-NTR2101PT1G Datasheet
166Kb / 2P
   Small Signal MOSFET
logo
ON Semiconductor
NTR2101PT1G ONSEMI-NTR2101PT1G Datasheet
102Kb / 6P
   Small Signal MOSFET
October, 2016 ??Rev. 7
logo
VBsemi Electronics Co.,...
NTR2101PT1G VBSEMI-NTR2101PT1G Datasheet
1Mb / 9P
   P-Channel 20-V (D-S) MOSFET
More results

Similar Description - NTR2101PT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BS170 ONSEMI-BS170 Datasheet
52Kb / 4P
   Small Signal MOSFET Small Signal MOSFET Small Signal MOSFET
April, 2004 ??Rev. 4
logo
List of Unclassifed Man...
CMT2N7000 ETC1-CMT2N7000 Datasheet
118Kb / 5P
   Small Signal MOSFET
logo
Leshan Radio Company
L2N7002KWT1G LRC-L2N7002KWT1G_15 Datasheet
685Kb / 6P
   Small Signal MOSFET
LNTA7002NT1G LRC-LNTA7002NT1G_15 Datasheet
410Kb / 5P
   Small Signal MOSFET
logo
ON Semiconductor
NTR5103N ONSEMI-NTR5103N_16 Datasheet
133Kb / 5P
   Small Signal MOSFET
October, 2016 ??Rev. 1
NTNS41006PZ ONSEMI-NTNS41006PZ Datasheet
80Kb / 6P
   Small Signal MOSFET
May, 2017 ??Rev. 1
logo
SEMTECH ELECTRONICS LTD...
2N7000 SEMTECH_ELEC-2N7000 Datasheet
148Kb / 2P
   Small Signal MOSFET
logo
ON Semiconductor
NTNS3C94NZ ONSEMI-NTNS3C94NZ_16 Datasheet
71Kb / 6P
   Small Signal MOSFET
December, 2016 ??Rev. 1
NTJS4405N ONSEMI-NTJS4405N_11 Datasheet
135Kb / 5P
   Small Signal MOSFET
October, 2011 ??Rev. 6
NTJD4158C ONSEMI-NTJD4158C_15 Datasheet
91Kb / 7P
   Small Signal MOSFET
Febuary, 2015 ??Rev. 5
NTJD4001N ONSEMI-NTJD4001N_15 Datasheet
72Kb / 5P
   Small Signal MOSFET
May, 2015 ??Rev. 7
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com