Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OMAP3503 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # OMAP3503
Description  Applications Processor
Download  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OMAP3503 Datasheet(HTML) 1 Page - Texas Instruments

  OMAP3503 Datasheet HTML 1Page - Texas Instruments OMAP3503 Datasheet HTML 2Page - Texas Instruments OMAP3503 Datasheet HTML 3Page - Texas Instruments OMAP3503 Datasheet HTML 4Page - Texas Instruments OMAP3503 Datasheet HTML 5Page - Texas Instruments OMAP3503 Datasheet HTML 6Page - Texas Instruments OMAP3503 Datasheet HTML 7Page - Texas Instruments OMAP3503 Datasheet HTML 8Page - Texas Instruments OMAP3503 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 227 page
background image
www.ti.com
1
OMAP3515/03 Applications Processor
1.1 Features
OMAP3515/03 Applications Processor
SPRS505 – FEBRUARY 2008
• External Memory Interfaces:
• OMAP3515/03 Applications Processor:
SDRAM Controller (SDRC)
OMAP™ 3 Architecture
• 16, 32-bit Memory Controller With
MPU Subsystem
2G-Byte Total Address Space
• 600-MHz ARM Cortex™-A8 Core
• Interfaces to Low-Power Double Data
• NEON™ SIMD Coprocessor
Rate (LPDDR) SDRAM
2D/3D Graphics Accelerator (OMAP3515
• SDRAM Memory Scheduler (SMS) and
Device Only)
Rotation Engine
• Tile Based Architecture Delivering 10
General Purpose Memory Controller
MPoly/sec
(GPMC)
• Universal Scalable Shader Engine:
• 16-bit Wide Multiplexed Address/Data
Multi-threaded Engine Incorporating
Bus
Pixel and Vertex Shader Functionality
• Up to 8 Chip Select Pins With 129M-Byte
• Industry Standard API Support:
Address Space per Chip Select Pin
OpenGLES 1.1 and 2.0, OpenVG1.0 and
• Glueless Interface to NOR Flash, NAND
Direct3D Mobile
Flash (With ECC Hamming Code
• Fine Grained Task Switching, Load
Calculation), SRAM and Pseudo-SRAM
Balancing, and Power Management
• Flexible Asynchronous Protocol Control
• Programmable High Quality Image
for Interface to Custom Logic (FPGA,
Anti-Aliasing
CPLD, ASICs, etc.)
Fully Software-Compatible With ARM9™
• Nonmultiplexed Address/Data Mode
• ARM Cortex™-A8 Core
(Limited 2K-Byte Address Space)
ARMv7 Architecture
• System Direct Memory Access (sDMA)
• Trust Zone®
Controller (32 Logical Channels With
• Thumb®-2
Configurable Priority)
• MMU Enhancements
• Camera Image Signal Processing (ISP)
In-Order, Dual-Issue, Superscalar
CCD and CMOS Imager Interface
Microprocessor Core
Memory Data Input
NEON™ Multimedia Architecture
RAW Data Interface
Over 2x Performance of ARMv6 SIMD
BT.601/BT.656 Digital YCbCr 4:2:2
Supports Both Integer and Floating Point
(8-/16-Bit) Interface
SIMD
A-Law Compression and Decompression
Jazelle® RCT Execution Environment
Preview Engine for Real-Time Image
Architecture
Processing
Dynamic Branch Prediction with Branch
Glueless Interface to Common Video
Target Address Cache, Global History
Decoders
Buffer, and 8-Entry Return Stack
Histogram Module/Auto-Exposure,
Embedded Trace Macrocell (ETM) Support
Auto-White Balance, and Auto-Focus
for Non-Invasive Debug
Engine
• ARM Cortex™-A8 Memory Architecture:
Resize Engine
16K-Byte Instruction Cache (4-Way
• Resize Images From 1/4x to 4x
Set-Associative)
• Separate Horizontal/Vertical Control
16K-Byte Data Cache (4-Way
• Display Subsystem
Set-Associative)
Parallel Digital Output
256K-Byte L2 Cache
• Up to 24-Bit RGB
• Endianess: ARM Big Endian
• HD Maximum Resolution
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this document.
is a trademark of ~ Texas Instruments.
All other trademarks are the property of their respective owners.
PRODUCT PREVIEW information concerns products in the
Copyright © 2008, Texas Instruments Incorporated
formative or design phase of development. Characteristic data and
other specifications are design goals. Texas Instruments reserves
the right to change or discontinue these products without notice.


Similar Part No. - OMAP3503

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OMAP3503 TI-OMAP3503 Datasheet
3Mb / 262P
[Old version datasheet]   Applications Processor
OMAP3503 TI1-OMAP3503 Datasheet
3Mb / 264P
[Old version datasheet]   OMAP3515/03 Applications Processor
OMAP3503 TI-OMAP3503 Datasheet
2Mb / 264P
[Old version datasheet]   OMAP3515 and OMAP3503 Applications Processors
OMAP3503 TI1-OMAP3503 Datasheet
2Mb / 264P
[Old version datasheet]   OMAP3515 and OMAP3503 Applications Processors
OMAP3503 TI1-OMAP3503 Datasheet
2Mb / 264P
[Old version datasheet]   OMAP3515 and OMAP3503 Applications Processors
More results

Similar Description - OMAP3503

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DM3730 TI-DM3730_10 Datasheet
2Mb / 268P
[Old version datasheet]   Applications Processor
OMAP3515 TI-OMAP3515_08 Datasheet
3Mb / 262P
[Old version datasheet]   Applications Processor
OMAP3530 TI-OMAP3530_08 Datasheet
3Mb / 264P
[Old version datasheet]   Applications Processor
OMAP5912 TI-OMAP5912 Datasheet
2Mb / 254P
[Old version datasheet]   Applications Processor
OMAP3530 TI-OMAP3530 Datasheet
2Mb / 230P
[Old version datasheet]   Applications Processor
logo
Freescale Semiconductor...
MCIMX27 FREESCALE-MCIMX27_08 Datasheet
1Mb / 132P
   Multimedia Applications Processor
logo
Texas Instruments
OMAP5912 TI1-OMAP5912_16 Datasheet
2Mb / 270P
[Old version datasheet]   OMAP5912 Applications Processor
DRA78 TI1-DRA78 Datasheet
3Mb / 282P
[Old version datasheet]   Infotainment Applications Processor
DRA722 TI1-DRA722_17 Datasheet
5Mb / 408P
[Old version datasheet]   Infotainment Applications Processor
logo
Freescale Semiconductor...
MCIMX27 FREESCALE-MCIMX27 Datasheet
10Mb / 1650P
   Multimedia Applications Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com