Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PEC11 Datasheet(PDF) 3 Page - Bourns Electronic Solutions

Part # PEC11
Description  12 mm Incremental Encoder
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

PEC11 Datasheet(HTML) 3 Page - Bourns Electronic Solutions

  PEC11 Datasheet HTML 1Page - Bourns Electronic Solutions PEC11 Datasheet HTML 2Page - Bourns Electronic Solutions PEC11 Datasheet HTML 3Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
PEC11 Series - 12 mm Incremental Encoder
Product Dimensions
PEC11-4xxxK-Nxxxx
13.2
(.520)
12.5
(.492)
5.0
(.197)
13.2
(.520)
7.5
(.295)
5.0
(.197)
1.8 +0.2/-0
(.071 +.008/-0)
2 PLCS.
2 PLCS.
2.6 +0.2/-0
(.102 +.008/-0)
1.0 +0.2/-0
(.039 +.008/-0)
DIA. 3 PLCS.
C
B
A
C
B
A
A
P
L
LB
2.4
(.094)
7.0
(.276)
7.5
(.295)
3.5
(.138)
6.5
(.256)
M7x0.75
1.0
(.039)
6.0 +0/-0.1
(.236 +0/-.004)
DIA.
C
B
A CHANNEL A
COMMON
CHANNEL B
LLB
P
A
15
5.0
7.0
6.0
(.591)
(.197)
(.276)
(.236)
20
7.0
7.0
6.0
(.787)
(.276)
(.276)
(.236)
30
7.0
16.0
12.0
(1.181)
(.276)
(.630)
(.472)
13.2
(.520)
5.0
(.197)
7.5
(.295)
7.0
(.276)
2.5
(.098)
2.5
(.098)
1.8 +0.2/-0
(.071 +.008/-0)
2 PLCS.
2 PLCS.
2.6 +0.2/-0
(.102 +.008/-0)
1.0 +0.2/-0
(.039 +.008/-0)
DIA. 5 PLCS.
C
B
A
C
B
A
PEC11-4xxxK-Sxxxx
12.5
(.492)
5.0
(.197)
5.0
(.197)
13.2
(.520)
A
P
L
LB
2.4
(.094)
7.0
(.276)
7.5
(.295)
3.5
(.138)
6.5
(.256)
M7x0.75
1.0
(.039)
6.0 +0/-0.1
(.236 +0/-.004)
DIA.
SWITCH
TRAVEL
0.5
(.020)
C
B
A CHANNEL A
COMMON
CHANNEL B
LLB
P
A
15
5.0
7.0
6.0
(.591)
(.197)
(.276)
(.236)
20
7.0
7.0
6.0
(.787)
(.276)
(.276)
(.236)
DIMENSIONS:
MM
(INCHES)
REV. 03/08


Similar Part No. - PEC11

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PEC11-4115F-N0018 BOURNS-PEC11-4115F-N0018 Datasheet
250Kb / 3P
   PEC11 Series - 12 mm Incremental Encoder
PEC11D BOURNS-PEC11D Datasheet
535Kb / 3P
   PEC11D Series - 12 mm Dual Concentric Rotary Encoder w/Switch
PEC11D-4120F-H0015 BOURNS-PEC11D-4120F-H0015 Datasheet
535Kb / 3P
   PEC11D Series - 12 mm Dual Concentric Rotary Encoder w/Switch
PEC11D-4120F-S0015 BOURNS-PEC11D-4120F-S0015 Datasheet
535Kb / 3P
   PEC11D Series - 12 mm Dual Concentric Rotary Encoder w/Switch
PEC11H BOURNS-PEC11H Datasheet
432Kb / 4P
   PEC11H Series - 11 mm Encoder w/High Detent Force
REV. 07/21
More results

Similar Description - PEC11

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PEC11R BOURNS-PEC11R Datasheet
311Kb / 3P
   12 mm Incremental Encoder
PEC11R BOURNS-PEC11R_16 Datasheet
306Kb / 3P
   12 mm Incremental Encoder
PEC12R BOURNS-PEC12R_16 Datasheet
352Kb / 4P
   12 mm Incremental Encoder
PEC12R BOURNS-PEC12R Datasheet
371Kb / 4P
   12 mm Incremental Encoder
PEC12 BOURNS-PEC12 Datasheet
263Kb / 3P
   12 mm Incremental Encoder
PEC11S-9220F-S0015 BOURNS-PEC11S-9220F-S0015 Datasheet
378Kb / 3P
   12 mm SMD Incremental Encoder
PEC11-4115F-N0018 BOURNS-PEC11-4115F-N0018 Datasheet
250Kb / 3P
   PEC11 Series - 12 mm Incremental Encoder
PEC11S BOURNS-PEC11S Datasheet
378Kb / 3P
   PEC11S Series - 12 mm SMD Incremental Encoder
PEC16-4020F-S0012 BOURNS-PEC16-4020F-S0012_15 Datasheet
368Kb / 3P
   16 mm Incremental Encoder
PEC09-2020F-S0012 BOURNS-PEC09-2020F-S0012 Datasheet
331Kb / 3P
   9 mm Incremental Encoder
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com