Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI2EQX4402D Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PI2EQX4402D
Description  2.5 Gbps x2 Lane Serial PCI Express Repeater/Equalizer with Signal Detect feature
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI2EQX4402D Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI2EQX4402D Datasheet HTML 1Page - Pericom Semiconductor Corporation PI2EQX4402D Datasheet HTML 2Page - Pericom Semiconductor Corporation PI2EQX4402D Datasheet HTML 3Page - Pericom Semiconductor Corporation PI2EQX4402D Datasheet HTML 4Page - Pericom Semiconductor Corporation PI2EQX4402D Datasheet HTML 5Page - Pericom Semiconductor Corporation PI2EQX4402D Datasheet HTML 6Page - Pericom Semiconductor Corporation PI2EQX4402D Datasheet HTML 7Page - Pericom Semiconductor Corporation PI2EQX4402D Datasheet HTML 8Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
PS8873B
11/16/06
Features
• Two High Speed PCI Express lanes
• Supports PCI Express data rates (2.5 Gbps) on each lane
• Adjustable Transmiter De-Emphasis & Amplitude
• Adjustable Receiver Equalization
• Input Signal Level Detect & Output Squelch on all Channels
• Two Spread Spectrum Reference Clock Buffer Outputs
• 100Ω Differential CML I/O’s
• Low Power (100mW per Channel)
• Standby Mode – Power Down State
• VDD Operating Range: 1.8V +/-0.1V
• Packaging (Pb-free & Green): 84-ball LFBGA (NB84)
Description
Pericom Semiconductor’s PI2EQX4402D is a low power,
PCI Express compliant signal Re-Driver. The device provides
programmable equalization, amplification, and de-emphasis
by using 7 select bits, SEL[0:6], to optimize performance
over a variety of physical mediums by reducing Inter-symbol
interference. PI2EQX4402D supports four 100 Differential CML
data I/O’s between the Protocol ASIC to a switch fabric, across
a backplane, or extends the signals across other distant data
pathways on the user’s platform.
The integrated equalization circuitry provides flexibility with
signal integrity of the PCI Express signal before the Re-Driver.
Whereas the integrated de-emphasis circuitry provides flexibility
with signal integrity of the PCI Express signal after the Re-
Driver.
A low-level input signal detection and output squelch function
is provided for all four channels. Each channel operates fully
independantly. When a channel is enabled (EN_x=1) and
operating, that channel input signal level (on xl+/-) determines
whether the output is enabled. If the innput level of the channel
falls below the active threshold level (Vth-) then the output driver
switches off, and the pin is pulled to VDD via a high impedance
resistor.
In addition to providing signal re-conditioning, Pericom’s
PI2EQX4402D also provides power management Stand-by mode
operated by an Enable pin. A differential clock buffer is provided
for test and other system requirements. This clock function is not
used by the data channels.
PI2EQX4402D
2.5 Gbps x2 Lane Serial PCI Express Repeater/Equalizer
with Signal Detect feature
06-0306


Similar Part No. - PI2EQX4402D

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI2EQX4402DNBE PERICOM-PI2EQX4402DNBE Datasheet
557Kb / 7P
   2.5 Gbps x2 Lane Serial PCI Express Repeater/Equalizer with Signal Detect feature
PI2EQX4402D PERICOM-PI2EQX4402D_12 Datasheet
557Kb / 7P
   2.5 Gbps x2 Lane Serial PCI Express Repeater/Equalizer with Signal Detect feature
More results

Similar Description - PI2EQX4402D

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI2EQX4402D PERICOM-PI2EQX4402D_12 Datasheet
557Kb / 7P
   2.5 Gbps x2 Lane Serial PCI Express Repeater/Equalizer with Signal Detect feature
PI2EQX4432D PERICOM-PI2EQX4432D Datasheet
481Kb / 6P
   2.5 Gbps x2 Lane PCI Express Repeater/Equalizer with Signal Detect and Flow-Through Pinout
PI2EQX4401D PERICOM-PI2EQX4401D Datasheet
474Kb / 8P
   2.5Gbps x1 Lane Serial PCI-Express Repeater/Equalizer with Clock Buffer & Signal Detect Feature
PI2EQX4402 PERICOM-PI2EQX4402 Datasheet
416Kb / 7P
   2.5Gbps x2 Lane Serial PCI Express Repeater/Equalizer
PI2EQX4401 PERICOM-PI2EQX4401 Datasheet
343Kb / 7P
   2.5Gbps x1 Lane Serial PCI Express Repeater/Equalizer with Clock Buffer
logo
Texas Instruments
DS50PCI402 TI1-DS50PCI402_14 Datasheet
904Kb / 35P
[Old version datasheet]   2.5 Gbps / 5.0 Gbps 4 Lane PCI Express Repeater with Equalization and De-Emphasis
DS80PCI402 TI1-DS80PCI402 Datasheet
1Mb / 39P
[Old version datasheet]   2.5 Gbps / 5.0 Gbps / 8.0 Gbps 4 Lane PCI Express Repeater with Equalization and De-Emphasis
DS80PCI402 TI1-DS80PCI402_15 Datasheet
3Mb / 54P
[Old version datasheet]   2.5-Gbps / 5.0-Gbps / 8.0-Gbps 4-Lane PCI-Express Repeater With Equalization and De-Emphasis
DS80PCI102 TI1-DS80PCI102_15 Datasheet
3Mb / 46P
[Old version datasheet]   2.5-Gbps / 5.0-Gbps / 8.0-Gbps 1-Lane PCI-Express Repeater With Equalization and De-Emphasis
DS50PCI402SQ TI-DS50PCI402SQ Datasheet
1Mb / 38P
[Old version datasheet]   DS50PCI402 2.5 Gbps / 5.0 Gbps 4 Lane PCI Express Repeater with Equalization and De-Emphasis
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com