Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI2EQX4402D Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PI2EQX4402D
Description  2.5 Gbps x2 Lane Serial PCI Express Repeater/Equalizer with Signal Detect feature
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI2EQX4402D Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI2EQX4402D Datasheet HTML 1Page - Pericom Semiconductor Corporation PI2EQX4402D Datasheet HTML 2Page - Pericom Semiconductor Corporation PI2EQX4402D Datasheet HTML 3Page - Pericom Semiconductor Corporation PI2EQX4402D Datasheet HTML 4Page - Pericom Semiconductor Corporation PI2EQX4402D Datasheet HTML 5Page - Pericom Semiconductor Corporation PI2EQX4402D Datasheet HTML 6Page - Pericom Semiconductor Corporation PI2EQX4402D Datasheet HTML 7Page - Pericom Semiconductor Corporation PI2EQX4402D Datasheet HTML 8Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
PS8873B
11/16/06
PI2EQX4402D
2.5Gbps x2 Lane Serial PCI Express Repeater / Equalizer
with Signal Detect feature
Pin Description
Pin #
Pin Name
I/O
Description
B1, F1, D2, E2,
B3, F3, H4, B8,
F8, B10, F10
VDD
PWR
1.8V Supply Voltage
C3
AI+
I
Positive CML Input Channel A with internal 50Ω pull down during normal operation
(EN_A=1). When EN_A=0, this pin is high impedance.
D3
AI-
I
Negative CML Input Channel A with internal 50Ω pull down during normal operation
(EN_A=1). When EN_A=0, this pin is high impedance.
E1, J1, F2, E3, J3,
H7, E8, J8, D9,
E9, F9, E10, J10
GND
PWR
Supply Ground
C8
BI+
I
Positive CML Input Channel B with internal 50Ω pull down during normal operation
(EN_B=1). When EN_B=0, this pin is high impedance.
D8
BI-
I
Negative CML Input Channel B with internal 50Ω pull down during normal operation
(EN_B=1). When EN_B=0, this pin is high impedance.
G3
CI+
I
Positive CML Input Channel C with internal 50Ω pull down during normal operation
(EN_C=1). When EN_C=0, this pin is high impedance.
H3
CI-
I
Negative CML Input Channel C with internal 50Ω pull down during normal operation
(EN_C=1). When EN_C=0, this pin is high impedance.
G8
DI+
I
Positive CML Input Channel D with internal 50Ω pull down during normal operation
(EN_D=1). When EN_D=0, this pin is high impedance.
H8
DI-
I
Negative CML Input Channel D with internal 50Ω pull down during normal operation
(EN_D=1). When EN_D=0, this pin is high impedance.
A3, B4, B5
SEL[0:
2]_A
I
Selection pins for equalizer (see Amplifier Configuration Table)
w/ 50KΩ internal pull up
A4, C4, C5
SEL[0:2]_B
I
G2, J2, J4
SEL[0:2]_C
I
H2, K2, J5
SEL[0:2]_D
I
B6, A5
SEL[3:4]_A
I
Selection pins for amplifier (see Amplifier Configuration Table)
w/ 50KΩ internal pull up
C6, A6
SEL[3:4]_B
I
K3, K4
SEL[3:4]_C
I
J6, J9
SEL[3:4]_D
I
B7, A7
SEL[5:6]_A
I
Selection pins for De-Emphasis (See De-Emphasis Configuration Table)
w/ 50KΩ internal pull up
C7, A8
SEL[5:6]_B
I
K9, G9
SEL[5:6]_C
I
K10, H9
SEL[5:6]_D
I
C10
AO+
O
Positive CML Output Channel A internal 50Ω pull up during normal operation and
2KΩ pull up otherwise.
D10
AO-
O
Negative CML Output Channel A with internal 50Ω pull up during normal operation
and 2KΩ pull up otherwise.
C1
BO+
O
Positive CML Output Channel B with internal 50Ω pull up during normal operation
and 2KΩ pull up otherwise.
D1
BO-
O
Negative CMLOutput Channel B with internal 50Ω pull up during normal operation
and 2KΩ pull up otherwise.
G10
CO+
O
Positive CMLOutput Channel C with internal 50Ω pull up during normal operation
and 2KΩ pull up otherwise.
H10
CO-
O
Negative CMLOutput Channel C with internal 50Ω pull up during normal operation
and 2KΩ pull up otherwise.
06-0306


Similar Part No. - PI2EQX4402D

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI2EQX4402DNBE PERICOM-PI2EQX4402DNBE Datasheet
557Kb / 7P
   2.5 Gbps x2 Lane Serial PCI Express Repeater/Equalizer with Signal Detect feature
PI2EQX4402D PERICOM-PI2EQX4402D_12 Datasheet
557Kb / 7P
   2.5 Gbps x2 Lane Serial PCI Express Repeater/Equalizer with Signal Detect feature
More results

Similar Description - PI2EQX4402D

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI2EQX4402D PERICOM-PI2EQX4402D_12 Datasheet
557Kb / 7P
   2.5 Gbps x2 Lane Serial PCI Express Repeater/Equalizer with Signal Detect feature
PI2EQX4432D PERICOM-PI2EQX4432D Datasheet
481Kb / 6P
   2.5 Gbps x2 Lane PCI Express Repeater/Equalizer with Signal Detect and Flow-Through Pinout
PI2EQX4401D PERICOM-PI2EQX4401D Datasheet
474Kb / 8P
   2.5Gbps x1 Lane Serial PCI-Express Repeater/Equalizer with Clock Buffer & Signal Detect Feature
PI2EQX4402 PERICOM-PI2EQX4402 Datasheet
416Kb / 7P
   2.5Gbps x2 Lane Serial PCI Express Repeater/Equalizer
PI2EQX4401 PERICOM-PI2EQX4401 Datasheet
343Kb / 7P
   2.5Gbps x1 Lane Serial PCI Express Repeater/Equalizer with Clock Buffer
logo
Texas Instruments
DS50PCI402 TI1-DS50PCI402_14 Datasheet
904Kb / 35P
[Old version datasheet]   2.5 Gbps / 5.0 Gbps 4 Lane PCI Express Repeater with Equalization and De-Emphasis
DS80PCI402 TI1-DS80PCI402 Datasheet
1Mb / 39P
[Old version datasheet]   2.5 Gbps / 5.0 Gbps / 8.0 Gbps 4 Lane PCI Express Repeater with Equalization and De-Emphasis
DS80PCI402 TI1-DS80PCI402_15 Datasheet
3Mb / 54P
[Old version datasheet]   2.5-Gbps / 5.0-Gbps / 8.0-Gbps 4-Lane PCI-Express Repeater With Equalization and De-Emphasis
DS80PCI102 TI1-DS80PCI102_15 Datasheet
3Mb / 46P
[Old version datasheet]   2.5-Gbps / 5.0-Gbps / 8.0-Gbps 1-Lane PCI-Express Repeater With Equalization and De-Emphasis
DS50PCI402SQ TI-DS50PCI402SQ Datasheet
1Mb / 38P
[Old version datasheet]   DS50PCI402 2.5 Gbps / 5.0 Gbps 4 Lane PCI Express Repeater with Equalization and De-Emphasis
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com