Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

REF2912 Datasheet(PDF) 4 Page - Texas Instruments

Part # REF2912
Description  100ppm/째C, 50關A in SOT23-3 CMOS VOLTAGE REFERENCE
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

REF2912 Datasheet(HTML) 4 Page - Texas Instruments

  REF2912_08 Datasheet HTML 1Page - Texas Instruments REF2912_08 Datasheet HTML 2Page - Texas Instruments REF2912_08 Datasheet HTML 3Page - Texas Instruments REF2912_08 Datasheet HTML 4Page - Texas Instruments REF2912_08 Datasheet HTML 5Page - Texas Instruments REF2912_08 Datasheet HTML 6Page - Texas Instruments REF2912_08 Datasheet HTML 7Page - Texas Instruments REF2912_08 Datasheet HTML 8Page - Texas Instruments REF2912_08 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
REF2912, 2920, 2925, 2930, 2933, 2940
4
SBVS033B
www.ti.com
TYPICAL CHARACTERISTICS
At TA = +25°C, VIN = +5V power supply, REF2925 is used for typical characteristics, unless otherwise noted.
QUIESCENT CURRENT vs TEMPERATURE
60
50
40
30
20
10
0
Temperature (
°C)
–40
–20
0
20
60
40
80
100
120
140
TEMPERATURE DRIFT (0
°C to +70°C)
50
45
40
35
30
25
20
15
10
5
0
510 15
20
25 30
40
35
45
50 55
65
60
Drift (ppm/
°C)
TEMPERATURE DRIFT (–40
°C to +125°C)
100
90
80
70
60
50
40
30
20
10
0
510 15
20
25 30
40
35
45
50 55
65
60
Drift (ppm/
°C)
LOAD REGULATION vs TEMPERATURE
6
5
4
3
2
1
0
Temperature (
°C)
–40
–20
0
20
60
40
80
100
120
140
OUTPUT VOLTAGE vs TEMPERATURE
2.502
2.500
2.498
2.496
2.494
2.492
2.490
–40
–20
0
20
60
40
80
100
120
140
Temperature (
°C)
MAXIMUM LOAD CURRENT vs TEMPERATURE
35
30
25
20
15
10
5
–40
–20
0
20
60
40
80
100
120
140
Temperature (
°C)


Similar Part No. - REF2912_08

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
REF2912 BURR-BROWN-REF2912_07 Datasheet
409Kb / 16P
   100ppm/째C, 50關A in SOT23-3 CMOS VOLTAGE REFERENCE
More results

Similar Description - REF2912_08

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
REF2912 TI-REF2912_15 Datasheet
618Kb / 17P
[Old version datasheet]   100ppm/째C, 50關A in SOT23-3 CMOS VOLTAGE REFERENCE
logo
Burr-Brown (TI)
REF2912 BURR-BROWN-REF2912_07 Datasheet
409Kb / 16P
   100ppm/째C, 50關A in SOT23-3 CMOS VOLTAGE REFERENCE
logo
Texas Instruments
REF3012 TI-REF3012_15 Datasheet
622Kb / 17P
[Old version datasheet]   50ppm/째C Max, 50關A in SOT23-3 CMOS VOLTAGE REFERENCE
logo
Burr-Brown (TI)
REF2912 BURR-BROWN-REF2912 Datasheet
345Kb / 13P
   100ppm/C, 50UA in SOT23-3 CMOS VOLTAGE REFERENCE
logo
Texas Instruments
REF3033-Q1 TI1-REF3033-Q1 Datasheet
737Kb / 17P
[Old version datasheet]   50 ppm/째C MAX, 50 關A, CMOS VOLTAGE REFERENCE
REF3212 TI-REF3212_13 Datasheet
902Kb / 20P
[Old version datasheet]   4ppm/째C, 100關A, SOT23-6 SERIES VOLTAGE REFERENCE
logo
Maxim Integrated Produc...
MAX6520 MAXIM-MAX6520 Datasheet
83Kb / 6P
   50ppm/째C, SOT23, 3-Terminal, 1.2V Voltage Reference
Rev 0; 9/96
MAX6520 MAXIM-MAX6520_V01 Datasheet
328Kb / 6P
   50ppm/째C, SOT23, 3-Terminal, 1.2V Voltage Reference
2005
logo
Burr-Brown (TI)
REF3012 BURR-BROWN-REF3012 Datasheet
412Kb / 14P
   50ppm/C Max, 50UA in SOT23-3 CMOS VOLTAGE REFERENCE
logo
Texas Instruments
REF3012 TI-REF3012 Datasheet
309Kb / 13P
[Old version datasheet]   50ppm/C Max, 50UA in SOT23-3 CMOS VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com