Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM1231-02SO Datasheet(PDF) 11 Page - California Micro Devices Corp

Part # CM1231-02SO
Description  Two-Channel PicoGuard XPTM ESD Clamp Protection Array
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CM1231-02SO Datasheet(HTML) 11 Page - California Micro Devices Corp

Back Button CM1231-02SO Datasheet HTML 3Page - California Micro Devices Corp CM1231-02SO Datasheet HTML 4Page - California Micro Devices Corp CM1231-02SO Datasheet HTML 5Page - California Micro Devices Corp CM1231-02SO Datasheet HTML 6Page - California Micro Devices Corp CM1231-02SO Datasheet HTML 7Page - California Micro Devices Corp CM1231-02SO Datasheet HTML 8Page - California Micro Devices Corp CM1231-02SO Datasheet HTML 9Page - California Micro Devices Corp CM1231-02SO Datasheet HTML 10Page - California Micro Devices Corp CM1231-02SO Datasheet HTML 11Page - California Micro Devices Corp  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
© 2007 California Micro Devices Corp. All rights reserved.
12/17/07
490 N. McCarthy Blvd., Milpitas, CA 95035-5112
Tel: 408.263.3214
Fax: 408.263.7846
www.cmd.com
11
CM1231
CM1231
Issue X-1
Tape and Reel Specifications
Figure 15. Tape and Reel Specifications
PART NUMBER
PACKAGE SIZE
(mm)
POCKET SIZE (mm)
B0 X A0 X K0
TAPE WIDTH
W
REEL
DIAMETER
QTY PER
REEL
P0
P1
CM1231
3.05 X 3.00 X 1.45
3.20 X 3.20 X 1.40
8mm
178mm (7")
3000
4mm
4mm
Top
For Tape Feeder Reference
Cover
Tape
P1
Only including Draft.
Concentric Around B.
Ko
Embossment
User Direction of Feed
±0.2 mm
Po
Center Lines
of Cavity
W
10 Pitches Cumulative
Tolerance On Tape
Ao
Bo


Similar Part No. - CM1231-02SO

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CM1231-02SO ONSEMI-CM1231-02SO Datasheet
317Kb / 12P
   2,4,8-Channel Low-Capacitance ESD Protection Array
January, 2014 ??Rev. 4
More results

Similar Description - CM1231-02SO

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CM1233 ONSEMI-CM1233 Datasheet
308Kb / 13P
   PicoGuard XS짰 ESD Clamp Array For High Speed Data Line Protection
April 2010 ??Rev. 2
CM1234 ONSEMI-CM1234 Datasheet
273Kb / 13P
   PicoGuard XS짰 ESD Clamp Array For High Speed Data Line Protection
April 2010 ??Rev. 3
logo
California Micro Device...
CM1234 CALMIRCO-CM1234 Datasheet
169Kb / 10P
   PicoGuard XSTM ESD Clamp Array For High Speed Data Line Protection
logo
ON Semiconductor
CM1236 ONSEMI-CM1236 Datasheet
268Kb / 14P
   PicoGuard XS짰 ESD Clamp Array For High Speed Data Line Protection
April 2010 ??Rev. 3
CM1235 ONSEMI-CM1235 Datasheet
264Kb / 14P
   Small Footprint PicoGuard XS짰 ESD Clamp Array For High Speed Data Line Protection
April 2010 ??Rev. 3
logo
California Micro Device...
CM1233 CALMIRCO-CM1233 Datasheet
173Kb / 10P
   PicoGuard XSTM eXtreme Speed ESD Clamp Array For High Speed Data Line Protection
logo
ON Semiconductor
ESD4238 ONSEMI-ESD4238 Datasheet
206Kb / 8P
   ESD Clamp Array with ESD Protection
January, 2014 ??Rev. 1
logo
California Micro Device...
PACDN017 CALMIRCO-PACDN017 Datasheet
133Kb / 3P
   18 CHANNEL ESD PROTECTION ARRAY WITH ZENER SUPPLY CLAMP
PACDN016 CALMIRCO-PACDN016 Datasheet
134Kb / 3P
   6 CHANNEL ESD PROTECTION ARRAY WITH ZENER SUPPLY CLAMP
PACDN004 CALMIRCO-PACDN004 Datasheet
135Kb / 3P
   2 CHANNEL ESD PROTECTION ARRAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com