Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74CBT16211ADGGRG4 Datasheet(PDF) 3 Page - Texas Instruments

Part # 74CBT16211ADGGRG4
Description  24-BIT FET BUS SWITCH
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

74CBT16211ADGGRG4 Datasheet(HTML) 3 Page - Texas Instruments

  74CBT16211ADGGRG4 Datasheet HTML 1Page - Texas Instruments 74CBT16211ADGGRG4 Datasheet HTML 2Page - Texas Instruments 74CBT16211ADGGRG4 Datasheet HTML 3Page - Texas Instruments 74CBT16211ADGGRG4 Datasheet HTML 4Page - Texas Instruments 74CBT16211ADGGRG4 Datasheet HTML 5Page - Texas Instruments 74CBT16211ADGGRG4 Datasheet HTML 6Page - Texas Instruments 74CBT16211ADGGRG4 Datasheet HTML 7Page - Texas Instruments 74CBT16211ADGGRG4 Datasheet HTML 8Page - Texas Instruments 74CBT16211ADGGRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
SN74CBT16211A
24BIT FET BUS SWITCH
SCDS028M − JULY 1995 − REVISED SEPTEMBER 2003
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage range, VCC
−0.5 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, VI (see Note 1)
−0.5 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous channel current
128 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input clamp current, IIK (VI < 0)
−50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Package thermal impedance,
θJA (see Note 2): DGG package
64
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
DGV package
48
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
DL package
56
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
GQL/ZQL package
42
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
−65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. The input and output negative-voltage ratings may be exceeded if the input and output clamp-current ratings are observed.
2. The package thermal impedance is calculated in accordance with JESD 51-7.
recommended operating conditions (see Note 3)
MIN
MAX
UNIT
VCC
Supply voltage
4
5.5
V
VIH
High-level control input voltage
2
V
VIL
Low-level control input voltage
0.8
V
TA
Operating free-air temperature
−40
85
°C
NOTE 3: All unused control inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP‡
MAX
UNIT
VIK
VCC = 4.5 V,
II = −18 mA
−1.2
V
II
VCC = 0 V,
VI = 5.5 V
10
A
II
VCC = 5.5 V,
VI = 5.5 V or GND
±1
µA
ICC
VCC = 5.5 V,
IO = 0,
VI = VCC or GND
3
µA
∆ICC§
Control inputs
VCC = 5.5 V,
One input at 3.4 V,
Other inputs at VCC or GND
2.5
mA
Ci
Control inputs
VI = 3 V or 0
3
pF
Cio(off)
VO = 3 V or 0,
OE = VCC
5.5
pF
VCC = 4 V,
TYP at VCC = 4 V
VI = 2.4 V,
II = 15 mA
14
20
ron¶
VI = 0
II = 64 mA
5
7
ron¶
VCC = 4.5 V
VI = 0
II = 30 mA
5
7
VCC = 4.5 V
VI = 2.4 V,
II = 15 mA
8
12
‡ All typical values are at VCC = 5 V (unless otherwise noted), TA = 25°C.
§ This is the increase in supply current for each input that is at the specified TTL voltage level, rather than VCC or GND.
¶ Measured by the voltage drop between the A and B terminals at the indicated current through the switch. On-state resistance is determined by
the lowest voltage of the two (A or B) terminals.


Similar Part No. - 74CBT16211ADGGRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74CBT16211ADGGRE4 TI-74CBT16211ADGGRE4 Datasheet
314Kb / 12P
[Old version datasheet]   24-BIT FET BUS SWITCH
More results

Similar Description - 74CBT16211ADGGRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74CBT16211A TI-SN74CBT16211A_07 Datasheet
452Kb / 14P
[Old version datasheet]   24-BIT FET BUS SWITCH
SN74CBT16211A TI-SN74CBT16211A Datasheet
314Kb / 12P
[Old version datasheet]   24-BIT FET BUS SWITCH
SN74CBT16213 TI1-SN74CBT16213_08 Datasheet
333Kb / 11P
[Old version datasheet]   24-BIT FET BUS-EXCHANGE SWITCH
SN74CBT16213 TI-SN74CBT16213 Datasheet
83Kb / 5P
[Old version datasheet]   24-BIT FET BUS-EXCHANGE SWITCH
SN74CBTH16211 TI-SN74CBTH16211 Datasheet
171Kb / 9P
[Old version datasheet]   24-BIT FET BUS SWITCH WITH BUS HOLD
SN74CBTLV16211 TI-SN74CBTLV16211 Datasheet
172Kb / 10P
[Old version datasheet]   LOW-VOLTAGE 24-BIT FET BUS SWITCH
SN74CBTLV16211C TI-SN74CBTLV16211C Datasheet
303Kb / 11P
[Old version datasheet]   LOW-VOLTAGE 24-BIT FET BUS SWITCH
SN74CBTLV16211 TI1-SN74CBTLV16211_08 Datasheet
361Kb / 12P
[Old version datasheet]   LOW-VOLTAGE 24-BIT FET BUS SWITCH
SN74CB3Q16211 TI-SN74CB3Q16211 Datasheet
274Kb / 12P
[Old version datasheet]   24 BIT SWITCH 2.5V 3.3V VOLTAGE FET BUS SWITCH
SN74CBTLV16212 TI-SN74CBTLV16212 Datasheet
105Kb / 8P
[Old version datasheet]   LOW-VOLTAGE 24-BIT FET BUS-EXCHANGE SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com