Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MGB-125L5FT Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # MGB-125L5FT
Description  GBIC Transceiver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MGB-125L5FT Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  MGB-125L5FT Datasheet HTML 1Page - List of Unclassifed Manufacturers MGB-125L5FT Datasheet HTML 2Page - List of Unclassifed Manufacturers MGB-125L5FT Datasheet HTML 3Page - List of Unclassifed Manufacturers MGB-125L5FT Datasheet HTML 4Page - List of Unclassifed Manufacturers MGB-125L5FT Datasheet HTML 5Page - List of Unclassifed Manufacturers MGB-125L5FT Datasheet HTML 6Page - List of Unclassifed Manufacturers MGB-125L5FT Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
HG Genuine
GBIC Transceiver
MGB-243S
Transceiver Electrical Characteristics
Parameter
Symbol
Min
Typ
Max
Unit
Note
Surge Current
ISURGE
30
mA
0.5
1.0
W
3.3V
Power Dissipation
PDISS
0.8
1.5
W
5V
Transmitter Electro-optical Characteristics
Parameter
Symbol
Min
Typ
Max
Unit
Note
Output Optical Power
9/125um SMF
PO
-9.5
7
-3
dBm
avg
Optical Extinction Ratio
9
dB
Center Wavelength
λ
C
1280
1310
1340
nm
Spectral Width
2.8
nm rms
Optical Rise /Fall Time
tr/tf
0.26
ns
Total Contributed Jitter
TJ
227
ps p-p
Max. Pout TX-DISABLE Asserted
POFF
-35
dBm
Output Eye
Compliant with IEEE802.3z
Differential Input Voltage
VDIFF
0.65
2.0
V
Transmit Fault Output-Low
TX-FAULTL
0
0.5
V
Transmit Fault Output-High
TX-FAULTH
2.4
VCC
V
TX-DISABLE Assert Time
t-off
10
us
TX-DISABLE Negate Time
t-on
1
ms
Time to initialize, includes reset of
TX-FAULT
t-init
300
ms
TX-FAULT from fault to assertion
t-fault
100
us
TX-DISABLE time to start reset
t-reset
10
us
Receiver Electro-optical Characteristics
Parameter
Symbol
Min
Typ
Max
Unit
Note
Input Optical Power
Pin
-23
7
-3
dBm
2
7-1 PRBS
BER<10
-12
Operating Center Wavelength
λ
C
1200
1660
nm
Return Loss
ORL
12
dB
Receiver Loss of Signal-TTL low
PRX-LOS A
-23
dBm
Receiver Loss of Signal-TTL high
PRX-LOS D
-31
dBm
Receiver Differential Output Voltage
±RX_DAT
370
2000
mV-
p
Receiver Output Rise Time
TrRx_DAT
0.25
0.35
ns
Receiver Output Fall Time
TfRX_DAT
0.25
0.35
ns
Receiver Loss of Light Load
RX-LOSLoad
4.7
10
Receiver Loss of Signal
Output Voltage -low
RX-LOSL
0.0
0.5
V
Receiver Loss of Signal
Output Voltage -high
RX-LOSH
VCC-0.5
VCC+0.3
V
2of7


Similar Part No. - MGB-125L5FT

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
MGB100D MICRO-ELECTRONICS-MGB100D Datasheet
42Kb / 1P
   HIGH BRIGHTNESS GREEN LED LAMP
MGB100DA MICRO-ELECTRONICS-MGB100DA Datasheet
41Kb / 1P
   HIGH BRIGHTNESS GREEN LED LAMP
MGB120D MICRO-ELECTRONICS-MGB120D Datasheet
44Kb / 1P
   HIGH BRIGHTNESS GREEN LED LAMP
MGB120DA-3 MICRO-ELECTRONICS-MGB120DA-3 Datasheet
45Kb / 1P
   ULTRA HIGH BRIGHTNESS GREEN LED LAMP
logo
ON Semiconductor
MGB15N35CL ONSEMI-MGB15N35CL Datasheet
250Kb / 10P
   Ignition IGBT 15 Amps, 350 Volts N-Channel TO-220 and D2PAK
July, 2006 ??Rev. 5
More results

Similar Description - MGB-125L5FT

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FTR-1629-17 FINISAR-FTR-1629-17 Datasheet
149Kb / 10P
   DWDM GBIC Transceiver
logo
Source Photonics, Inc.
FTM-5012S-G80G SOURCE-FTM-5012S-G80G Datasheet
248Kb / 8P
   1.25Gbps GBIC Transceiver
logo
Finisar Corporation.
FCM-8519-1-T4 FINISAR-FCM-8519-1-T4 Datasheet
73Kb / 9P
   Copper GBIC Transceiver
FTR-1631-17 FINISAR-FTR-1631-17 Datasheet
87Kb / 10P
   DWDM GBIC Transceiver
logo
OPLINK Communications I...
DTR1250SMGBL1 OPLINK-DTR1250SMGBL1 Datasheet
107Kb / 5P
   GBIC Single Mode Transceiver
logo
Finisar Corporation.
FTR-8519-3D FINISAR-FTR-8519-3D Datasheet
188Kb / 8P
   Short-Wavelength GBIC Transceiver
logo
Level One
GVT-0302 LVL1-GVT-0302 Datasheet
195Kb / 2P
   Mini GBIC SFP transceiver
logo
Finisar Corporation.
FTR-1419 FINISAR-FTR-1419 Datasheet
172Kb / 9P
   40km Extended GBIC Transceiver
FTR-1319-3D FINISAR-FTR-1319-3D Datasheet
142Kb / 8P
   Long-Wavelength GBIC Transceiver
FTL-8519-3D FINISAR-FTL-8519-3D Datasheet
242Kb / 9P
   Short-Wavelength GBIC Transceiver
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com