Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KSM-501M2S Datasheet(PDF) 1 Page - KODENSHI_AUK CORP.

Part # KSM-501M2S
Description  Infrared receiver modules
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

KSM-501M2S Datasheet(HTML) 1 Page - KODENSHI_AUK CORP.

  KSM-501M2S Datasheet HTML 1Page - KODENSHI_AUK CORP. KSM-501M2S Datasheet HTML 2Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Infrared receiver modules
[Ta=25
]
[Ta=25
, Vcc=5.0V(Vcc=3.0V)]
*1. It specifies the maxmum distance between emitter and detector that the output wave form satisfies the standard under the conditions
below against the standard transmitter.
1) Measuring place
: Indoor without extreme reflection of light
2) Ambient light source : Detecting surface illumination shall be irradiate 200
50lx under ordinary white fluorescence lamp without
high frequency lightning
3) Standard transmitter : Burst wave of standard transmitter shall be arranged to 50mVP-P under the measuring circuit
1/2
Model No.
B.P.F Center Frequency(kHz)
Soldering Temperature
Tsol
260
Storage Temperature
Tstg
-20 ~ +75
Operating Temperature
Topr
-10 ~ +60
KSM-50 M2S
Parameter
Symbol
Ratings
Unit
Supply Voltage
Vcc
6.0
V
Output Form
KSM-505M2S
56.9
Parameter
Symbol
Condition
Active Low Output
Min.
Typ.
KSM-501M2S
40.0
KSM-502M2S
36.7
KSM-503M2S
37.9
KSM-504M2S
32.7
Max.
Unit
Recommended Supply Voltage
Vcc
(Max 5 sec)
2.7
-
5.5
V
Current Consumption
Icc
No signal input
0.5
0.8(0.7)
1.5
mA
Peak Wavelength
*1
p
-
940
-
nm
B.P.F Center Frequency
fo
-
37.9
-
kHz
4.5(2.8)
L
m
8-
-
5-
30 ˚
-
Transmission Distance
*1
250
50lx
0 ˚
High level Output voltage
*1
VOH
30cm over
V
Low level Output voltage
*1
VOL
the ray axis
-
0.1
0.5
V
5.0(3.0)
-
High level Output Pulse Width *1
TWH
Burst wave=600
400
600
800
Low level Output Pulse Width *1
TWL
Period = 1.2ms
400
600
800
Features
Small size SMD package
Wide supply-voltage range : 2.7V to 5.5V
Shielded against electrical field disturbance
High immunity against ambient light disturbances
(Logic Controller Adaptation)
Available for carrier frequencies between 32.7KHz to 56.9KHz
TTL and CMOS compatible
The KSM-50 E consist of a PIN Photodiode of high
speed and a preamplifier IC in the package as an receiver
for Infrared remote control systems
Applications
Audio & Video Applications (TV, VTR, Audio, DVDP, CDP)
Home Appliances (Air conditioner, Computer, Camcoder)
Wireless Toys
Remote Control Equipment
Maximum Ratings
Electro-Optical Characteristics
DIMENSIONS
B.P.F Center Frequency


Similar Part No. - KSM-501M2S

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KSM-50X KODENSHI-KSM-50X Datasheet
87Kb / 2P
   4.3mmX5.2mm Small Size SMD Package Remocon
More results

Similar Description - KSM-501M2S

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KSM-711TE2E KODENSHI-KSM-711TE2E Datasheet
191Kb / 2P
   Infrared receiver modules
logo
Vishay Siliconix
PM1SB1 VISHAY-PM1SB1 Datasheet
44Kb / 2P
   Infrared receiver modules
Rev. 1.1, 27-Jul-04
logo
KODENSHI_AUK CORP.
KSM-601LM2E KODENSHI-KSM-601LM2E Datasheet
184Kb / 2P
   Infrared receiver modules
logo
Lite-On Technology Corp...
LTM-9034 LITEON-LTM-9034 Datasheet
483Kb / 3P
   INFRARED REMOTE CONTROL RECEIVER MODULES
logo
Sanyo Semicon Device
SPS-400 SANYO-SPS-400 Datasheet
109Kb / 1P
   Receiver Preamp Modules for Infrared Remote Controller
logo
NXP Semiconductors
TDA3047 PHILIPS-TDA3047 Datasheet
382Kb / 6P
   INFRARED RECEIVER
March 1991
TDA3048 PHILIPS-TDA3048 Datasheet
382Kb / 6P
   INFRARED RECEIVER
March 1991
logo
Everlight Electronics C...
EAIRMLA2 EVERLIGHT-EAIRMLA2 Datasheet
699Kb / 9P
   Infrared Receiver Control Receiver Module
EAIRMMA0 EVERLIGHT-EAIRMMA0 Datasheet
597Kb / 8P
   Infrared Receiver Control Receiver Module
EAIRMHA1 EVERLIGHT-EAIRMHA1 Datasheet
752Kb / 9P
   Infrared Receiver Control Receiver Module
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com