Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LV157APW Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LV157APW
Description  QUADRUPLE-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LV157APW Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN74LV157APW Datasheet HTML 2Page - Texas Instruments SN74LV157APW Datasheet HTML 3Page - Texas Instruments SN74LV157APW Datasheet HTML 4Page - Texas Instruments SN74LV157APW Datasheet HTML 5Page - Texas Instruments SN74LV157APW Datasheet HTML 6Page - Texas Instruments SN74LV157APW Datasheet HTML 7Page - Texas Instruments SN74LV157APW Datasheet HTML 8Page - Texas Instruments SN74LV157APW Datasheet HTML 9Page - Texas Instruments SN74LV157APW Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
SN54LV157A, SN74LV157A
QUADRUPLE 2LINE TO 1LINE DATA SELECTORS/MULTIPLEXERS
SCLS397F − APRIL 1998 − REVISED APRIL 2005
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
operating characteristics, TA = 25°C
PARAMETER
TEST CONDITIONS
VCC
TYP
UNIT
Cpd
Power dissipation capacitance
CL = 50 pF,
f = 10 MHz
3.3 V
12.1
pF
Cpd
Power dissipation capacitance
CL = 50 pF,
f = 10 MHz
5 V
13.1
pF


Similar Part No. - SN74LV157APW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LV157APW TI-SN74LV157APW Datasheet
357Kb / 15P
[Old version datasheet]   QUADRUPLE 2 LINE TO 1 LINE DATA SELECTORS / MULTIPLEXERS
SN74LV157APW TI-SN74LV157APW Datasheet
503Kb / 17P
[Old version datasheet]   QUADRUPLE-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
SN74LV157APWE4 TI-SN74LV157APWE4 Datasheet
503Kb / 17P
[Old version datasheet]   QUADRUPLE-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
SN74LV157APWG4 TI-SN74LV157APWG4 Datasheet
357Kb / 15P
[Old version datasheet]   QUADRUPLE 2 LINE TO 1 LINE DATA SELECTORS / MULTIPLEXERS
SN74LV157APWG4 TI-SN74LV157APWG4 Datasheet
503Kb / 17P
[Old version datasheet]   QUADRUPLE-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
More results

Similar Description - SN74LV157APW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LV157A TI-SN54LV157A Datasheet
503Kb / 17P
[Old version datasheet]   QUADRUPLE-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
SN74S257J TI1-SN74S257J Datasheet
1Mb / 23P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
logo
Unisonic Technologies
U74LVC157 UTC-U74LVC157_15 Datasheet
204Kb / 6P
   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS / MULTIPLEXERS
logo
Texas Instruments
SN54AHC157 TI1-SN54AHC157_15 Datasheet
1Mb / 27P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
SN54AHCT158 TI1-SN54AHCT158_15 Datasheet
633Kb / 15P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
CD54AC157 TI-CD54AC157_07 Datasheet
480Kb / 13P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
logo
Unisonic Technologies
U74LVC157 UTC-U74LVC157 Datasheet
192Kb / 6P
   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
logo
Texas Instruments
SN54HCT157 TI-SN54HCT157_07 Datasheet
342Kb / 13P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
logo
Unisonic Technologies
U74AHC158 UTC-U74AHC158 Datasheet
219Kb / 6P
   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
logo
Texas Instruments
SN74LV157 TI-SN74LV157 Datasheet
357Kb / 15P
[Old version datasheet]   QUADRUPLE 2 LINE TO 1 LINE DATA SELECTORS / MULTIPLEXERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com