Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74TVC16222A Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # SN74TVC16222A
Description  22-BIT VOLTAGE CLAMP
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74TVC16222A Datasheet(HTML) 10 Page - Texas Instruments

Back Button SN74TVC16222A Datasheet HTML 6Page - Texas Instruments SN74TVC16222A Datasheet HTML 7Page - Texas Instruments SN74TVC16222A Datasheet HTML 8Page - Texas Instruments SN74TVC16222A Datasheet HTML 9Page - Texas Instruments SN74TVC16222A Datasheet HTML 10Page - Texas Instruments SN74TVC16222A Datasheet HTML 11Page - Texas Instruments SN74TVC16222A Datasheet HTML 12Page - Texas Instruments SN74TVC16222A Datasheet HTML 13Page - Texas Instruments SN74TVC16222A Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
SN74TVC16222A
22BIT VOLTAGE CLAMP
SCDS087G − APRIL 1999 − REVISED APRIL 2005
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
APPLICATION INFORMATION
features and benefits
The TVC family has several features that benefit a system designer when implementing a
sensitive-I/O-protection solution. Table 1 lists these features and their associated benefits.
Table 1. Features and Benefits
FEATURES
BENEFITS
Any FET can be used as the reference transistor.
Ease of layout
All FETs on one die, tight process control
Very low spread of VO relative to VREF
No active control logic (passive device)
No logic power supply (VCC) required
Flow-through pinout
Ease of trace routing
Devices offered in different bit widths and packages
Optimizes design and cost effectiveness
Designer flexibility with VREF input
Allows migration to lower-voltage I/Os without board redesign
conclusion
The TI TVC family provides the designer with a solution for protection of circuits with I/Os that are sensitive to
high-state voltage-level overshoots. The flexibility of TVC enables a low-voltage migration path for advanced
designs to align with industry standards.
frequently asked questions (FAQs)
1.
Q: Can any of the transistors in the array be used as the reference transistor?
A: Yes, any transistor can be used as long as its VBIAS pin is connected to the GATE pin.
2.
Q: In the recommended operating conditions table of the data sheet, the typical VBIAS is 3.3 V.
Should VBIAS be equal to or greater than VREF on the reference transistor?
A: VBIAS is a variable that is determined by VREF. VBIAS is connected to VDD through a resistor to allow the
bias voltage to be controlled by VREF. VDD can be as high as 5.5 V. VREF needs to be at least 1 V less
than VDDREF on the reference transistor.
3.
Q: Do both A and B ports have 5-V I/O tolerance or is 5-V I/O tolerance provided only on the low-voltage
side?
A: Both ports are 5-V tolerant.


Similar Part No. - SN74TVC16222A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74TVC16222A TI-SN74TVC16222A Datasheet
248Kb / 15P
[Old version datasheet]   22-BIT VOLTAGE CLAMP
SN74TVC16222A TI-SN74TVC16222A Datasheet
299Kb / 18P
[Old version datasheet]   22-BIT VOLTAGE CLAMP
SN74TVC16222ADGG TI-SN74TVC16222ADGG Datasheet
248Kb / 15P
[Old version datasheet]   22-BIT VOLTAGE CLAMP
SN74TVC16222ADGGR TI-SN74TVC16222ADGGR Datasheet
248Kb / 15P
[Old version datasheet]   22-BIT VOLTAGE CLAMP
SN74TVC16222ADGGR TI-SN74TVC16222ADGGR Datasheet
299Kb / 18P
[Old version datasheet]   22-BIT VOLTAGE CLAMP
More results

Similar Description - SN74TVC16222A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74TVC16222 TI1-SN74TVC16222 Datasheet
427Kb / 17P
[Old version datasheet]   22-BIT VOLTAGE CLAMP
SN74TVC16222A TI-SN74TVC16222A Datasheet
248Kb / 15P
[Old version datasheet]   22-BIT VOLTAGE CLAMP
SN74TVC16222A TI-SN74TVC16222A_07 Datasheet
299Kb / 18P
[Old version datasheet]   22-BIT VOLTAGE CLAMP
logo
NXP Semiconductors
GTL2000 PHILIPS-GTL2000 Datasheet
55Kb / 6P
   22-bit GTL processor voltage clamp
2000 Jan 25
logo
Texas Instruments
SN74TVC3010 TI-SN74TVC3010 Datasheet
142Kb / 11P
[Old version datasheet]   10-BIT VOLTAGE CLAMP
SN74TVC16222-1 TI1-SN74TVC16222-1 Datasheet
763Kb / 21P
[Old version datasheet]   10-BIT VOLTAGE CLAMP
SN74TVC3010 TI-SN74TVC3010_07 Datasheet
505Kb / 19P
[Old version datasheet]   10-BIT VOLTAGE CLAMP
logo
NXP Semiconductors
GTL2010 PHILIPS-GTL2010 Datasheet
52Kb / 6P
   10-bit GTL Processor Voltage Clamp
1999 Apr 05
GTL2000 PHILIPS-GTL2000_03 Datasheet
108Kb / 13P
   22-bit bi-directional low voltage translator
2003 Apr 01
logo
Gaomi Xinghe Electronic...
SMF50CA GXELECTRONICS-SMF50CA Datasheet
1Mb / 6P
   Maximum Clamp Voltage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com