Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZ100ELT22 Datasheet(PDF) 1 Page - Arizona Microtek, Inc

Part # AZ100ELT22
Description  CMOS/TTL to Differential PECL Translator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZM [Arizona Microtek, Inc]
Direct Link  http://azmicrotek.com
Logo AZM - Arizona Microtek, Inc

AZ100ELT22 Datasheet(HTML) 1 Page - Arizona Microtek, Inc

  AZ100ELT22 Datasheet HTML 1Page - Arizona Microtek, Inc AZ100ELT22 Datasheet HTML 2Page - Arizona Microtek, Inc AZ100ELT22 Datasheet HTML 3Page - Arizona Microtek, Inc AZ100ELT22 Datasheet HTML 4Page - Arizona Microtek, Inc AZ100ELT22 Datasheet HTML 5Page - Arizona Microtek, Inc AZ100ELT22 Datasheet HTML 6Page - Arizona Microtek, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
AZ10ELT22
AZ100ELT22
CMOS/TTL to Differential PECL Translator
1630 S. STAPLEY DR., SUITE 127
• MESA, ARIZONA 85204 • USA • (480) 962-5881 • FAX (480) 890-2541
www.azmicrotek.com
ARIZONA MICROTEK, INC.
PACKAGE AVAILABILITY
PACKAGE
PART NUMBER
MARKING
NOTES
SOIC 8
AZ10ELT22D
AZM10
ELT22
1,2
SOIC 8
AZ100ELT22D
AZM100
ELT22
1,2
SOIC 8 Green /
RoHS Compliant /
Lead (Pb) Free
AZ100ELT22DG
AZM100G
ELT22
1,2
TSSOP 8
AZ100ELT22T
AZH
LT22
1,2
TSSOP 8 Green /
RoHS Compliant /
Lead (Pb) Free
AZ100ELT22TG
AZHG
LT22
1,2
1
Add R1 at end of part number for 7 inch (1K parts), R2 for 13 inch (2.5K parts)
Tape & Reel.
2
Date code “YWW” or “YYWW” on underside of part.
FEATURES
Green / RoHS Compliant /
Lead (Pb) Free package available
0.5ns Typical Propagation Delay
<100ps Typical Output to Output
Skew
Differential PECL Outputs
Flow Through Pinouts
Operating Range of 3.0V to 5.5V
Direct Replacement for ON
Semiconductor MC10ELT22,
MC100ELT22, MC100LVELT22 &
Micrel SY89322V
IBIS Model Files Available on
Arizona Microtek Website
DESCRIPTION
The AZ10/100ELT22 is a dual CMOS/TTL to differential PECL translator. Because PECL (Positive ECL)
levels are used, only VCC and ground are required. The small outline packaging and the low skew, dual gate design
of the ELT22 makes it ideal for applications that require the translation of a clock and a data signal.
The ELT22 is available in both PECL standards: the 10ELT is compatible with PECL 10K logic levels while
the 100ELT is compatible with PECL 100K logic levels.
NOTE: Specifications in PECL tables are valid when thermal equilibrium is established.
PIN DESCRIPTION
PIN
FUNCTION
Q0, Q0
¯¯ , Q1, Q1
¯¯
Differential PECL Outputs
D0, D1
CMOS/TTL Input
VCC
Positive Supply
GND
Ground
LOGIC DIAGRAM AND
PINOUT


Similar Part No. - AZ100ELT22

ManufacturerPart #DatasheetDescription
logo
Arizona Microtek, Inc
AZ100ELT22 AZM-AZ100ELT22 Datasheet
73Kb / 6P
   CMOS/TTL to Differential PECL Translator
AZ100ELT22 AZM-AZ100ELT22 Datasheet
427Kb / 7P
   Dual CMOS/TTL to Differential PECL Translator
AZ100ELT22D AZM-AZ100ELT22D Datasheet
73Kb / 6P
   CMOS/TTL to Differential PECL Translator
AZ100ELT22D++ AZM-AZ100ELT22D+ Datasheet
73Kb / 6P
   CMOS/TTL to Differential PECL Translator
AZ100ELT22DG AZM-AZ100ELT22DG Datasheet
427Kb / 7P
   Dual CMOS/TTL to Differential PECL Translator
More results

Similar Description - AZ100ELT22

ManufacturerPart #DatasheetDescription
logo
Arizona Microtek, Inc
AZ10ELT20 AZM-AZ10ELT20_08 Datasheet
113Kb / 10P
   CMOS/TTL to Differential PECL Translator
AZ100ELT20 AZM-AZ100ELT20_12 Datasheet
469Kb / 8P
   CMOS/TTL to Differential PECL Translator
logo
List of Unclassifed Man...
AZ10ELT20 ETC-AZ10ELT20 Datasheet
175Kb / 10P
   CMOS/TTL to Differential PECL Translator
logo
Arizona Microtek, Inc
AZ10ELT20 AZM-AZ10ELT20 Datasheet
113Kb / 10P
   CMOS/TTL to Differential PECL Translator
logo
List of Unclassifed Man...
AZ100ELT21 ETC1-AZ100ELT21 Datasheet
146Kb / 5P
   Differential PECL to CMOS/TTL Translator
logo
Arizona Microtek, Inc
AZ100ELT21 AZM-AZ100ELT21_12 Datasheet
406Kb / 6P
   Differential PECL to CMOS/TTL Translator
AZ100ELT21 AZM-AZ100ELT21 Datasheet
67Kb / 5P
   Differential PECL to CMOS/TTL Translator
AZ10ELT22 AZM-AZ10ELT22 Datasheet
73Kb / 6P
   CMOS/TTL to Differential PECL Translator
logo
ON Semiconductor
MC10ELT28 ONSEMI-MC10ELT28 Datasheet
94Kb / 3P
   TTL to Differential PECL/Differential PECL to TTL Translator
1996 REV 2
logo
Arizona Microtek, Inc
AZ100ELT22 AZM-AZ100ELT22_12 Datasheet
427Kb / 7P
   Dual CMOS/TTL to Differential PECL Translator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com