Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM336-2 Datasheet(PDF) 3 Page - Analog Microelectronics

Part # AM336-2
Description  IC FOR OPTO DETECTOR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AM336-2 Datasheet(HTML) 3 Page - Analog Microelectronics

  AM336-2 Datasheet HTML 1Page - Analog Microelectronics AM336-2 Datasheet HTML 2Page - Analog Microelectronics AM336-2 Datasheet HTML 3Page - Analog Microelectronics AM336-2 Datasheet HTML 4Page - Analog Microelectronics AM336-2 Datasheet HTML 5Page - Analog Microelectronics AM336-2 Datasheet HTML 6Page - Analog Microelectronics AM336-2 Datasheet HTML 7Page - Analog Microelectronics AM336-2 Datasheet HTML 8Page - Analog Microelectronics AM336-2 Datasheet HTML 9Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
IC FOR OPTO DETECTOR
AM 336
analog microelectronics
February 2005
3/12
Parameter
Symbol
Conditions
Min.
Typ. Max.
Unit
Output stages
Output current (on)
IQ on
UQ = VCC–1.5V
1.2
mA
Output current (off)
IQ off
UQ = VCC–1.5V
–0.7
mA
Current limitation threshold
VS
internal
440
mV
LED driver
(Ro=580k, Co ≈ 4.7nF)
LED current (low)
ILED low
at VLED = 0.8V
8.0
mA
LED current (high)
ILED high
at VLED = VCC–1.8V
–8.0
mA
Short circuit frequency
T1
fOP / 128
fSYNC / 128, fSYNC = 768Hz
7.4
6.0
Hz
Hz
IND window frequency
T2
fOP / 512
1.8
Hz
Zener diode
Zener voltage
VZ
IZ=100µA
6.7
6.9
7.1
V
Tabelle 1: Electrical Specifications
BOUNDARY CONDITIONS
Parameter
Symbol
Min.
Max.
Unit
Oscillator pull up
RTD
0.7
10
k
Amplifier DC input current
IINA
0
200
µA
Distance resistor
RD
30
200
k
Hysteresis resistor
RH
22
k
Tabelle 2: Boundary Conditions


Similar Part No. - AM336-2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AM336 AD-AM336 Datasheet
279Kb / 12P
   IC FOR OPTO DETECTOR
More results

Similar Description - AM336-2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AM336 AD-AM336 Datasheet
279Kb / 12P
   IC FOR OPTO DETECTOR
logo
Analog Microelectronics
AM313 AME-AM313 Datasheet
184Kb / 4P
   IC FOR PROXIMITY DETECTOR
logo
Rohm
BA3708F ROHM-BA3708F Datasheet
155Kb / 8P
   Mute detector IC for 3V sets
logo
Toshiba Semiconductor
TA31136FG TOSHIBA-TA31136FG Datasheet
668Kb / 17P
   FM DETECTOR IC FOR CORDLESS TELEPHONE
logo
Rohm
BA336 ROHM-BA336 Datasheet
107Kb / 7P
   Mute detector IC
BA3703F ROHM-BA3703F Datasheet
71Kb / 4P
   Mute detector IC
logo
List of Unclassifed Man...
BD5223 ETC-BD5223 Datasheet
375Kb / 4P
   VOLTAGE DETECTOR IC
logo
Rohm
BD46312G ROHM-BD46312G Datasheet
469Kb / 4P
   VOLTAGE DETECTOR IC
BD48XXFVE ROHM-BD48XXFVE Datasheet
285Kb / 6P
   Voltage Detector IC
BD48XXG ROHM-BD48XXG Datasheet
198Kb / 6P
   Voltage Detector IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com