Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

67-21UWC Datasheet(PDF) 3 Page - Everlight Electronics Co., Ltd

Part # 67-21UWC
Description  White Reverse Package Top View LEDs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

67-21UWC Datasheet(HTML) 3 Page - Everlight Electronics Co., Ltd

  67-21UWC Datasheet HTML 1Page - Everlight Electronics Co., Ltd 67-21UWC Datasheet HTML 2Page - Everlight Electronics Co., Ltd 67-21UWC Datasheet HTML 3Page - Everlight Electronics Co., Ltd 67-21UWC Datasheet HTML 4Page - Everlight Electronics Co., Ltd 67-21UWC Datasheet HTML 5Page - Everlight Electronics Co., Ltd 67-21UWC Datasheet HTML 6Page - Everlight Electronics Co., Ltd 67-21UWC Datasheet HTML 7Page - Everlight Electronics Co., Ltd 67-21UWC Datasheet HTML 8Page - Everlight Electronics Co., Ltd 67-21UWC Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
EVERLIGHT ELECTRONICS CO.,LTD.
verlight Electronics Co., Ltd.
http://www.everlight.com
Rev. 1.0
Page: 3 of10
Device No. : DSE-671-240
Prepared date 03.22.2004
Prepared by: Teresa
67-21UWC/S400-XX/TR10
Electro-Optical Characteristics (Ta=25℃)
Parameter
Symbol
*Chip
Rank
Min.
Typ.
Max.
Units
Condition
A4
100
290
A5
200
360
A6
240
450
X7
400
630
X8
485
750
Luminous Intensity
IV
X9
600
1000
--
mcd
IF=20mA
Forward Voltage
VF
--
--
3.5
4.3
V
IF=20mA
Reverse Current
IR
--
--
--
10
μA
VR=5V
Viewing Angle
2θ1/2
--
--
120
--
deg
IF=20mA
Chromaticity
x
--
--
0.29
--
--
IF=20mA
Coordinates
y
--
--
0.30
--
--
IF=20mA
67-21UWC/S400-XX/TR10
Chip Rank
Notes: *The C.I.E. 1931 chromaticity diagram.
*The products are sensitive to static electricity and care must be fully taken when
handling products.
Chromaticity Coordinates Specifications for Bin Grading
CIE_x
CIE_y
Color grading
Min
Max
Min
Max
A
0.22
0.27
0.215
0.315
B1
0.25
0.285
0.245
0.325
B
B2
0.265
0.3
0.255
0.335
C1
0.28
0.315
0.265
0.345
C
C2
0.295
0.33
0.275
0.355
D
0.31
0.37
0.285
0.385


Similar Part No. - 67-21UWC

ManufacturerPart #DatasheetDescription
logo
A-BRIGHT Inc
67-21UWC A-BRIGHT-67-21UWC Datasheet
350Kb / 6P
   TOP View LEDs
2009/2/20
67-21UWC A-BRIGHT-67-21UWC Datasheet
270Kb / 6P
   TOP View LEDs
2009/2/20
67-21UWC A-BRIGHT-67-21UWC_09 Datasheet
270Kb / 6P
   TOP View LEDs
2009/2/20
67-21UWC A-BRIGHT-67-21UWC_15 Datasheet
270Kb / 6P
   TOP View LEDs
2009/2/20
More results

Similar Description - 67-21UWC

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
67-21-T3C-EU1V2M-2A0 EVERLIGHT-67-21-T3C-EU1V2M-2A0 Datasheet
161Kb / 12P
   Reverse Package Top View LEDs
67-21-T3C-EU1V2M-2A0 EVERLIGHT-67-21-T3C-EU1V2M-2A0 Datasheet
161Kb / 12P
   Reverse Package Top View LEDs
67-21UYOC-S530-A2-TR10 EVERLIGHT-67-21UYOC-S530-A2-TR10 Datasheet
146Kb / 10P
   Reverse Package Top View LEDs
45-21UMC-XXXXXXX-TR8 EVERLIGHT-45-21UMC-XXXXXXX-TR8 Datasheet
780Kb / 16P
   Top View White LEDs
B7C-AS2U1N EVERLIGHT-B7C-AS2U1N_13 Datasheet
284Kb / 10P
   Technical Data Sheet Reverse Package Top View LEDs
67-21SUGC-S400-A4-TR10 EVERLIGHT-67-21SUGC-S400-A4-TR10 Datasheet
188Kb / 9P
   Reverse Package Top LEDs
67-21R6C-AP2R1B2A0 EVERLIGHT-67-21R6C-AP2R1B2A0 Datasheet
204Kb / 10P
   Technical Data Sheet Reverse Top View LEDs
logo
KODENSHI_AUK CORP.
LW829 KODENSHI-LW829 Datasheet
869Kb / 1P
   high-brightness white smd top view package
LW831 KODENSHI-LW831 Datasheet
898Kb / 1P
   high-brightness white smd top view package
LD806 KODENSHI-LD806 Datasheet
831Kb / 1P
   high-brightness white smd top view package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com