Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN55LVDS32 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # SN55LVDS32
Description  HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN55LVDS32 Datasheet(HTML) 2 Page - Texas Instruments

  SN55LVDS32 Datasheet HTML 1Page - Texas Instruments SN55LVDS32 Datasheet HTML 2Page - Texas Instruments SN55LVDS32 Datasheet HTML 3Page - Texas Instruments SN55LVDS32 Datasheet HTML 4Page - Texas Instruments SN55LVDS32 Datasheet HTML 5Page - Texas Instruments SN55LVDS32 Datasheet HTML 6Page - Texas Instruments SN55LVDS32 Datasheet HTML 7Page - Texas Instruments SN55LVDS32 Datasheet HTML 8Page - Texas Instruments SN55LVDS32 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 35 page
background image
www.ti.com
DESCRIPTION (CONTINUED)
G
G
1A
1B
2A
2B
3A
3B
4A
4B
4
12
2
1
6
7
10
9
14
15
3
5
11
13
1Y
2Y
3Y
4Y
’LVDS32 logic diagram
(positive logic)
1A
1B
2A
2B
3A
3B
4A
4B
4
12
2
1
6
7
10
9
14
15
3
5
11
13
1Y
2Y
3Y
4Y
3,4EN
1,2EN
SN65LVDS3486D logic diagram
(positive logic)
1A
1B
2A
2B
8
7
6
5
2
3
1Y
2Y
SN65LVDS9637D logic diagram
(positive logic)
SN55LVDS32, SN65LVDS32
SN65LVDS3486, SN65LVDS9637
SLLS262Q – JULY 1997 – REVISED JULY 2007
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
The SN65LVDS32, SN65LVDS3486, and SN65LVDS9637 are characterized for operation from –40
°C to 85°C.
The SN55LVDS32 is characterized for operation from –55
°C to 125°C.
Table 1. Maximum Recommended Operating Speeds
Part Number
All Rx Active
SN65LVDS32
100 Mbps
SN65LVDS3486
100 Mbps
SN65LVDS9637
150 Mbps
AVAILABLE OPTIONS
PACKAGE(1)
TA
SMALL OUTLINE
CHIP CARRIER
CERAMIC DIP
FLAT PACK
MSOP
(FK)
(J)
(W)
(D)
(PW)
SN65LVDS32D
SN65LVDS32PW
SN65LVDS3486D
–40
°C to 85°C
SN65LVDS9637D
SN65LVDS9637DGN
SN65LVDS9637DGK
–55
°C to
SNJ55LVDS32W
SNJ55LVDS32FK
SNJ55LVDS32J
125
°C
SN55LVDS32W
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
2
Submit Documentation Feedback


Similar Part No. - SN55LVDS32

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN55LVDS32 TI-SN55LVDS32 Datasheet
916Kb / 37P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
SN55LVDS32 TI-SN55LVDS32 Datasheet
1,017Kb / 31P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
SN55LVDS32 TI-SN55LVDS32 Datasheet
319Kb / 22P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
SN55LVDS32 TI-SN55LVDS32 Datasheet
1Mb / 35P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
SN55LVDS32-SP TI1-SN55LVDS32-SP Datasheet
383Kb / 19P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVER
More results

Similar Description - SN55LVDS32

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75LVDS32 TI-SN75LVDS32 Datasheet
215Kb / 16P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
logo
STMicroelectronics
STLVDS32B STMICROELECTRONICS-STLVDS32B Datasheet
696Kb / 17P
   High speed differential line receivers
logo
Pericom Semiconductor C...
PI90LV386 PERICOM-PI90LV386_08 Datasheet
437Kb / 8P
   High-Speed Differential Line Receivers
logo
STMicroelectronics
STLVDS32 STMICROELECTRONICS-STLVDS32 Datasheet
275Kb / 13P
   HIGH SPEED DIFFERENTIAL LINE RECEIVERS
May 2003
logo
Pericom Semiconductor C...
PI90LV386 PERICOM-PI90LV386 Datasheet
165Kb / 8P
   High-Speed Differential Line Receivers
logo
Texas Instruments
SN65LVDS390 TI-SN65LVDS390 Datasheet
324Kb / 19P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
SN75LVDS32 TI-SN75LVDS32_07 Datasheet
314Kb / 19P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
logo
STMicroelectronics
STLVDS32 STMICROELECTRONICS-STLVDS32_07 Datasheet
206Kb / 15P
   High speed differential line receivers
logo
Texas Instruments
SN65LVDS386 TI-SN65LVDS386_07 Datasheet
415Kb / 21P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
SN65LVDS388 TI-SN65LVDS388 Datasheet
204Kb / 14P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
SN55LVDS32 TI-SN55LVDS32 Datasheet
916Kb / 37P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com