Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LXHL-PW03 Datasheet(PDF) 6 Page - Lumileds Lighting Company

Part # LXHL-PW03
Description  power light source LUXEON짰 V Portable
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

LXHL-PW03 Datasheet(HTML) 6 Page - Lumileds Lighting Company

Back Button LXHL-PW03 Datasheet HTML 2Page - Lumileds Lighting Company LXHL-PW03 Datasheet HTML 3Page - Lumileds Lighting Company LXHL-PW03 Datasheet HTML 4Page - Lumileds Lighting Company LXHL-PW03 Datasheet HTML 5Page - Lumileds Lighting Company LXHL-PW03 Datasheet HTML 6Page - Lumileds Lighting Company LXHL-PW03 Datasheet HTML 7Page - Lumileds Lighting Company LXHL-PW03 Datasheet HTML 8Page - Lumileds Lighting Company LXHL-PW03 Datasheet HTML 9Page - Lumileds Lighting Company LXHL-PW03 Datasheet HTML 10Page - Lumileds Lighting Company Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
LUXEON V Portable Datasheet DS40 (8/06)
6
Absolute Maximum Ratings
Emitter
Table 7.
P
Pa
arra
am
me
ette
err
W
Wh
hiitte
e
DC Forward Current (mA)
[1]
700
Peak Pulsed Forward Current (mA)
1000
Average Forward Current (mA)
700
ESD Sensitivity
[2]
± 16,000V HBM
LED Junction Temperature (°C)
135
AluminumCore PCB Temperature ( C)
[3]
70
Storage Temperature (°C)
40 to +120
Soldering Temperature (°C)
[4]
260 for 5 seconds max
Notes for Table 7:
1.
Proper current derating must be observed to maintain junction temperature below the maximum. For more information,
consult the LUXEON Design Guide, available upon request.
2.
LEDs are not designed to be driven in reverse bias. Please consult Philips Lumileds' application brief AB11 for further
information.
3.
Allowable maximum board temperature to avoid exceeding maximum junction temperature at maximum Vf limit at 700 mA
based on thermal resistance of Star assembly.
4.
Measured at leads, during lead soldering and slug attach, body temperature must not exceed 120°C. LUXEON emitters
cannot be soldered by general IR or Vaporphase reflow, nor by wave soldering. Lead soldering is limited to selective
heating of the leads, such as by hotbar reflow, fiber focussed IR, or hand soldering. The package back plane (slug) may
not be attached by soldering, but rather with a thermally conductive adhesive. Electrical insulation between the slug and
the board is required. Please consult Philips Lumileds' Application Brief AB10 on LUXEON Emitter Assembly Information
for further details on assembly methods.
Wavelength Characteristics, TJ = 25ºC
0.0
0.2
0.4
0.6
0.8
1.0
350
400
450
500
550
600
650
700
750
800
Wavelength (nm)
Figure 1. White Color Spectrum of typical CCT part, integrated measurement.
Wavelength


Similar Part No. - LXHL-PW03

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LXHL-PW01 ETC-LXHL-PW01 Datasheet
579Kb / 18P
   Luxeon Emitter
logo
Lumileds Lighting Compa...
LXHL-PW01 LUMILEDS-LXHL-PW01 Datasheet
956Kb / 19P
   power light source LUXEON짰 Emitter
LXHL-PW01-00F LUMILEDS-LXHL-PW01-00F Datasheet
98Kb / 4P
   power light source Luxeon Emitter Option Code Selections
LXHL-PW01-00J LUMILEDS-LXHL-PW01-00J Datasheet
98Kb / 4P
   power light source Luxeon Emitter Option Code Selections
LXHL-PW01-00M LUMILEDS-LXHL-PW01-00M Datasheet
98Kb / 4P
   power light source Luxeon Emitter Option Code Selections
More results

Similar Description - LXHL-PW03

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
DS52 LUMILEDS-DS52 Datasheet
250Kb / 8P
   power light source LUXEON짰 Portable PWT
DS49 LUMILEDS-DS49 Datasheet
404Kb / 11P
   power light source LUXEON짰 Flash
DS26 LUMILEDS-DS26 Datasheet
259Kb / 4P
   power light source LUXEON짰 Collimator
DS25 LUMILEDS-DS25 Datasheet
956Kb / 19P
   power light source LUXEON짰 Emitter
DS45 LUMILEDS-DS45 Datasheet
916Kb / 17P
   power light source LUXEON짰 III Emitter
DS50 LUMILEDS-DS50 Datasheet
600Kb / 11P
   power light source LUXEON짰 Flash Module
DS46 LUMILEDS-DS46 Datasheet
368Kb / 15P
   power light source LUXEON짰 III Star
DS47 LUMILEDS-DS47 Datasheet
509Kb / 13P
   power light source LUXEON짰 Warm White Emitter and Star
AB05 LUMILEDS-AB05 Datasheet
376Kb / 12P
   LUXEON짰 Power Light Sources
DS30 LUMILEDS-DS30 Datasheet
342Kb / 7P
   power light source Luxeon V Star
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com