Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LXHL-PB02 Datasheet(PDF) 3 Page - Lumileds Lighting Company

Part # LXHL-PB02
Description  power light source Luxeon V Emitter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

LXHL-PB02 Datasheet(HTML) 3 Page - Lumileds Lighting Company

  LXHL-PB02 Datasheet HTML 1Page - Lumileds Lighting Company LXHL-PB02 Datasheet HTML 2Page - Lumileds Lighting Company LXHL-PB02 Datasheet HTML 3Page - Lumileds Lighting Company LXHL-PB02 Datasheet HTML 4Page - Lumileds Lighting Company LXHL-PB02 Datasheet HTML 5Page - Lumileds Lighting Company LXHL-PB02 Datasheet HTML 6Page - Lumileds Lighting Company LXHL-PB02 Datasheet HTML 7Page - Lumileds Lighting Company LXHL-PB02 Datasheet HTML 8Page - Lumileds Lighting Company LXHL-PB02 Datasheet HTML 9Page - Lumileds Lighting Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Luxeon V Emitter
3
Document #: DS34 (09/19/04)
Flux Characteristics at 700mA,
Junction Temperature, T
J = 25
oC
Color
Luxeon V
Emitter
Minimum Luminous
Flux (lm) or
Radiometric Power
(mW)
ΦV [1,2]
Typical Luminous
Flux (lm) or
Radiometric Power
(mW)
ΦV [2]
Radiation
Pattern
Green
LXHL-PM02
67.2
160
Cyan
LXHL-PE02
67.2
160
Lambertian
Blue[3]
LXHL-PB02
23.5
48
Royal blue[4]
LXHL-PR02
275 mW
700 mW
Green
LXHL-DM02
67.2
145
Cyan
LXHL-DE02
67.2
145
Side Emitting
Blue[3]
LXHL-DB02
23.5
43
Royal Blue[4]
LXHL-DR02
275 mW
630 mW
Electrical Characteristics at 700mA,
Junction Temperature, T
J = 25
oC
Forward Voltage VF (V)[1]
Dynamic
resistance[2]
Temperature
coefficient of
forward voltage[3]
(mV/oC)
Thermal
resistance,
junction
to case
Color
Min.
Typ.
Max.
(
Ω) RD
∆VF/ ∆TJ
(oC/W) R
θJ-C
Green
5.43
6.84
8.31
1.0
-4.0
8
Cyan
5.43
6.84
8.31
1.0
-4.0
8
Blue
5.43
6.84
8.31
1.0
-4.0
8
Royal Blue
5.43
6.84
8.31
1.0
-4.0
8
Notes:
1.
Minimum luminous flux or radiometric
power performance guaranteed within
published operating conditions.
Lumileds maintains a tolerance of
±
10% on flux and power measurements.
2.
Luxeon types with even higher
luminous flux levels will become
available in the future. Please consult
your Lumileds Authorized Distributor or
Lumileds sales representative for more
information.
3.
Minimum flux value for 470 nm
devices.
Due to the CIE eye response
curve in the short blue wavelength
range, the minimum luminous flux will
vary over the Lumileds’ blue color
range. Luminous flux will vary from a
minimum of 18.1 lm at 460 nm to a
typical of 80 lm at 480 nm due to this
effect. Although the luminous power
efficiency is lower in the short blue
wavelength range, radiometric power
efficiency increases as wavelength
decreases. For more information,
consult the Luxeon Design Guide,
available upon request.
4.
Royal Blue product is binned by
radiometric power and peak wavelength
rather than photometric lumens and
dominant wavelength.
Notes:
1.
Lumileds maintains a tolerance of
± 0.06V on forward voltage
measurements.
2.
Dynamic resistance is the inverse of the
slope in linear forward voltage model for
LEDs.
See Figure 3.
3.
Measured between 25oC
≤ TJ ≤ 110oC
at I
F = 700mA.


Similar Part No. - LXHL-PB02

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LXHL-PB01 ETC-LXHL-PB01 Datasheet
579Kb / 18P
   Luxeon Emitter
logo
Lumileds Lighting Compa...
LXHL-PB01 LUMILEDS-LXHL-PB01 Datasheet
956Kb / 19P
   power light source LUXEON짰 Emitter
LXHL-PB01-00F LUMILEDS-LXHL-PB01-00F Datasheet
98Kb / 4P
   power light source Luxeon Emitter Option Code Selections
logo
List of Unclassifed Man...
LXHL-PB09 ETC-LXHL-PB09 Datasheet
422Kb / 16P
   Combining the lifetime and reliability Advantages of Light Emitting Diodes with the Brightness of conventional lighting.
logo
Lumileds Lighting Compa...
LXHL-PB09 LUMILEDS-LXHL-PB09 Datasheet
916Kb / 17P
   power light source LUXEON짰 III Emitter
More results

Similar Description - LXHL-PB02

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
DS25A LUMILEDS-DS25A Datasheet
98Kb / 4P
   power light source Luxeon Emitter Option Code Selections
DS30 LUMILEDS-DS30 Datasheet
342Kb / 7P
   power light source Luxeon V Star
DS24 LUMILEDS-DS24 Datasheet
215Kb / 8P
   power light source Luxeon Flood
DS35 LUMILEDS-DS35 Datasheet
308Kb / 12P
   power light source Luxeon Dental
DS22 LUMILEDS-DS22 Datasheet
346Kb / 8P
   power light source Luxeon Ring
DS21 LUMILEDS-DS21 Datasheet
193Kb / 8P
   power light source Luxeon Line
DS25 LUMILEDS-DS25 Datasheet
956Kb / 19P
   power light source LUXEON짰 Emitter
DS23A LUMILEDS-DS23A Datasheet
89Kb / 4P
   power light source Luxeon Star Option Code Selections
DS45 LUMILEDS-DS45 Datasheet
916Kb / 17P
   power light source LUXEON짰 III Emitter
logo
List of Unclassifed Man...
LXHL-BW02 ETC-LXHL-BW02 Datasheet
579Kb / 18P
   Luxeon Emitter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com