Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65LVDS32PWRG4 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # SN65LVDS32PWRG4
Description  HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65LVDS32PWRG4 Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN65LVDS32PWRG4 Datasheet HTML 3Page - Texas Instruments SN65LVDS32PWRG4 Datasheet HTML 4Page - Texas Instruments SN65LVDS32PWRG4 Datasheet HTML 5Page - Texas Instruments SN65LVDS32PWRG4 Datasheet HTML 6Page - Texas Instruments SN65LVDS32PWRG4 Datasheet HTML 7Page - Texas Instruments SN65LVDS32PWRG4 Datasheet HTML 8Page - Texas Instruments SN65LVDS32PWRG4 Datasheet HTML 9Page - Texas Instruments SN65LVDS32PWRG4 Datasheet HTML 10Page - Texas Instruments SN65LVDS32PWRG4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
www.ti.com
SN65LVDSxxxx ELECTRICAL CHARACTERISTICS
SN65LVDSxxxx SWITCHING CHARACTERISTICS
SN55LVDS32, SN65LVDS32
SN65LVDS3486, SN65LVDS9637
SLLS262Q – JULY 1997 – REVISED JULY 2007
over recommended operating conditions (unless otherwise noted)
SN65LVDS32
SN65LVDS3486
PARAMETER
TEST CONDITIONS
UNIT
SN65LVDS9637
MIN
TYP(1) MAX
VIT+
Positive-going differential input voltage threshold
See Figure 2 and Table 2
100
mV
VIT-
Negative-going differential input voltage threshold(2)
See Figure 2 and Table 2
–100
mV
IOH = –8 mA
2.4
VOH
High-level output voltage
V
IOH = –4 mA
2.8
VOL
Low-level output voltage
IOL = 8 mA
0.4
V
Enabled, No load
10
18
SN65LVDS32, SN65LVDS3486
ICC
Supply current
Disabled
0.25
0.5
mA
SN65LVDS9637
No load
5.5
10
VI = 0
–2
–10
–20
II
Input current (A or B inputs)
μA
VI = 2.4 V
–1.2
–3
II(OFF)
Power-off input current (A or B inputs)
VCC = 0, VI = 3.6 V
6
20
μA
IIH
High-level input current (EN, G, or G inputs)
VIH = 2 V
10
μA
IIL
Low-level input current (EN, G, or G inputs)
VIL = 0.8 V
10
μA
IOZ
High-impedance output current
VO = 0 or VCC
±10
μA
(1)
All typical values are at TA = 25°C and with VCC = 3.3 V.
(2)
The algebraic convention, in which the less-positive (more-negative) limit is designated minimum, is used in this data sheet for the
negative-going differential input voltage threshold only.
over recommended operating conditions (unless otherwise noted)
SN65LVDS32
SN65LVDS3486
PARAMETER
TEST CONDITIONS
UNIT
SN65LVDS9637
MIN
TYP
MAX
tPLH
Propagation delay time, low-to-high-level output
1.5
2.1
3
ns
tPHL
Propagation delay time, high-to-low-level output
1.5
2.1
3
ns
tsk(p)
Pulse skew (|tPHL - tPLH|)
0
0.4
ns
tsk(o)
Channel-to-channel output skew(1)
CL = 10 pF, See Figure 3
0.1
0.3
ns
tsk(pp)
Part-to-part skew(2)
1
ns
tr
Output signal rise time, 20% to 80%
0.6
ns
tf
Output signal fall time, 80% to 20%
0.7
ns
tPHZ
Propagation delay time, high-level-to-high-impedance output
6.5
12
ns
tPLZ
Propagation delay time, low-level-to-high-impedance output
5.5
12
ns
See Figure 4
tPZH
Propagation delay time, high-impedance-to-high-level output
8
12
ns
tPZL
Propagation delay time, high-impedance-to-low-level output
3
12
ns
(1)
tsk(o) is the skew between specified outputs of a single device with all driving inputs connected together and the outputs switching in the
same direction while driving identical specified loads.
(2)
tsk(pp) is the magnitude of the difference in propagation delay times between any specified terminals of two devices when both devices
operate with the same supply voltages, same temperature, and have identical packages and test circuits.
7
Submit Documentation Feedback


Similar Part No. - SN65LVDS32PWRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS32PWRG4 TI-SN65LVDS32PWRG4 Datasheet
916Kb / 37P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
SN65LVDS32PWRG4 TI-SN65LVDS32PWRG4 Datasheet
1,017Kb / 31P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
SN65LVDS32PWRG4 TI-SN65LVDS32PWRG4 Datasheet
1Mb / 35P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
More results

Similar Description - SN65LVDS32PWRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75LVDS32 TI-SN75LVDS32 Datasheet
215Kb / 16P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
logo
STMicroelectronics
STLVDS32B STMICROELECTRONICS-STLVDS32B Datasheet
696Kb / 17P
   High speed differential line receivers
logo
Pericom Semiconductor C...
PI90LV386 PERICOM-PI90LV386_08 Datasheet
437Kb / 8P
   High-Speed Differential Line Receivers
logo
STMicroelectronics
STLVDS32 STMICROELECTRONICS-STLVDS32 Datasheet
275Kb / 13P
   HIGH SPEED DIFFERENTIAL LINE RECEIVERS
May 2003
logo
Pericom Semiconductor C...
PI90LV386 PERICOM-PI90LV386 Datasheet
165Kb / 8P
   High-Speed Differential Line Receivers
logo
Texas Instruments
SN65LVDS390 TI-SN65LVDS390 Datasheet
324Kb / 19P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
SN75LVDS32 TI-SN75LVDS32_07 Datasheet
314Kb / 19P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
logo
STMicroelectronics
STLVDS32 STMICROELECTRONICS-STLVDS32_07 Datasheet
206Kb / 15P
   High speed differential line receivers
logo
Texas Instruments
SN65LVDS386 TI-SN65LVDS386_07 Datasheet
415Kb / 21P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
SN65LVDS388 TI-SN65LVDS388 Datasheet
204Kb / 14P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
SN55LVDS32 TI-SN55LVDS32 Datasheet
916Kb / 37P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com