Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HPWG-N506 Datasheet(PDF) 2 Page - Lumileds Lighting Company

Part # HPWG-N506
Description  SnapLED High Mount Stop Light Array
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

HPWG-N506 Datasheet(HTML) 2 Page - Lumileds Lighting Company

  HPWG-N506 Datasheet HTML 1Page - Lumileds Lighting Company HPWG-N506 Datasheet HTML 2Page - Lumileds Lighting Company HPWG-N506 Datasheet HTML 3Page - Lumileds Lighting Company HPWG-N506 Datasheet HTML 4Page - Lumileds Lighting Company HPWG-N506 Datasheet HTML 5Page - Lumileds Lighting Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Selection Guide (all lamps are TS AlInGaP
Red-Orange and voltage is 12.8 volts)
Total flux
Φ
V (lm)
[1,2]
Power Input
(W)
Part Number
Description
Min.
Max.
Min.
Max.
HPWG-N500
HMSL with pin connector
19.0
30.0
1.6
1.9
HPWG-N501
HMSL with pin connector
28.0
45.0
3.1
3.5
HPWG-N502
HMSL with pin connector
36.0
58.0
3.1
3.5
HPWG-N503
HMSL with varistor & hole connector
19.0
30.0
1.6
1.9
HPWG-N504
HMSL with varistor & hole connector
28.0
45.0
3.1
3.5
HPWG-N505
HMSL with varistor & hole connector
36.0
58.0
3.1
3.5
HPWG-N506
HMSL with wire connector
19.0
30.0
1.6
1.9
HPWG-N507
HMSL with wire connector
28.0
45.0
3.1
3.5
HPWG-N508
HMSL with wire connector
36.0
58.0
3.1
3.5
HPWG-N550
HMSL with narrow angle light beam
19.0
30.0
1.6
1.9
HPWG-N551
HMSL with narrow angle light beam
28.0
45.0
3.1
3.5
HPWG-N552
HMSL with narrow angle light beam
36.0
58.0
3.1
3.5
Circuit Schematic
SnapLED High Mount Stop Light Array
Document #: DS29 (09/01/02)
Notes:
1. Total integrated flux of the array at
V
in = 12.8 V, Rth junction-ambient =
12.9°C/W, which assumes that the
array is attached to a thermally
absorbing substrate.
To determine
junction temperature, multiply R
th
by power consumption and add to
ambient temperature.
2.
Φ
V is the total usable flux
measured after the lamp has
stabilized


Similar Part No. - HPWG-N506

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
HPWG-N510 LUMILEDS-HPWG-N510 Datasheet
131Kb / 5P
   SnapLED Six LED MultiFunction Signal
More results

Similar Description - HPWG-N506

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
WP7700C4ZGC KINGBRIGHT-WP7700C4ZGC Datasheet
416Kb / 5P
   SnapLED
WP7701C4VGC-Z KINGBRIGHT-WP7701C4VGC-Z Datasheet
461Kb / 5P
   SnapLED
WP7700C4SEC-J KINGBRIGHT-WP7700C4SEC-J Datasheet
141Kb / 5P
   SnapLED
WP7700C4VGC-Z KINGBRIGHT-WP7700C4VGC-Z Datasheet
417Kb / 5P
   SnapLED
WP7701C4PBC-Z KINGBRIGHT-WP7701C4PBC-Z Datasheet
423Kb / 5P
   SnapLED
WP7700C4PBC-Z KINGBRIGHT-WP7700C4PBC-Z Datasheet
364Kb / 5P
   SnapLED
WP7701C4SURC-G KINGBRIGHT-WP7701C4SURC-G Datasheet
465Kb / 5P
   SnapLED
WP7701C4SYC-J KINGBRIGHT-WP7701C4SYC-J Datasheet
458Kb / 5P
   SnapLED
WP7701C4SEC-J KINGBRIGHT-WP7701C4SEC-J Datasheet
459Kb / 5P
   SnapLED
WP7701C4ZGC KINGBRIGHT-WP7701C4ZGC Datasheet
460Kb / 5P
   SnapLED
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com