Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LXHL-PE01 Datasheet(PDF) 4 Page - Lumileds Lighting Company

Part # LXHL-PE01
Description  power light source LUXEON짰 Emitter
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

LXHL-PE01 Datasheet(HTML) 4 Page - Lumileds Lighting Company

  LXHL-PE01 Datasheet HTML 1Page - Lumileds Lighting Company LXHL-PE01 Datasheet HTML 2Page - Lumileds Lighting Company LXHL-PE01 Datasheet HTML 3Page - Lumileds Lighting Company LXHL-PE01 Datasheet HTML 4Page - Lumileds Lighting Company LXHL-PE01 Datasheet HTML 5Page - Lumileds Lighting Company LXHL-PE01 Datasheet HTML 6Page - Lumileds Lighting Company LXHL-PE01 Datasheet HTML 7Page - Lumileds Lighting Company LXHL-PE01 Datasheet HTML 8Page - Lumileds Lighting Company LXHL-PE01 Datasheet HTML 9Page - Lumileds Lighting Company Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
Flux Characteristics at 350mA, Junction Temperature, TJ = 25ºC
Table 1.
M
Miin
niim
mu
um
m L
Lu
um
miin
no
ou
us
s
T
Ty
yp
piic
ca
all L
Lu
um
miin
no
ou
us
s
F
Fllu
ux
x ((llm
m)) o
orr
F
Fllu
ux
x ((llm
m)) o
orr
R
Ra
ad
diio
om
me
ettrriic
c
R
Ra
ad
diio
om
me
ettrriic
c
L
LU
UX
XE
EO
ON
N
P
Po
ow
we
err ((m
mW
W))
P
Po
ow
we
err ((m
mW
W))
R
Ra
ad
diia
attiio
on
n
C
Co
ollo
orr
E
Em
miitttte
err
Φ
ΦV [1,2]
Φ
ΦV [2]
P
Pa
atttte
errn
n
White
[5]
LXHLBW02
30.6
45
Warm White
LXHLBW03
13.9
30
Green
LXHLBM01
30.6
53
Cyan
LXHLBE01
30.6
45
Blue
[3]
LXHLBB01
8.2
16
Batwing
Royal blue
[4]
LXHLBR02
145 mW
220 mW
Red
LXHLBD01
13.9
27
Red
LXHLBD03
30.6
42
RedOrange
LXHLBH03
39.8
55
Amber
LXHLBL01
10.7
25
Amber
LXHLBL03
23.5
42
White
LXHLPW01
30.6
45
Green
LXHLPM01
30.6
53
Cyan
LXHLPE01
30.6
45
Blue
[3]
LXHLPB01
8.2
16
Lambertian
Royal Blue
[4]
LXHLPR03
145 mW
220 mW
Red
LXHLPD01
30.6
44
RedOrange
LXHLPH01
39.8
55
Amber
LXHLPL01
23.5
42
White
LXHLDW01
23.5
40.5
Green
LXHLDM01
23.5
48
Cyan
LXHLDE01
23.5
40.5
Blue
[3]
LXHLDB01
8.2
14.5
Side Emitting
Royal blue
[4]
LXHLDR01
115 mW
198 mW
Red
LXHLDD01
30.6
40
RedOrange
LXHLDH01
39.8
50
Amber
LXHLDL01
23.5
38
Notes for Table 1:
1.
Minimum luminous flux or radiometric power performance guaranteed within published operating conditions.
Philips Lumileds maintains a tolerance of ± 10% on flux and power measurements.
2.
LUXEON types with even higher luminous flux levels will become available in the future. Please consult your Philips
Lumileds Authorized Distributor or Philips Lumileds sales representative for more information.
3.
Minimum flux value for 470 nm devices. Due to the CIE eye response curve in the short blue wavelength range, the
minimum luminous flux will vary over the Philips Lumileds' blue color range. Luminous flux will vary from a minimum of 6.3
lm at 460 nm to a typical of 20 lm at 480 nm due to this effect. Although the luminous power efficiency is lower in the
short blue wavelength range, radiometric power efficiency increases as wavelength decreases. For more information,
consult the LUXEON Design Guide, available upon request.
4.
Royal Blue product is binned by radiometric power and peak wavelength rather than photometric lumens and
dominant wavelength.
5.
In July 2003 Philips Lumileds announced a secondgeneration white batwing product using a new phosphor deposition
process resulting in improved color uniformity, LXHLBW02.
LUXEON Emitter DS25 (5/07)
4


Similar Part No. - LXHL-PE01

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LXHL-PE01 ETC-LXHL-PE01 Datasheet
579Kb / 18P
   Luxeon Emitter
logo
Lumileds Lighting Compa...
LXHL-PE01-00G LUMILEDS-LXHL-PE01-00G Datasheet
98Kb / 4P
   power light source Luxeon Emitter Option Code Selections
LXHL-PE01-00H LUMILEDS-LXHL-PE01-00H Datasheet
98Kb / 4P
   power light source Luxeon Emitter Option Code Selections
More results

Similar Description - LXHL-PE01

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
DS45 LUMILEDS-DS45 Datasheet
916Kb / 17P
   power light source LUXEON짰 III Emitter
DS49 LUMILEDS-DS49 Datasheet
404Kb / 11P
   power light source LUXEON짰 Flash
DS26 LUMILEDS-DS26 Datasheet
259Kb / 4P
   power light source LUXEON짰 Collimator
DS47 LUMILEDS-DS47 Datasheet
509Kb / 13P
   power light source LUXEON짰 Warm White Emitter and Star
DS52 LUMILEDS-DS52 Datasheet
250Kb / 8P
   power light source LUXEON짰 Portable PWT
DS50 LUMILEDS-DS50 Datasheet
600Kb / 11P
   power light source LUXEON짰 Flash Module
DS46 LUMILEDS-DS46 Datasheet
368Kb / 15P
   power light source LUXEON짰 III Star
DS40 LUMILEDS-DS40 Datasheet
667Kb / 11P
   power light source LUXEON짰 V Portable
AB05 LUMILEDS-AB05 Datasheet
376Kb / 12P
   LUXEON짰 Power Light Sources
DS34 LUMILEDS-DS34 Datasheet
493Kb / 9P
   power light source Luxeon V Emitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com