Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LXHL-MLJA Datasheet(PDF) 3 Page - Lumileds Lighting Company

Part # LXHL-MLJA
Description  power light source Luxeon Flood
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

LXHL-MLJA Datasheet(HTML) 3 Page - Lumileds Lighting Company

  LXHL-MLJA Datasheet HTML 1Page - Lumileds Lighting Company LXHL-MLJA Datasheet HTML 2Page - Lumileds Lighting Company LXHL-MLJA Datasheet HTML 3Page - Lumileds Lighting Company LXHL-MLJA Datasheet HTML 4Page - Lumileds Lighting Company LXHL-MLJA Datasheet HTML 5Page - Lumileds Lighting Company LXHL-MLJA Datasheet HTML 6Page - Lumileds Lighting Company LXHL-MLJA Datasheet HTML 7Page - Lumileds Lighting Company LXHL-MLJA Datasheet HTML 8Page - Lumileds Lighting Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Luxeon Flood
3
Document #: DS24 (10/05)
Flux Characteristics at 350mA,
Junction Temperature, T
J = 25
oC
Configuration
Radiation
Pattern
Color
Part
Number
Minimum
Luminous
Flux (lm)
ΦV [1,2]
Typical
Luminous
Flux (lm)
ΦV [2]
Test
Current
(mA)
White
LXHL-MWCE
165
300
700
Batwing
Green
LXHL- MMCA
165
360
700
(low dome)
Cyan
LXHL- MECA
165
360
700
Flood 12-up
Blue[3]
LXHL- MBCA
45
120
700
Red
LXHL- MDCA
165
320
700
Amber
LXHL- MLCA
125
300
700
Lambertian
Red
LXHL- MDCB
365
525
700
(high dome)
Amber
LXHL- MLCB
280
500
700
White
LXHL- MWJE
250
450
1050
Batwing
Green
LXHL- MMJA
250
540
1050
(low dome)
Cyan
LXHL- MEJA
250
540
1050
Flood 18-up
Blue[3]
LXHL- MBJA
65
180
1050
Red
LXHL- MDJA
250
480
1050
Amber
LXHL- MLJA
190
450
1050
Lambertian
Red
LXHL- MDJB
550
790
1050
(high dome)
Amber
LXHL- MLJB
420
750
1050
Optical Characteristics at 350mA,
Junction Temperature, T
J = 25
oC
Radiation
Dominant
Wavelength[1]
λD
or Color
Temperature[2]
CCT
Spectral
Half-
width[3]
(nm)
temperature
coefficient
of dominant
wavelength
(nm/oC)
Viewing
Angle per
LED[4,7]
(Degrees)
Pattern
Color
Min.
Typ.
Max.
∆λ1/2
∆λD/ ∆ΤJ
2θ 1/2
White
4500 K
5500 K 10,000 K
---
---
110
Green
520 nm
530 nm
550 nm
35
0.04
110
Batwing
Cyan
490 nm
505 nm
520 nm
30
0.04
110
(low dome)
Blue
460 nm
470 nm
490 nm
25
0.04
110
Red
620.5 nm
625 nm
645 nm
20
0.05
110
Amber
584.5 nm
590 nm
597 nm
14
0.09
110
Lambertian
Red
620.5 nm
627 nm
645 nm
20
0.05
140
(high dome)
Amber
584.5 nm
590 nm
597 nm
14
0.09
140
Notes:
1.
Minimum luminous flux performance
guaranteed within published
operating conditions.
2.
Luxeon types with even higher
luminous flux levels will become
available in the future. Please
consult your Lumileds Authorized
Distributor or Lumileds sales
representative for more information.
3.
Minimum flux value for 470 nm
devices. Due to the CIE eye
response curve in the short blue
wavelength range, the minimum
luminous flux will vary over the
Lumileds blue color range. Luminous
flux will range from minimums of 35
lm for 12-Up and 50 lm for 18-Up
Floods at 460nm to typicals of 190
lm for 12-Up and 280 lm for 18-Up
Floods at 480nm due to this effect.
Although the luminous power
efficiency is lower in the short blue
wavelength range, radiometric power
efficiency increases as wavelength
decreases. For more information,
consult the Luxeon Design Guide,
available upon request.
Notes:
1.
Dominant wavelength is derived from
the CIE 1931 Chromaticity diagram
and represents the perceived color.
2.
CRI (Color Rendering Index) for White
product types is 70.
3.
Spectral width at ½ of the peak
intensity.
4.
θ½ is the off axis angle from lamp
centerline where the luminous intensity
is ½ of the peak value.
5.
Luxeon Floods are not designed for
direct view applications. Lumileds
reserves the right to mix LEDs of
different color and flux values to
achieve the typical values listed above,
possibly resulting in visible variation
across the array.
6.
All red and amber products built with
Aluminum Indium Gallium Phosphide
(AlInGaP).
7.
All white, green, cyan, and blue
products built with Indium Gallium
Nitride (InGaN).
8.
All power light sources represented
here are IEC825 Class 2 for eye
safety.


Similar Part No. - LXHL-MLJA

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
LXHL-ML1C-00G LUMILEDS-LXHL-ML1C-00G Datasheet
89Kb / 4P
   power light source Luxeon Star Option Code Selections
LXHL-ML1C-00H LUMILEDS-LXHL-ML1C-00H Datasheet
89Kb / 4P
   power light source Luxeon Star Option Code Selections
LXHL-ML1C-N00 LUMILEDS-LXHL-ML1C-N00 Datasheet
89Kb / 4P
   power light source Luxeon Star Option Code Selections
LXHL-ML1C-N0G LUMILEDS-LXHL-ML1C-N0G Datasheet
89Kb / 4P
   power light source Luxeon Star Option Code Selections
LXHL-ML1C-N0H LUMILEDS-LXHL-ML1C-N0H Datasheet
89Kb / 4P
   power light source Luxeon Star Option Code Selections
More results

Similar Description - LXHL-MLJA

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
DS35 LUMILEDS-DS35 Datasheet
308Kb / 12P
   power light source Luxeon Dental
DS22 LUMILEDS-DS22 Datasheet
346Kb / 8P
   power light source Luxeon Ring
DS21 LUMILEDS-DS21 Datasheet
193Kb / 8P
   power light source Luxeon Line
DS30 LUMILEDS-DS30 Datasheet
342Kb / 7P
   power light source Luxeon V Star
DS34 LUMILEDS-DS34 Datasheet
493Kb / 9P
   power light source Luxeon V Emitter
DS25A LUMILEDS-DS25A Datasheet
98Kb / 4P
   power light source Luxeon Emitter Option Code Selections
DS23A LUMILEDS-DS23A Datasheet
89Kb / 4P
   power light source Luxeon Star Option Code Selections
logo
PARA LIGHT ELECTRONICS ...
PARA-SPL-100WDF-YHA-CW PARALIGHT-PARA-SPL-100WDF-YHA-CW Datasheet
206Kb / 4P
   100W Flood Light
logo
A-BRIGHT Inc
AB-FL56HC60-K A-BRIGHT-AB-FL56HC60-K_15 Datasheet
222Kb / 4P
   LED Flood Light
logo
PARA LIGHT ELECTRONICS ...
PARA-SPL-200WDF-YFA-CW PARALIGHT-PARA-SPL-200WDF-YFA-CW Datasheet
219Kb / 4P
   200W Flood Light
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com