Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LXHL-PB01 Datasheet(PDF) 5 Page - Lumileds Lighting Company

Part # LXHL-PB01
Description  power light source LUXEON짰 Emitter
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

LXHL-PB01 Datasheet(HTML) 5 Page - Lumileds Lighting Company

  LXHL-PB01 Datasheet HTML 1Page - Lumileds Lighting Company LXHL-PB01 Datasheet HTML 2Page - Lumileds Lighting Company LXHL-PB01 Datasheet HTML 3Page - Lumileds Lighting Company LXHL-PB01 Datasheet HTML 4Page - Lumileds Lighting Company LXHL-PB01 Datasheet HTML 5Page - Lumileds Lighting Company LXHL-PB01 Datasheet HTML 6Page - Lumileds Lighting Company LXHL-PB01 Datasheet HTML 7Page - Lumileds Lighting Company LXHL-PB01 Datasheet HTML 8Page - Lumileds Lighting Company LXHL-PB01 Datasheet HTML 9Page - Lumileds Lighting Company Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
LUXEON Emitter DS25 (5/07)
5
Optical Characteristics at 350mA, Junction Temperature, TJ = 25ºC
Table 2.
T
Te
em
mp
pe
erra
attu
urre
e
D
Do
om
miin
na
an
ntt W
Wa
av
ve
elle
en
ng
gtth
h [1]
λλD
D,,
C
Co
oe
effffiic
ciie
en
ntt o
off
T
To
otta
all
P
Pe
ea
ak
k W
Wa
av
ve
elle
en
ng
gtth
h [2]
λλPP,,
S
Sp
pe
ec
cttrra
all
D
Do
om
miin
na
an
ntt
IIn
nc
cllu
ud
de
ed
d
V
Viie
ew
wiin
ng
g
o
orr C
Co
ollo
orr T
Te
em
mp
pe
erra
attu
urre
e [3]
H
Ha
allff w
wiid
dtth
h[4]
W
Wa
av
ve
elle
en
ng
gtth
h
A
An
ng
glle
e[5]
A
An
ng
glle
e[6]
R
Ra
ad
diia
attiio
on
n
C
CC
CT
T
((n
nm
m))
((n
nm
m//ooC
C))
((d
de
eg
grre
ee
es
s))
((d
de
eg
grre
ee
es
s))
P
Pa
atttte
errn
n
C
Co
ollo
orr
M
Miin
n..
T
Ty
yp
p..
M
Ma
ax
x..
ΔΔλλ
1
1//2
2
ΔΔλλ
D
D/
/
ΔΔTT
J
J
θθ
0
0..9
90
0V
V
2
2
θθ 11//22
White
4500K
5500 K
10000 K
110
110
Warm White
2850K
3300K
3800K
110
110
Green
520 nm
530 nm
550 nm
35
0.04
110
110
Cyan
490 nm
505 nm
520 nm
30
0.04
110
110
Batwing
Blue
460 nm
470 nm
490 nm
25
0.04
110
110
Royal Blue
[2]
440 nm
455 nm
460 nm
20
0.04
110
110
Red
620.5 nm
625 nm
645 nm
20
0.05
110
110
RedOrange
613.5 nm
617 nm
620.5nm
20
0.06
110
110
Amber
584.5 nm
590 nm
597 nm
14
0.09
110
110
White
4500 K
5500 K
10000 K
160
140
Green
520 nm
530 nm
550 nm
35
0.04
160
140
Cyan
490 nm
505 nm
520 nm
30
0.04
160
140
Lambertian
Blue
460 nm
470 nm
490 nm
25
0.04
160
140
Royal Blue
[2]
440 nm
455 nm
460 nm
20
0.04
160
140
Red
620.5 nm
627 nm
645 nm
20
0.05
160
140
RedOrange
613.5 nm
617 nm
620.5 nm
20
0.06
160
140
Amber
584.5 nm
590 nm
597 nm
14
0.09
160
140
Optical Characteristics at 350mA, Junction Temperature, TJ = 25ºC, Cont.
Table 3.
T
Te
em
mp
pe
erra
attu
urre
e
T
Ty
yp
piic
ca
all
D
Do
om
miin
na
an
ntt W
Wa
av
ve
elle
en
ng
gtth
h [1]
λλD
D,,
C
Co
oe
effffiic
ciie
en
ntt o
off
T
To
otta
all F
Fllu
ux
x
T
Ty
yp
piic
ca
all
P
Pe
ea
ak
k W
Wa
av
ve
elle
en
ng
gtth
h [2]
λλPP,,
S
Sp
pe
ec
cttrra
all
D
Do
om
miin
na
an
ntt
P
Pe
errc
ce
en
ntt
A
An
ng
glle
e
o
orr C
Co
ollo
orr T
Te
em
mp
pe
erra
attu
urre
e [3]
H
Ha
allff w
wiid
dtth
h[4]
W
Wa
av
ve
elle
en
ng
gtth
h
w
wiitth
hiin
n
o
off P
Pe
ea
ak
k
R
Ra
ad
diia
attiio
on
n
C
CC
CT
T
((n
nm
m))
((n
nm
m//ooC
C))
ffiirrs
stt 4
45
5°°[7]
IIn
ntte
en
ns
siitty
y [8]
P
Pa
atttte
errn
n
C
Co
ollo
orr
M
Miin
n..
T
Ty
yp
p..
M
Ma
ax
x..
ΔΔλλ
1
1//2
2
ΔΔλλ
D
D/
/
ΔΔTT
J
J
C
Cu
um
m
Φ
Φ
4
45
5°°
θθ
P
Pe
ea
ak
k
White
4500 K
5500 K
10000 K
<15%
75°
85°
Green
520 nm
530 nm
550 nm
35
0.04
<15%
75°
85°
Cyan
490 nm
505 nm
520 nm
30
0.04
<15%
75°
85°
Side Emitting
Blue
460 nm
470 nm
490 nm
25
0.04
<15%
75°
85°
Royal Blue
[2]
440 nm
455 nm
460 nm
20
0.04
<15%
75°
85°
Red
620.5 nm
627 nm
645 nm
20
0.05
<15%
75°
85°
RedOrange
613.5 nm
617 nm
620.5 nm
20
0.06
<15%
75°
85°
Amber
584.5 nm
590 nm
597 nm
14
0.09
<15%
75°
85°
Notes: (for Tables 2 & 3)
1. Dominant wavelength is derived from the CIE 1931 Chromaticity diagram and represents the perceived color.
Philips Lumileds maintains a tolerance of ± 0.5nm for dominant wavelength measurements.
2. Royal Blue product is binned by radiometric power and peak wavelength rather than photometric lumens and dominant
wavelength. Philips Lumileds maintains a tolerance of ± 2nm for peak wavelength measurements.
3. CCT ±5% tester tolerance.
4. Spectral width at ½ of the peak intensity.
5. Total angle at which 90% of total luminous flux is captured.
6.
θ½ is the off axis angle from lamp centerline where the luminous intensity is ½ of the peak value.
7. Cumulative flux percent within ± 45° from optical axis.
8. Off axis angle from lamp centerline where the luminous intensity reaches the peak value.


Similar Part No. - LXHL-PB01

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LXHL-PB01 ETC-LXHL-PB01 Datasheet
579Kb / 18P
   Luxeon Emitter
logo
Lumileds Lighting Compa...
LXHL-PB01-00F LUMILEDS-LXHL-PB01-00F Datasheet
98Kb / 4P
   power light source Luxeon Emitter Option Code Selections
More results

Similar Description - LXHL-PB01

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
DS45 LUMILEDS-DS45 Datasheet
916Kb / 17P
   power light source LUXEON짰 III Emitter
DS49 LUMILEDS-DS49 Datasheet
404Kb / 11P
   power light source LUXEON짰 Flash
DS26 LUMILEDS-DS26 Datasheet
259Kb / 4P
   power light source LUXEON짰 Collimator
DS47 LUMILEDS-DS47 Datasheet
509Kb / 13P
   power light source LUXEON짰 Warm White Emitter and Star
DS52 LUMILEDS-DS52 Datasheet
250Kb / 8P
   power light source LUXEON짰 Portable PWT
DS50 LUMILEDS-DS50 Datasheet
600Kb / 11P
   power light source LUXEON짰 Flash Module
DS46 LUMILEDS-DS46 Datasheet
368Kb / 15P
   power light source LUXEON짰 III Star
DS40 LUMILEDS-DS40 Datasheet
667Kb / 11P
   power light source LUXEON짰 V Portable
AB05 LUMILEDS-AB05 Datasheet
376Kb / 12P
   LUXEON짰 Power Light Sources
DS34 LUMILEDS-DS34 Datasheet
493Kb / 9P
   power light source Luxeon V Emitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com