Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LXHL-ME1C-00H Datasheet(PDF) 3 Page - Lumileds Lighting Company

Part # LXHL-ME1C-00H
Description  power light source Luxeon Star Option Code Selections
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

LXHL-ME1C-00H Datasheet(HTML) 3 Page - Lumileds Lighting Company

  LXHL-ME1C-00H Datasheet HTML 1Page - Lumileds Lighting Company LXHL-ME1C-00H Datasheet HTML 2Page - Lumileds Lighting Company LXHL-ME1C-00H Datasheet HTML 3Page - Lumileds Lighting Company LXHL-ME1C-00H Datasheet HTML 4Page - Lumileds Lighting Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Luxeon Star Option Code Selections DS23A (4/05)
3
Color and Flux Selection Characteristics at 350mA,
Junction Temperature, TJ = 25ºC
Table 4.
M
Miin
niim
mu
um
m
L
Lu
um
miin
no
ou
us
s F
Fllu
ux
x ((llm
m))
D
Do
om
miin
na
an
ntt W
Wa
av
ve
elle
en
ng
gtth
h [4]
λλD
D
R
Ra
ad
diia
attiio
on
n
C
Co
ollo
orr
L
Lu
ux
xe
eo
on
n S
Stta
arr
Φ
ΦVV [1,2]
M
Miin
n..
M
Ma
ax
x..
P
Pa
atttte
errn
n
Amber
LXHLML1CN0G
18.1
587.0 nm
594.5 nm
Batwing
Amber
LXHLML1CN0H
18.1
589.5 nm
597.0 nm
Amber
LXHLML1DQ0G
30.6
587.0 nm
594.5 nm
Lambertian
Amber
LXHLML1DQ0H
30.6
589.5 nm
597.0 nm
Notes: (for Tables 1, 2, 3 & 4)
1.
For definition of White Color Bin Codes, please see Application Brief AB21, Luxeon Product Binning and Labeling.
2.
Minimum luminous flux performance guaranteed within published operating conditions. Lumileds maintains a tolerance
of ± 10% on flux measurements.
3.
Luxeon types with even higher luminous flux levels will become available in the future. Please consult your Lumileds
Authorized Distributor or Lumileds sales representative for more information.
4.
Dominant wavelength is derived from the CIE 1931 Chromaticity diagram and represents the perceived color. Lumileds
maintains a tolerance of ± 0.5nm for dominant wavelength measurements.
5.
All red, redorange and amber products built with Aluminum Indium Gallium Phosphide (AlInGaP).
6.
All green, cyan, blue and white products built with Indium Gallium Nitride (InGaN).
7.
All power light sources represented here are IEC825 Class 2 for eye safety.
Electrical, thermal, and other optical properties are identical to those of the base part number (minus the three digit suffix).
Please consult the appropriate Luxeon data sheet for more information.


Similar Part No. - LXHL-ME1C-00H

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
LXHL-MECA LUMILEDS-LXHL-MECA Datasheet
215Kb / 8P
   power light source Luxeon Flood
LXHL-MEJA LUMILEDS-LXHL-MEJA Datasheet
215Kb / 8P
   power light source Luxeon Flood
More results

Similar Description - LXHL-ME1C-00H

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
DS25A LUMILEDS-DS25A Datasheet
98Kb / 4P
   power light source Luxeon Emitter Option Code Selections
DS30 LUMILEDS-DS30 Datasheet
342Kb / 7P
   power light source Luxeon V Star
DS24 LUMILEDS-DS24 Datasheet
215Kb / 8P
   power light source Luxeon Flood
DS35 LUMILEDS-DS35 Datasheet
308Kb / 12P
   power light source Luxeon Dental
DS22 LUMILEDS-DS22 Datasheet
346Kb / 8P
   power light source Luxeon Ring
DS21 LUMILEDS-DS21 Datasheet
193Kb / 8P
   power light source Luxeon Line
DS34 LUMILEDS-DS34 Datasheet
493Kb / 9P
   power light source Luxeon V Emitter
DS46 LUMILEDS-DS46 Datasheet
368Kb / 15P
   power light source LUXEON짰 III Star
logo
List of Unclassifed Man...
LXHL-LB3C ETC-LXHL-LB3C Datasheet
242Kb / 14P
   Luxeon III Star
logo
Lumileds Lighting Compa...
DS47 LUMILEDS-DS47 Datasheet
509Kb / 13P
   power light source LUXEON짰 Warm White Emitter and Star
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com