Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M27V320 Datasheet(PDF) 2 Page - STMicroelectronics

Part # M27V320
Description  32 Mbit (4Mb x8 or 2Mb x16) OTP EPROM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M27V320 Datasheet(HTML) 2 Page - STMicroelectronics

  M27V320 Datasheet HTML 1Page - STMicroelectronics M27V320 Datasheet HTML 2Page - STMicroelectronics M27V320 Datasheet HTML 3Page - STMicroelectronics M27V320 Datasheet HTML 4Page - STMicroelectronics M27V320 Datasheet HTML 5Page - STMicroelectronics M27V320 Datasheet HTML 6Page - STMicroelectronics M27V320 Datasheet HTML 7Page - STMicroelectronics M27V320 Datasheet HTML 8Page - STMicroelectronics M27V320 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
M27V320
2/15
Figure 3. TSOP Connections
AI05854
M27V320
12
1
13
24
25
36
37
48
GVPP
Q0
Q8
A3
A0
E
VSS
A2
A1
A13
VSS
A14
A15
Q7
A12
A16
BYTE
Q15A–1
Q5
Q2
Q3
VCC
Q11
Q4
Q14
A9
A19
A18
A4
A20
A7
Q1
Q9
A6
A5
Q6
Q13
A11
A10
Q10
Q12
A17
A8
VSS
VCC
VSS
VSS
VSS
Figure 2. SO Connections
GVPP
Q0
Q8
A3
A0
E
VSS
A2
A1
A13
VSS
A14
A15
Q7
A12
A16
BYTE
Q15A–1
Q5
Q2
Q3
VCC
Q11
Q4
Q14
A9
A19
A18
A4
NC
A20
A7
AI05853
M27V320
8
2
3
4
5
6
7
9
10
11
12
13
14
15
16
32
31
30
29
28
27
26
25
24
23
22
20
19
18
17
Q1
Q9
A6
A5
Q6
Q13
44
39
38
37
36
35
34
33
A11
A10
Q10
21
Q12
40
43
1
42
41
A17
A8
Table 1. Signal Names
A0-A20
Address Inputs
Q0-Q7
Data Outputs
Q8-Q14
Data Outputs
Q15A–1
Data Output / Address Input
E
Chip Enable
GVPP
Output Enable / Program Supply
BYTE
Byte-Wide Select
VCC
Supply Voltage
VSS
Ground
NC
Not Connected Internally
DEVICE OPERATION
The operating modes of the M27V320 are listed in
the Operating Modes Table. A single power supply
is required in the read mode. All inputs are TTL
compatible except for VPP and 12V on A9 for the
Electronic Signature.
Read Mode
The M27V320 has two organisations, Word-wide
and Byte-wide. The organisation is selected by the
signal level on the BYTE pin. When BYTE is at VIH
the Word-wide organisation is selected and the
Q15A–1 pin is used for Q15 Data Output. When
the BYTE pin is at VIL the Byte-wide organisation
is selected and the Q15A–1 pin is used for the Ad-
dress Input A–1. When the memory is logically re-
garded as 16 bit wide, but read in the Byte-wide
organisation, then with A–1 at VIL the lower 8 bits
of the 16 bit data are selected and with A–1 at VIH
the upper 8 bits of the 16 bit data are selected.


Similar Part No. - M27V320

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M27V322 STMICROELECTRONICS-M27V322 Datasheet
112Kb / 13P
   32 Mbit (2Mb x16) Low Voltage UV EPROM and OTP EPROM
March 2000
M27V322 STMICROELECTRONICS-M27V322 Datasheet
178Kb / 23P
   32 Mbit (2Mb 횞16) low-voltage UV EPROM and OTP EPROM
M27V322-100B1 STMICROELECTRONICS-M27V322-100B1 Datasheet
112Kb / 13P
   32 Mbit (2Mb x16) Low Voltage UV EPROM and OTP EPROM
March 2000
M27V322-100B1 STMICROELECTRONICS-M27V322-100B1 Datasheet
178Kb / 23P
   32 Mbit (2Mb 횞16) low-voltage UV EPROM and OTP EPROM
M27V322-100B6 STMICROELECTRONICS-M27V322-100B6 Datasheet
178Kb / 23P
   32 Mbit (2Mb 횞16) low-voltage UV EPROM and OTP EPROM
More results

Similar Description - M27V320

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M27C320 STMICROELECTRONICS-M27C320 Datasheet
94Kb / 15P
   32 Mbit (4Mb x8 or 2Mb x16) OTP EPROM
September 1998
M27C160 STMICROELECTRONICS-M27C160 Datasheet
187Kb / 19P
   16 Mbit 2Mb x8 or 1Mb x16 UV EPROM and OTP EPROM
M27C322 STMICROELECTRONICS-M27C322 Datasheet
112Kb / 13P
   32 Mbit (2Mb x16) UV EPROM and OTP EPROM
April 2000
M27C322 STMICROELECTRONICS-M27C322_06 Datasheet
196Kb / 24P
   32 Mbit (2Mb x16) UV EPROM and OTP EPROM
M27V160 STMICROELECTRONICS-M27V160_06 Datasheet
238Kb / 25P
   16 Mbit (2Mb x8 or 1Mb x16) Low Voltage UV EPROM and OTP EPROM
M27V160 STMICROELECTRONICS-M27V160 Datasheet
103Kb / 15P
   16 Mbit (2Mb x8 or 1Mb x16) Low Voltage UV EPROM and OTP EPROM
March 2000
M27V322 STMICROELECTRONICS-M27V322 Datasheet
112Kb / 13P
   32 Mbit (2Mb x16) Low Voltage UV EPROM and OTP EPROM
March 2000
M29W320DT STMICROELECTRONICS-M29W320DT Datasheet
524Kb / 56P
   32 Mbit 4Mb x8 or 2Mb x16, Boot Block 3V Supply Flash Memory
M29W320ET STMICROELECTRONICS-M29W320ET Datasheet
887Kb / 46P
   32 Mbit (4Mb x8 or 2Mb x16, Boot Block) 3V Supply Flash Memory
M27C400 STMICROELECTRONICS-M27C400 Datasheet
121Kb / 14P
   4 Mbit (512Kb x8 or 256Kb x16) UV EPROM and OTP EPROM
May 1999
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com