Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LXHL-PL01-00G Datasheet(PDF) 3 Page - Lumileds Lighting Company

Part # LXHL-PL01-00G
Description  power light source Luxeon Emitter Option Code Selections
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

LXHL-PL01-00G Datasheet(HTML) 3 Page - Lumileds Lighting Company

  LXHL-PL01-00G Datasheet HTML 1Page - Lumileds Lighting Company LXHL-PL01-00G Datasheet HTML 2Page - Lumileds Lighting Company LXHL-PL01-00G Datasheet HTML 3Page - Lumileds Lighting Company LXHL-PL01-00G Datasheet HTML 4Page - Lumileds Lighting Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Luxeon Emitter Option Code Selections DS25A (4/05)
3
Color and Flux Selection Characteristics at 350mA,
Junction Temperature, TJ = 25ºC
Table 4.
M
Miin
niim
mu
um
m
L
Lu
um
miin
no
ou
us
s F
Fllu
ux
x ((llm
m))
D
Do
om
miin
na
an
ntt W
Wa
av
ve
elle
en
ng
gtth
h [4]
λλD
D
R
Ra
ad
diia
attiio
on
n
C
Co
ollo
orr
L
Lu
ux
xe
eo
on
n E
Em
miitttte
err
Φ
Φ
V
V
[1,2]
M
Miin
n..
M
Ma
ax
x..
P
Pa
atttte
errn
n
Amber
LXHLBL01N0G
18.1
587.0 nm
594.5 nm
Batwing
Amber
LXHLBL01N0H
18.1
589.5 nm
597.0 nm
Amber
LXHLPL01Q0G
30.6
587.0 nm
594.5 nm
Lambertian
Amber
LXHLPL01Q0H
30.6
589.5 nm
597.0 nm
Notes for Tables 1, 2, 3 and 4:
1.
For definition of White Color Bin Codes, please see Application Brief, AB21, Luxeon Product Binning and Labeling.
2.
Minimum luminous flux performance guaranteed within published operating conditions. Lumileds maintains a tolerance
of ± 10% on flux measurements.
3.
Luxeon types with even higher luminous flux levels will become available in the future. Please consult your Lumileds
Authorized Distributor or Lumileds sales representative for more information.
4.
Dominant wavelength is derived from the CIE 1931 Chromaticity diagram and represents the perceived color. Lumileds
maintains a tolerance of ± 0.5nm for dominant wavelength measurements.
5.
All red, redorange and amber products built with Aluminum Indium Gallium Phosphide (AlInGaP).
6.
All green, cyan, blue and white products built with Indium Gallium Nitride (InGaN).
7.
All power light sources represented here are IEC825 Class 2 for eye safety.
Electrical, thermal, and other optical properties are identical to those of the base part number (minus the three digit suffix).
Please consult the appropriate Luxeon data sheet for more information.


Similar Part No. - LXHL-PL01-00G

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LXHL-PL01 ETC-LXHL-PL01 Datasheet
579Kb / 18P
   Luxeon Emitter
logo
Lumileds Lighting Compa...
LXHL-PL01 LUMILEDS-LXHL-PL01 Datasheet
956Kb / 19P
   power light source LUXEON짰 Emitter
More results

Similar Description - LXHL-PL01-00G

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
DS23A LUMILEDS-DS23A Datasheet
89Kb / 4P
   power light source Luxeon Star Option Code Selections
DS34 LUMILEDS-DS34 Datasheet
493Kb / 9P
   power light source Luxeon V Emitter
DS24 LUMILEDS-DS24 Datasheet
215Kb / 8P
   power light source Luxeon Flood
DS35 LUMILEDS-DS35 Datasheet
308Kb / 12P
   power light source Luxeon Dental
DS22 LUMILEDS-DS22 Datasheet
346Kb / 8P
   power light source Luxeon Ring
DS21 LUMILEDS-DS21 Datasheet
193Kb / 8P
   power light source Luxeon Line
DS30 LUMILEDS-DS30 Datasheet
342Kb / 7P
   power light source Luxeon V Star
DS25 LUMILEDS-DS25 Datasheet
956Kb / 19P
   power light source LUXEON짰 Emitter
DS45 LUMILEDS-DS45 Datasheet
916Kb / 17P
   power light source LUXEON짰 III Emitter
logo
List of Unclassifed Man...
LXHL-BW02 ETC-LXHL-BW02 Datasheet
579Kb / 18P
   Luxeon Emitter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com