Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCS5000SNT1 Datasheet(PDF) 2 Page - ON Semiconductor

Part # NCS5000SNT1
Description  Integrated RF Schottky Detector
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCS5000SNT1 Datasheet(HTML) 2 Page - ON Semiconductor

  NCS5000SNT1 Datasheet HTML 1Page - ON Semiconductor NCS5000SNT1 Datasheet HTML 2Page - ON Semiconductor NCS5000SNT1 Datasheet HTML 3Page - ON Semiconductor NCS5000SNT1 Datasheet HTML 4Page - ON Semiconductor NCS5000SNT1 Datasheet HTML 5Page - ON Semiconductor NCS5000SNT1 Datasheet HTML 6Page - ON Semiconductor NCS5000SNT1 Datasheet HTML 7Page - ON Semiconductor NCS5000SNT1 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
NCS5000
http://onsemi.com
2
PIN DESCRIPTION
Pin
Name
Description
1
DET_OUT
This is the RF Detector Output. This signal is proportional to the peak RF voltage applied at the RF_In pin.
2
VCC
Input power supply.
3
Enable
Control signal to turn on and off the device. If this signal is not used, this pin should be connected directly
to VCC. A logic high on this input turns on the device.
4
RF_In
This is the input to the RF detector. The signal must be AC–coupled into this input with a good quality RF capacitor.
5
GND
Ground.
6
REF
This is the reference detector output. Nominal this signal is 10 mV higher than DET_OUT when no RF signal is
applied at RF_In.
MAXIMUM RATINGS (TA = 25°C, unless otherwise noted.)
Rating
Symbol
Value
Unit
Maximum Input Power on RF Pin
PMAX
28
dBm
Maximum Power Supply
VCCMAX
6.0
V
ESD Rating for RF_In (HBM) All Other Pins are 2.5 kV (HBM)
500
V
Storage Temperature Range
Tstg
–40 to +125
°C
Maximum Junction Temperature
TJ
+150
°C
Maximum Input Voltage on Pins
VIMAX
VCC + 0.3 V
Minimum Input Voltage on Pins
VIMIN
–0.3 V
RECOMMENDED OPERATING CONDITIONS
Characteristic
Symbol
Min
Typ
Max
Unit
RF Input (50
W Equivalent)
RFin
25
dBm
Supply Voltage
VCC
2.7
5.5
V
Operating Temperature Range
TA
–40
85
°C
ELECTRICAL CHARACTERISTICS
(VCC = 2.8 V, for typical values; TA = 25°C, for min and max values; TA= –40 to 85°C unless otherwise noted.)
Characteristic
Symbol
Pin
Min
Typ
Max
Unit
RF Operating Frequency
4
100
2000
MHz
Operating Current Consumption
(Venable = 2.4 V, No RF Applied)
Icc(op)
2
500
mA
Standby Current Consumption
(Venable = 0.4 V, No RF Applied)
Icc(stby)
2
1
10
mA
Power Supply Ripple Rejection
(VCC = 3.6 V, Vripple = 0.5 VPP, No RF)
1 kHz
10 kHz
RR
2
56
41
dB
Detector Output (No RF Applied)
DET_OUT
1
40
45
50
mV
Reference Output (No RF Applied)
REF
6
50
55
60
mV
Reference – Detector Output Differential Voltage
(No RF Applied)
REF–
DET_OUT
1,6
5
10
15
mV
Detector Output
Fin = 1.0 GHz, RFin = –5.0 dBm (50 W)
Fin = 1.0 GHz, RFin = 5.0 dBm (50 W)
Fin = 1.0 GHz, RFin = 15 dBm (50 W)
100
335
1285
mV
Enable Logic High
Vih
3
2.4
V
Enable Logic Low
Vil
3
0
0.4
V
Enable Input Current, VCC = 2.7 V, Venable = 2.4 V
Iin
3
0
30
mA


Similar Part No. - NCS5000SNT1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCS5650 ONSEMI-NCS5650 Datasheet
168Kb / 9P
   2 Amp PLC Line Driver
May, 2010 ??Rev. 0
NCS5650MNTXG ONSEMI-NCS5650MNTXG Datasheet
168Kb / 9P
   2 Amp PLC Line Driver
May, 2010 ??Rev. 0
NCS5651 ONSEMI-NCS5651 Datasheet
221Kb / 11P
   2 Amp PLC Line Driver
January, 2015 ??Rev. P2
NCS5651 ONSEMI-NCS5651 Datasheet
220Kb / 11P
   2 Amp PLC Line Driver
June, 2017 ??Rev. 0
NCS5651MNTXG ONSEMI-NCS5651MNTXG Datasheet
221Kb / 11P
   2 Amp PLC Line Driver
January, 2015 ??Rev. P2
More results

Similar Description - NCS5000SNT1

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-6440 AVAGO-AMMC-6440 Datasheet
226Kb / 8P
   Integrated RF power detector
AMMC-6408 AVAGO-AMMC-6408 Datasheet
589Kb / 12P
   Integrated RF power detector
logo
M/A-COM Technology Solu...
XP1039-QJ MA-COM-XP1039-QJ_15 Datasheet
911Kb / 8P
   Integrated Power Detector
MAAP-011145 MA-COM-MAAP-011145 Datasheet
1Mb / 9P
   Integrated Power Detector
logo
Maxim Integrated Produc...
MAX2209 MAXIM-MAX2209 Datasheet
1Mb / 5P
   RF Power Detector
Rev 0; 10/09
logo
AVAGO TECHNOLOGIES LIMI...
ADET-5000 AVAGO-ADET-5000 Datasheet
257Kb / 6P
   RF Power Detector
logo
Maxim Integrated Produc...
MAX2204 MAXIM-MAX2204 Datasheet
150Kb / 7P
   RF Power Detector
Rev 0; 4/07
logo
Analog Devices
AD8314 AD-AD8314_18 Datasheet
522Kb / 20P
   RF Detector/Controller
logo
Silicon Laboratories
SI1145 SILABS-SI1145 Datasheet
1Mb / 70P
   Integrated infrared proximity detector
logo
M/A-COM Technology Solu...
SCHOTTKY-DETECTOR-DIODES MA-COM-SCHOTTKY-DETECTOR-DIODES Datasheet
114Kb / 4P
   Schottky Detector Diodes
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com