Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GTR-2217B Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # GTR-2217B
Description  Bi-Directional 1X9 Transceiver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

GTR-2217B Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  GTR-2217B Datasheet HTML 1Page - List of Unclassifed Manufacturers GTR-2217B Datasheet HTML 2Page - List of Unclassifed Manufacturers GTR-2217B Datasheet HTML 3Page - List of Unclassifed Manufacturers GTR-2217B Datasheet HTML 4Page - List of Unclassifed Manufacturers GTR-2217B Datasheet HTML 5Page - List of Unclassifed Manufacturers GTR-2217B Datasheet HTML 6Page - List of Unclassifed Manufacturers GTR-2217B Datasheet HTML 7Page - List of Unclassifed Manufacturers GTR-2217B Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
1X9 Series
155Mbps Bi-Directional transmission
Eoptolink Technology Inc., Ltd.
Last printed 2/14/2008 Page 3 of 8
TYPE A
Average
Output
Power
20Km
P0ut
-14
-8
dBm
40Km
-10
-5
60Km
-5
0
TYPE B
Average
Output
Power
20Km FP
P0ut
-14
-8
dBm
40Km DFB
-10
-5
60Km DFB
-5
0
Extinction Ratio
EX
10
dB
Rise/Fall Time (20%---80%)
tr/tf
0.5
ns
Data Input Swing Differential
Vin
500
1600
mV
Input Differential Impedance
Zin
90
100
110
¡
Input High Voltage
VH
VCC-1165
VCC-880
mV
Input Low Voltage
VL
VCC-1810
VCC-
1475
mV
Eye Diagram
Compliant with ITU-T G.957
Data Input
LVPECL/PECL
Receiver
Receiver Rate
155
Mbps
Centre Wavelength
¬
C
1480
1550
1580
nm
1260
1310
1360
Receiver Sensitivity
Pmin
-34
dBm
Receiver Overload
Pmax
-3
dBm
SD Assert
SDA
-35
dBm
SD De-Assert
SDD
-40
dBm
SD Hysteresis
0.5
dB
Output High Voltage
VH
VCC-1165
VCC-880
mV
Output Low Voltage
VL
VCC-1810
VCC-
1475
mV
Data Output
LVPECL/PECL


Similar Part No. - GTR-2217B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GTR0.5-8 ETC2-GTR0.5-8 Datasheet
123Kb / 1P
   Ferrules INSULATED (INDUSTRIAL STANDARD)
GTR0.75-8 ETC2-GTR0.75-8 Datasheet
123Kb / 1P
   Ferrules INSULATED (INDUSTRIAL STANDARD)
GTR1.0-8 ETC2-GTR1.0-8 Datasheet
123Kb / 1P
   Ferrules INSULATED (INDUSTRIAL STANDARD)
GTR1.5-8 ETC2-GTR1.5-8 Datasheet
123Kb / 1P
   Ferrules INSULATED (INDUSTRIAL STANDARD)
logo
WOLFSPEED, INC.
GTRA184602FC WOLFSPEED-GTRA184602FC Datasheet
693Kb / 9P
   Thermally-Enhanced High Power RF GaN on SiC HEMT 460 W, 48 V, 1805 – 1880 MHz
Rev. 03, 2023-03-02
More results

Similar Description - GTR-2217B

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
SPL-54-GB-BZ-CNA SOURCE-SPL-54-GB-BZ-CNA Datasheet
499Kb / 7P
   SFP Bi-Directional Transceiver
SPL-43-GB-BD-CDA SOURCE-SPL-43-GB-BD-CDA Datasheet
510Kb / 7P
   SFP Bi-Directional Transceiver
SPL-43-GB-BX-CNA SOURCE-SPL-43-GB-BX-CNA Datasheet
625Kb / 9P
   SFP Bi-Directional Transceiver
SPL-53-GB-BD-CNA SOURCE-SPL-53-GB-BD-CNA Datasheet
523Kb / 7P
   SFP Bi-Directional Transceiver
SPS-35-FE-BX-CDC SOURCE-SPS-35-FE-BX-CDC Datasheet
527Kb / 7P
   SFP Bi-directional Transceiver
SPL-53-FE-BX-CDA SOURCE-SPL-53-FE-BX-CDA Datasheet
531Kb / 7P
   SFP Bi-Directional Transceiver
SPS-53-FE-BX-CDC SOURCE-SPS-53-FE-BX-CDC Datasheet
528Kb / 7P
   SFP Bi-Directional Transceiver
SPL-35-GB-BD-CNA SOURCE-SPL-35-GB-BD-CNA Datasheet
518Kb / 7P
   SFP Bi-Directional Transceiver
SPS-43-GB-EBX-CNC SOURCE-SPS-43-GB-EBX-CNC Datasheet
675Kb / 7P
   SFP Bi-Directional Transceiver
SPL-35-FE-BD-CDA SOURCE-SPL-35-FE-BD-CDA Datasheet
649Kb / 7P
   SFP Bi-directional Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com