Electronic Components Datasheet Search |
|
LF90CPT-TR Datasheet(PDF) 11 Page - STMicroelectronics |
|
LF90CPT-TR Datasheet(HTML) 11 Page - STMicroelectronics |
11 / 49 page LFxxAB - LFxxC Electrical characteristics 11/49 Table 7. Electrical characteristics for LF18C (refer to the test circuits, TJ = 25 °C, CI = 0.1 µF, CO = 2.2 µF unless otherwise specified.) Symbol Parameter Test conditions Min. Typ. Max. Unit VO Output voltage IO = 50 mA, VI = 3.5 V 1.764 1.8 1.836 V IO = 50 mA, VI = 3.5 V, Ta = -25 to 85°C 1.728 1.872 VI Operating input voltage IO = 500 mA 3 16 V IO Output current limit 1 A ΔVO Line regulation VI = 2.8 to 16 V, IO = 5 mA 2 12 mV ΔVO Load regulation VI = 3.3 V, IO = 5 to 500 mA 2 10 mV Id Quiescent current VI = 2.5 to 16V, IO = 0mA ON MODE 0.5 1 mA VI = 3.1 to 16V, IO=500mA 12 VI = 6 V OFF MODE 50 100 µA SVR Supply voltage rejection IO = 5 mA, VI = 3.5 ± 1 V f = 120 Hz 82 dB f = 1 kHz 77 f = 10 kHz 60 eN Output noise voltage B = 10 Hz to 100 kHz 50 µV Vd Dropout voltage IO = 200 mA 0.7 V VIL Control input logic low Ta = -40 to 125°C 0.8 V VIH Control input logic high Ta = -40 to 125°C 2 V II Control input current VI = 6 V, VC = 6 V 10 µA CO Output bypass capacitance ESR = 0.1 to 10 Ω, IO = 0 to 500 mA 2 10 µF |
Similar Part No. - LF90CPT-TR |
|
Similar Description - LF90CPT-TR |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |