Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PHE840MH6330MB17R17 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PHE840MH6330MB17R17
Description  New, small dimensions including low profile capacitors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PHE840MH6330MB17R17 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PHE840MH6330MB17R17 Datasheet HTML 1Page - List of Unclassifed Manufacturers PHE840MH6330MB17R17 Datasheet HTML 2Page - List of Unclassifed Manufacturers PHE840MH6330MB17R17 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
144
Rated voltage
275 VAC 50/60 Hz (ENEC)
280 VAC 50/60 Hz (UL, CSA)
Capacitance range
0.01 – 10.0 µF
Capacitance tolerance
± 20% standard, ± 10% option, ± 5% on request
Temperature range
–55 to +105°C
Climatic category
55/105/56/B
Approvals
ENEC, UL, CSA
Dissipation factor
Maximum values at +23°C
C
≤ 0.1 µF
0.1µF < C
≤ 1 µF
C > 1 µF
1 kHz
0.1%
0.1%
0.1%
10 kHz
0.2%
0.4%
0.8%
100 kHz
0.6%
––
Test voltage between
The 100% screening factory test is carried
terminals
out at 2200 VDC. The voltage level is
selected to meet the requirements in
applicable equipment standards. All
electrical characteristics are checked
after the test.
Insulation resistance
C
≤ 0.33 µF: 30 000 M
C > 0.33 µF:
10 000 s
In DC applications
Maximum voltage 630 VDC
PHE840M
• EMI suppressor, class X2, metallized polypropylene
• 0.01 – 10.0 µF, 275/280 VAC, +105°C
• New, small dimensions including low profile capacitors
• Replaces PHE843
TYPICAL APPLICATIONS
CONSTRUCTION
TECHNICAL DATA
For worldwide use as electromagnetic
interference suppressor in all X2 and
across-the-line applications.
Metallized polypropylene film encapsulated
with selfextinguishing epoxy resin in a box of
material recognized to UL 94 V–0.
p
d
std l
max l
b
7.5 ± 0.4
0.6
17
20
±0.4
10.0 ± 0.4
0.6
17
30
±0.4
15.0 ± 0.4
0.8
17
30
±0.4
22.5 ± 0.4
0.8
6
30
±0.4
27.5 ± 0.4
0.8
6
30
±0.4
37.5 ± 0.5
1.0
6
30
±0.7
Tolerance in lead length
< 30 mm
mm
≥ 30 mm
mm
+0
–1
+5
–0
L
H
B
p
l
∅ d
0.5
b
ENVIRONMENTAL TEST DATA
Endurance
IEC 60384–14
1.25 x U
R VAC 50 Hz,
once every hour increased
to 1000 VAC for 0.1 s,
1000 h at upper rated temperature
Vibration
IEC 60068–2–6
3 directions at 2 hours each,
No visible damage
Test Fc
10–55 Hz at 0.75 mm or 98 m/s2
No open or short circuit
Bump
IEC 60068–2–29
1000 bumps at
No visible damage
Test Eb
390 m/s2
No open or short circuit
Change of temperature
IEC 60068–2–14
Upper and lower rated
No visible damage
Test Na
temperature 5 cycles
Active flammability
EN 132400
Passive flammability
IEC 60384-14 (1993)
Enclosure material of
EN 132400
UL94V–0 flammability class
UL1414
Humidity
IEC 60068-2-3
+40°C and
56 days
Test Ca
90 – 95% R.H.


Similar Part No. - PHE840MH6330MB17R17

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
PHE840MH6330MB17R17 KEMET-PHE840MH6330MB17R17 Datasheet
192Kb / 2P
   EMI suppressor, class X2, metallized polypropylene
PHE840MH6330MB17R17 KEMET-PHE840MH6330MB17R17 Datasheet
354Kb / 2P
   Small dimensions including low profile capacitors
More results

Similar Description - PHE840MH6330MB17R17

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
PHE850EA4100MA06R17 KEMET-PHE850EA4100MA06R17 Datasheet
409Kb / 2P
   New, small dimensions including low profile capacitors
PHE840M KEMET-PHE840M Datasheet
354Kb / 2P
   Small dimensions including low profile capacitors
logo
Littelfuse
S2012DRP LITTELFUSE-S2012DRP Datasheet
218Kb / 12P
   New small profile three-leaded Compak package
logo
Willow Technologies Ltd
FPR2-T220 WILLOW-FPR2-T220 Datasheet
361Kb / 3P
   Small Dimensions Extremly Low-Ohm
logo
Glenair, Inc.
140G104XO-0000 GLENAIR-140G104XO-0000 Datasheet
325Kb / 2P
   Small Low-Profile Box
logo
Bourns Electronic Solut...
CR0402-FX-6342GLF BOURNS-CR0402-FX-6342GLF Datasheet
138Kb / 3P
   Small package dimensions
logo
Advanced Power Electron...
AP2606GY-HF A-POWER-AP2606GY-HF_16 Datasheet
99Kb / 5P
   Small Footprint & Low Profile Package
AP15TP1R0Y A-POWER-AP15TP1R0Y Datasheet
111Kb / 6P
   Small Footprint & Low Profile Package
AP2334GN A-POWER-AP2334GN_16 Datasheet
64Kb / 5P
   Small Footprint & Low Profile Package
AP2605GY0-HF A-POWER-AP2605GY0-HF_16 Datasheet
67Kb / 5P
   Small Footprint & Low Profile Package
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com