Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W55RFS27T3BW Datasheet(PDF) 3 Page - Winbond

Part # W55RFS27T3BW
Description  SUPER-REGENERATION RF RECEIVER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W55RFS27T3BW Datasheet(HTML) 3 Page - Winbond

  W55RFS27T3BW Datasheet HTML 1Page - Winbond W55RFS27T3BW Datasheet HTML 2Page - Winbond W55RFS27T3BW Datasheet HTML 3Page - Winbond W55RFS27T3BW Datasheet HTML 4Page - Winbond W55RFS27T3BW Datasheet HTML 5Page - Winbond W55RFS27T3BW Datasheet HTML 6Page - Winbond W55RFS27T3BW Datasheet HTML 7Page - Winbond W55RFS27T3BW Datasheet HTML 8Page - Winbond W55RFS27T3BW Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
W55RFS27T3B
Publication Release Date:June 8, 2005
- 3 -
Revision A1
1.2 W55RFS27T3B Pad Definition
1.2.1
Pad Description
SYMBOL
PAD
NO.
I/O
FUNCTIONAL DESCRIPTION
S3
1
I
Manual-mode input, internal pull-high
S4
2
I
Manual-mode input , internal pull-high
CKSEL0
3
I
Clock frequency select LSB (please see section 1.2.2 for setup)
TEST
4
I
TEST=0 for 6-function mode, TEST=1 for 4-function mode
CKSEL1
5
I
Clock frequency select MSB (please see section 1.2.2 for setup)
ANT
6
O
RF signal output. An external matching circuit is necessary for
connecting with an antenna.
GND
7
Ground
Ground return path
VDD
8
Power
Power path
RESET
9
I
RESET=0 resets whole chip, internal pull-high
X1
10
I
Input of internal crystal oscillator to connect to an external crystal
X2
11
O
Output of internal crystal oscillator to connect to an external crystal
ID1
12
I
ID setting MSB (please see section 1.2.3 for setup)
ID0
13
I
ID setting LSB (please see section 1.2.3 for setup)
TXOUT
14
O
TXD Data output
S1/~TXD
15
I
Manual-mode input or uC-mode: ~TXD, internal pull-high
S2/~ENB
16
I
Manual-mode input or uC-mode: ~ENB, internal pull-high
1.2.2
Clock Frequency Select (CKSEL) Setup
(CKSEL1,CKSEL0)
CLOCK FREQUENCY
(0,0)
27.145 MHz
(0,1)
35.48 MHz
(1,0)
40.68 MHz
(1,1)
49.86 MHz


Similar Part No. - W55RFS27T3BW

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
W55RFS27T3 ETC2-W55RFS27T3 Datasheet
392Kb / 12P
   Super-Regeneration RF Transmitter
logo
Nuvoton Technology Corp...
W55RFS27T3 NUVOTON-W55RFS27T3 Datasheet
392Kb / 12P
   Super-Regeneration RF Transmitter
More results

Similar Description - W55RFS27T3BW

ManufacturerPart #DatasheetDescription
logo
Nuvoton Technology Corp...
W55RFS27R1B NUVOTON-W55RFS27R1B Datasheet
431Kb / 15P
   Super-Regeneration RF Receiver
logo
List of Unclassifed Man...
W55RFS27R1B ETC2-W55RFS27R1B Datasheet
431Kb / 15P
   Super-Regeneration RF Receiver
logo
Winbond
W55RFS27R1B WINBOND-W55RFS27R1B Datasheet
259Kb / 15P
   SUPER-REGENERATION RF RECEIVER
W55RFS27R3C WINBOND-W55RFS27R3C Datasheet
257Kb / 13P
   Super-Regeneration RF Receiver
logo
List of Unclassifed Man...
W55RFS27R3C ETC2-W55RFS27R3C Datasheet
485Kb / 12P
   Super-Regeneration RF Receiver
logo
Nuvoton Technology Corp...
W55RFS27R3C NUVOTON-W55RFS27R3C Datasheet
485Kb / 12P
   Super-Regeneration RF Receiver
logo
List of Unclassifed Man...
MO-RXLC-A ETC2-MO-RXLC-A Datasheet
111Kb / 4P
   SUPER-REGENERATION RECEIVER MODULE
logo
Nuvoton Technology Corp...
W55RFS27T3 NUVOTON-W55RFS27T3 Datasheet
392Kb / 12P
   Super-Regeneration RF Transmitter
W55RFS27T1B NUVOTON-W55RFS27T1B Datasheet
533Kb / 15P
   Super-Regeneration RF Transmitter
logo
List of Unclassifed Man...
W55RFS27T1B ETC2-W55RFS27T1B Datasheet
533Kb / 15P
   Super-Regeneration RF Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com