Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C-13-FXX-PX Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # C-13-FXX-PX
Description  1310nm Emitting,1490nm Receiving (PIN-TIA, 3.3V), Bi-directional Diplexer Optical Module
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

C-13-FXX-PX Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  C-13-FXX-PX Datasheet HTML 1Page - List of Unclassifed Manufacturers C-13-FXX-PX Datasheet HTML 2Page - List of Unclassifed Manufacturers C-13-FXX-PX Datasheet HTML 3Page - List of Unclassifed Manufacturers C-13-FXX-PX Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
1310nm Emitting,1490nm Receiving (PIN-TIA, 3.3V),
Bi-directional Diplexer Optical Module
C-13/14-FXX-PX-SXXX/XXX-XX
20550 Nordhoff St. • Chatsworth, CA 91311 • tel: 818.773.9044 • fax: 818.576.9486
9F, No 81, Shui Lee Rd. • Hsinchu, Taiwan, R.O.C. • tel: 886.3.5169222 • fax: 886.3.5169213
LUMNDS1545-FEB0906
rev. A.0
LUMINENTOIC.COM
Parameter
Symbol
Min
Typical
Max
Unit
Test Condition
Power Supply
Vcc
3.0
3.3
3.6
V
F02
-
-
1000
Differential Output Voltage
Vd
F04
-
260
450
mV
F06
185
250
415
F02
-
-
35
Supply Current (no load)
Icc
F04
-
21
30
mA
F06
-
26
50
DC Electrical Characteristics( Tc=25ºC)
Detector
λ=1480-1500nm
Parameter
Symbol
Min
Typical
Max
Unit
Test Condition
Detection Range
1480
-
1500
nm
-
F02
52
-
70
Measure differentially, AC coupled, RL=50Ω
Gain @ 10 Mbps Differential
G
F04
6
7
-
V/mW
Measure differentially, AC coupled, RL=50Ω
F06
1.92
2.5
3.4
Measure differentially with 30uAp-p signal
F02
120
140
-
Bandwidth
BW
F04
404
470
-
MHz
F06
700
920
1100
F02
-3
0
-
BER<10-10 @155Mbps PRBS 223-1,Er=10dB
Saturation Power
Psat
F04
-7
-6
-
dBm
BER<10-10 @622Mbps PRBS 223-1,Er=10dB
F06
-3
-
-
BER<10-12 @1.25Gbps PRBS 27-1,Er=10dB
F02
-
-38
-35
BER<10-10 @155Mbps PRBS 223-1,Er=10dB
Sensitivity
Sens. F04
-
-33
-30
dBm
BER<10-10 @622Mbps PRBS 223-1,Er=10dB
F06
-
-26
-23
BER<10-12 @1.25Gbps PRBS 27-1,Er=10dB
F02
-
50
-
Output Resistance
Rout
F04
48
50
52
ohm
F06
48
50
62
AC/Optical and Electrical Characteristics( Tc=25ºC)


Similar Part No. - C-13-FXX-PX

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C-13-F04P-NLCH ETC2-C-13-F04P-NLCH Datasheet
507Kb / 4P
   1550nm Emitting , 1310nm Receiving (PIN-TIA, 3.3V), Bi-directional Diplexer Optical Module
C-13-F04P-NLCH-G5 ETC2-C-13-F04P-NLCH-G5 Datasheet
507Kb / 4P
   1550nm Emitting , 1310nm Receiving (PIN-TIA, 3.3V), Bi-directional Diplexer Optical Module
C-13-F04P-NLCH-GR ETC2-C-13-F04P-NLCH-GR Datasheet
507Kb / 4P
   1550nm Emitting , 1310nm Receiving (PIN-TIA, 3.3V), Bi-directional Diplexer Optical Module
More results

Similar Description - C-13-FXX-PX

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
C-13-14-F02-P-SFCL SOURCE-C-13-14-F02-P-SFCL Datasheet
729Kb / 4P
   1310nm Emitting,1490nm Receiving (PIN-TIA, 3.3V), Bi-directional Diplexer Optical Module
C-13-14-F06-BD-SSCL SOURCE-C-13-14-F06-BD-SSCL Datasheet
545Kb / 4P
   1310nm Emitting , 1490nm Receiving (PIN-TIA, 3.3V), Bi-directional Diplexer Optical Module
C-14-13-D06-BD-SSCL SOURCE-C-14-13-D06-BD-SSCL Datasheet
528Kb / 5P
   1490nm Emitting(DFB) , 1310nm Receiving (PIN-TIA, 3.3V), Bi-directional Diplexer Optical Module
C-13-15-F04-P-NLCH SOURCE-C-13-15-F04-P-NLCH Datasheet
512Kb / 4P
   1310nm Emitting , 1550nm Receiving (PIN-TIA, 3.3V), Bi-directional Diplexer Optical Module
C-13-15-F02-BD-NLCM SOURCE-C-13-15-F02-BD-NLCM Datasheet
825Kb / 4P
   1310nm Emitting ,1550nm Receiving (PIN-TIA, 3.3V), Bi-directional Diplexer Optical Module
C-15-13-F02-BD-NLCM SOURCE-C-15-13-F02-BD-NLCM Datasheet
824Kb / 4P
   1550nm Emitting ,1310nm Receiving (PIN-TIA, 3.3V), Bi-directional Diplexer Optical Module
C-15-13-F04-P-NLCH SOURCE-C-15-13-F04-P-NLCH Datasheet
512Kb / 4P
   1550nm Emitting , 1310nm Receiving (PIN-TIA, 3.3V), Bi-directional Diplexer Optical Module
logo
List of Unclassifed Man...
C-15-F04 ETC2-C-15-F04 Datasheet
507Kb / 4P
   1550nm Emitting , 1310nm Receiving (PIN-TIA, 3.3V), Bi-directional Diplexer Optical Module
logo
Source Photonics, Inc.
C-13-15-D02-B-SSCL SOURCE-C-13-15-D02-B-SSCL Datasheet
804Kb / 4P
   1310nm Emitting(DFB),1550nm Receiving(PIN-TIA,3.3V), Bi-directional Diplexer Optical Module
C-15-13-D02-B-SSCL SOURCE-C-15-13-D02-B-SSCL Datasheet
797Kb / 4P
   1550nm Emitting(DFB),1310nm Receiving(PIN-TIA,3.3V), Bi-directional Diplexer Optical Module
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com