Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLK1002A Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TLK1002A
Description  DUAL SIGNAL CONDITIONING TRANSCEIVER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLK1002A Datasheet(HTML) 2 Page - Texas Instruments

  TLK1002A Datasheet HTML 1Page - Texas Instruments TLK1002A Datasheet HTML 2Page - Texas Instruments TLK1002A Datasheet HTML 3Page - Texas Instruments TLK1002A Datasheet HTML 4Page - Texas Instruments TLK1002A Datasheet HTML 5Page - Texas Instruments TLK1002A Datasheet HTML 6Page - Texas Instruments TLK1002A Datasheet HTML 7Page - Texas Instruments TLK1002A Datasheet HTML 8Page - Texas Instruments TLK1002A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
www.ti.com
BLOCK DIAGRAM
+
input buffer
stage
VML output
buffer
Q
Q
input buffer
stage
+
-
VML output
buffer
Q
Q
MUX
I1
I2
Q
SEL
reference voltage and
bias current generation
VDD
GND
VDD
GND
RXB+
RXB−
TXA+
TXA−
RXA+
RXA−
TXB+
TXB−
RCLK
low−noise
half−rate clock
synthesizer PLL
ICLK
RCLK
QCLK
signal
conditioning PLL
ICLK
DOUT
DIN
QCLK
signal
conditioning PLL
ICLK
DIN
DOUT
QCLK
2
2
2
amplifier
stage
2
MUX
I1
I2
Q
SEL
2
LBB
ENB
ENA
LBA
2
2
2
2
DATA PATHS
TLK1002A
DUAL SIGNAL CONDITIONING TRANSCEIVER
SLLS661 – JUNE 2005
A simplified block diagram of the TLK1002A circuit is shown in Figure 1. The main circuit parts are described in
detail below.
Figure 1. Simplified Block Diagram of the TLK1002A Transceiver
The serial input data streams are connected to the input ports RXA+/RXA– or RXB+/RXB– respectively. The
input stages provide on-chip differential 100-
Ω termination. The outputs of the input buffer stages are connected
to the signal conditioning PLL circuits.
The PLL output signals are fed to multiplexer (MUX) stages, which are used to redirect the data signals if loop
back mode is selected.
The multiplexer stages are connected to the output ports TXB+/TXB– or TXA+/TXA– , respectively, by means of
VML output buffer stages. To enable the output buffer stages, ENA and ENB, which are internally pulled up,
must be at high level (VDD).
The loop back modes are enabled by means of the control-inputs LBA and LBB, which are implemented as
active low inputs with integrated pull-up resistors. If LBA is set to low level, the input data applied to the input port
RXA+/RXA– is retimed and fed to both output ports TXB+/TXB– and TXA+/TXA–. If LBB is pulled low, the
retimed input data signal applied to RXB+/RXB– is available at TXA+/TXA– and TXB+/TXB–.
If a logic low signal is applied to both loop back control inputs the retimed signal connected to RXA+/RXA–
appears at TXA+/TXA–, while the retimed signal applied to RXB+/RXB– is fed to TXB+/TXB–.
2


Similar Part No. - TLK1002A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLK10021ZWQ TI1-TLK10021ZWQ Datasheet
658Kb / 2P
[Old version datasheet]   10 Gbps PHY Transceiver for LAN/MAN/SAN Applications
TLK10022 TI1-TLK10022 Datasheet
566Kb / 64P
[Old version datasheet]   10Gbps DUAL-CHANNEL MULTI-RATE SERIAL LINK AGGREGATOR
TLK10022CTR TI1-TLK10022CTR Datasheet
566Kb / 64P
[Old version datasheet]   10Gbps DUAL-CHANNEL MULTI-RATE SERIAL LINK AGGREGATOR
More results

Similar Description - TLK1002A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SA40011 ETC1-SA40011 Datasheet
394Kb / 2P
   Dual Axis Signal Conditioning Module
logo
Analog Devices
AD7711 AD-AD7711_17 Datasheet
354Kb / 29P
   Signal Conditioning ADC
AD7714 AD-AD7714_17 Datasheet
349Kb / 41P
   Signal Conditioning ADC
logo
MORNSUN Science& Techno...
T797HL MORNSUN-T797HL_15 Datasheet
1Mb / 6P
   Signal conditioning module
logo
Analog Devices
AD7712 AD-AD7712_15 Datasheet
258Kb / 28P
   Signal Conditioning ADC
REV. F
logo
Honeywell Solid State E...
DC005NDC4 HONEYWELL-DC005NDC4 Datasheet
129Kb / 4P
   Signal Conditioning: Amplified
logo
Analog Devices
AD7710AR-REEL7 AD-AD7710AR-REEL7 Datasheet
265Kb / 32P
   Signal Conditioning ADC
REV. G
AD7714 AD-AD7714_15 Datasheet
298Kb / 40P
   Signal Conditioning ADC
REV. C
AD7710 AD-AD7710_15 Datasheet
265Kb / 32P
   Signal Conditioning ADC
REV. G
logo
MORNSUN Science& Techno...
TF5134N MORNSUN-TF5134N_15 Datasheet
306Kb / 5P
   Signal conditioning modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com