Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLUR5401 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # TLUR5401
Description  Universal LED in ∅ 5 mm Tinted Diffused Package
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLUR5401 Datasheet(HTML) 2 Page - Vishay Siliconix

  TLUR5401 Datasheet HTML 1Page - Vishay Siliconix TLUR5401 Datasheet HTML 2Page - Vishay Siliconix TLUR5401 Datasheet HTML 3Page - Vishay Siliconix TLUR5401 Datasheet HTML 4Page - Vishay Siliconix TLUR5401 Datasheet HTML 5Page - Vishay Siliconix TLUR5401 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.vishay.com
2
Document Number 83055
Rev. 1.6, 31-Aug-04
VISHAY
TLUR540.
Vishay Semiconductors
Optical and Electrical Characteristics
Tamb = 25 °C, unless otherwise specified
Red
TLUR54..
1) in one Packing Unit I
Vmin/IVmax ≤ 0.5
Typical Characteristics (Tamb = 25 °C unless otherwise specified)
Parameter
Test condition
Part
Symbol
Min
Typ.
Max
Unit
Luminous intensity 1)
IF = 10 mA
TLUR5400
IV
415
mcd
TLUR5401
IV
415
32
mcd
Dominant wavelength
IF = 10 mA
λd
630
nm
Peak wavelength
IF = 10 mA
λp
640
nm
Angle of half intensity
IF = 10 mA
ϕ
± 30
deg
Forward voltage
IF = 20 mA
VF
23
V
Reverse voltage
IR = 10 µAVR
615
V
Junction capacitance
VR = 0, f = 1 MHz
Cj
50
pF
Figure 1. Power Dissipation vs. Ambient Temperature
Figure 2. Forward Current vs. Ambient Temperature
0
20
40
60
80
100
0
20406080
100
Tamb – Ambient Temperature ( C )
17516
0
5
10
15
20
25
30
35
40
0
1020 3040 5060 7080 90 100
Tamb – Ambient Temperature ( C )
17515
Figure 3. Pulse Forward Current vs. Pulse Duration
Figure 4. Rel. Luminous Intensity vs. Angular Displacement
0.01
0.1
1
10
1
10
100
1000
10000
t p - Pulse Length ( ms )
100
95 9985
DC
t p /T = 0.005
0.5
0.2
0.1
0.01
0.05
0.02
Tamb <60°C
0.4
0.2
0
0.2
0.4
0.6
95 10042
0.6
0.9
0.8
0
°
°
°
30°
10
20
40°
50°
60°
70°
80°
0.7
1.0


Similar Part No. - TLUR5401

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLUR5401 VISHAY-TLUR5401 Datasheet
100Kb / 6P
   Universal LED in 5 mm Tinted Diffused Package
Rev. A1, 04-Feb-99
TLUR5401 VISHAY-TLUR5401 Datasheet
164Kb / 6P
   Universal LED in 횠 5 mm Tinted Diffused Package
01-Jan-2022
More results

Similar Description - TLUR5401

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLUR54 VISHAY-TLUR54 Datasheet
100Kb / 6P
   Universal LED in 5 mm Tinted Diffused Package
Rev. A1, 04-Feb-99
TLUR5401 VISHAY-TLUR5401 Datasheet
164Kb / 6P
   Universal LED in 횠 5 mm Tinted Diffused Package
01-Jan-2022
TLUR6401 VISHAY-TLUR6401 Datasheet
105Kb / 4P
   Universal LED in 횠 5 mm Tinted Diffused Package
01-Jan-2022
TLUR440 VISHAY-TLUR440 Datasheet
117Kb / 5P
   Universal LED in 3 mm Tinted Diffused Package
Rev. 1.7, 14-Jun-06
TLUR4401 VISHAY-TLUR4401_V02 Datasheet
182Kb / 6P
   Universal LED in Ø 3 mm Tinted Diffused Package
01-Jan-2023
TLUR440 VISHAY-TLUR440_V01 Datasheet
183Kb / 6P
   Universal LED in 횠 3 mm Tinted Diffused Package
01-Jan-2022
TLUR44K1L2 VISHAY-TLUR44K1L2_V01 Datasheet
107Kb / 4P
   Universal LED in 횠 3 mm Tinted Diffused Package
01-Jan-2022
TLHY5405 VISHAY-TLHY5405 Datasheet
250Kb / 8P
   High Efficiency LED in 5 mm Tinted Diffused Package
Rev. 1.4, 31-Aug-04
TLHR54 VISHAY-TLHR54 Datasheet
129Kb / 9P
   High Efficiency LED in 5 mm Tinted Diffused Package
Rev. A1, 04-Feb-99
logo
STMicroelectronics
TLL540 STMICROELECTRONICS-TLL540 Datasheet
97Kb / 7P
   Low Current LED in 5 mm Tinted Diffused Package
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com