Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BIM2-433-160 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # BIM2-433-160
Description  433MHz high speed FM radio transceiver module
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

BIM2-433-160 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button BIM2-433-160 Datasheet HTML 2Page - List of Unclassifed Manufacturers BIM2-433-160 Datasheet HTML 3Page - List of Unclassifed Manufacturers BIM2-433-160 Datasheet HTML 4Page - List of Unclassifed Manufacturers BIM2-433-160 Datasheet HTML 5Page - List of Unclassifed Manufacturers BIM2-433-160 Datasheet HTML 6Page - List of Unclassifed Manufacturers BIM2-433-160 Datasheet HTML 7Page - List of Unclassifed Manufacturers BIM2-433-160 Datasheet HTML 8Page - List of Unclassifed Manufacturers BIM2-433-160 Datasheet HTML 9Page - List of Unclassifed Manufacturers BIM2-433-160 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Radiometrix Ltd, BiM2 Data Sheet
page 6
Baseband Transfer
Performance
pin
min.
typ.
max.
units
notes
Signal applied with supply on
Signal to valid CD,
tsig-CD
11
-
0.25
0.5
ms
Note 2
Signal to stable data, tsig-data
12
-
3
4
ms
Signal to stable data, tsig-data
12
-
-
1
ms
1, S version
Signal to stable data, tsig-data
12
-
-
0.5
ms
TX power up to full RF
2
-
100
-
µs
Notes:
1. from 45% to 55% duty cycle
2. CD works up to a temperature of 40° C
Antenna requirements
Three types of integral antenna are recommended and approved for use with the module:
A) Helical
Wire coil, connected directly to pin 2, open circuit at other end. This antenna is very
efficient given it’s small size (20mm x 4mm dia.). The helical is a high Q antenna, trim
the wire length or expand the coil for optimum results. The helical de-tunes badly with
proximity to other conductive objects.
B) Loop
A loop of PCB track tuned by a fixed or variable capacitor to ground at the 'hot' end and
fed from pin 2 at a point 20% from the ground end. Loops have high immunity to
proximity de-tuning.
C) Whip
This is a wire, rod ,PCB track or combination connected directly to pin 2 of the module.
Optimum total length is 16cm (1/4 wave @ 433MHz). Keep the open circuit (hot) end
well away from metal components to prevent serious de-tuning. Whips are ground plane
sensitive and will benefit from internal 1/4 wave earthed radial(s) if the product is small
and plastic cased
A
B
C
helical
loop
whip
Ultimate performance
**
*
***
Easy of design set-up
**
*
***
Size
***
**
*
Immunity proximity effects
**
***
*
Range open ground to similar antenna
200m
The antenna choice and position directly controls the system range. Keep it clear of other metal in the
system, particularly the 'hot' end. The best position by far, is sticking out the top of the product. This is
often not desirable for practical/ergonomic reasons thus a compromise may need to be reached. If an
internal antenna must be used, try to keep it away from other metal components, particularly large
ones like transformers, batteries and PCB tracks/earth plane. The space around the antenna is as
important as the antenna itself.


Similar Part No. - BIM2-433-160

ManufacturerPart #DatasheetDescription
logo
Radiometrix Ltd
BIM2-433-160 RADIOMETRIX-BIM2-433-160 Datasheet
561Kb / 11P
   433MHz high speed FM radio transceiver module
More results

Similar Description - BIM2-433-160

ManufacturerPart #DatasheetDescription
logo
Radiometrix Ltd
BIM2 RADIOMETRIX-BIM2 Datasheet
561Kb / 11P
   433MHz high speed FM radio transceiver module
logo
List of Unclassifed Man...
BIM2-433-64 ETC1-BIM2-433-64 Datasheet
356Kb / 7P
   433MHz high speed FM radio transceiver module
logo
Radiometrix Ltd
BIM2A RADIOMETRIX-BIM2A Datasheet
209Kb / 9P
   433MHz Wide Band FM radio transceiver
BIM3A RADIOMETRIX-BIM3A Datasheet
195Kb / 11P
   869/914MHz high speed FM radio transceiver module
logo
List of Unclassifed Man...
TRW-4432-433 ETC2-TRW-4432-433 Datasheet
351Kb / 6P
   433MHz ISM Transceiver Module
logo
Radiometrix Ltd
BIM3B RADIOMETRIX-BIM3B Datasheet
773Kb / 11P
   869MHz Wide Band FM radio transceiver
logo
SHENZHEN KYL COMMUNICAT...
KYL-300H KYL-KYL-300H_1 Datasheet
163Kb / 9P
   High Speed Data Radio Module
logo
rfsolutions.ltd
T7-434-075 RFSOLUTIONS-T7-434-075 Datasheet
76Kb / 7P
   FM 433MHz Narrow Band
logo
List of Unclassifed Man...
MXR-505 ETC2-MXR-505 Datasheet
176Kb / 10P
   UHF FM TRANSCEIVER MODULE
logo
Silicon Laboratories
SI4720-B20-GMR SILABS-SI4720-B20-GMR Datasheet
1Mb / 48P
   BROADCAST FM RADIO TRANSCEIVER FOR PORTABLE APPLICATIONS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com