Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLK1002ARGETG4 Datasheet(PDF) 10 Page - Texas Instruments

Part # TLK1002ARGETG4
Description  DUAL SIGNAL CONDITIONING TRANSCEIVER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLK1002ARGETG4 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TLK1002ARGETG4 Datasheet HTML 6Page - Texas Instruments TLK1002ARGETG4 Datasheet HTML 7Page - Texas Instruments TLK1002ARGETG4 Datasheet HTML 8Page - Texas Instruments TLK1002ARGETG4 Datasheet HTML 9Page - Texas Instruments TLK1002ARGETG4 Datasheet HTML 10Page - Texas Instruments TLK1002ARGETG4 Datasheet HTML 11Page - Texas Instruments TLK1002ARGETG4 Datasheet HTML 12Page - Texas Instruments TLK1002ARGETG4 Datasheet HTML 13Page - Texas Instruments TLK1002ARGETG4 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package
Type
Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
TLK1002ARGER
ACTIVE
VQFN
RGE
24
3000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-2-260C-1 YEAR
TLK1002ARGERG4
ACTIVE
VQFN
RGE
24
3000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-2-260C-1 YEAR
TLK1002ARGET
ACTIVE
VQFN
RGE
24
250
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-2-260C-1 YEAR
TLK1002ARGETG4
ACTIVE
VQFN
RGE
24
250
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-2-260C-1 YEAR
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in
a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check
http://www.ti.com/productcontent for the latest availability information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and
package, or 2) lead-based die adhesive used between the die and leadframe. The component is otherwise considered Pb-Free (RoHS
compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame
retardants (Br or Sb do not exceed 0.1% by weight in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder
temperature.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is
provided. TI bases its knowledge and belief on information provided by third parties, and makes no representation or warranty as to the
accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and continues to take
reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on
incoming materials and chemicals. TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited
information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI
to Customer on an annual basis.
PACKAGE OPTION ADDENDUM
www.ti.com
27-Feb-2008
Addendum-Page 1


Similar Part No. - TLK1002ARGETG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLK10021ZWQ TI1-TLK10021ZWQ Datasheet
658Kb / 2P
[Old version datasheet]   10 Gbps PHY Transceiver for LAN/MAN/SAN Applications
TLK10022 TI1-TLK10022 Datasheet
566Kb / 64P
[Old version datasheet]   10Gbps DUAL-CHANNEL MULTI-RATE SERIAL LINK AGGREGATOR
TLK10022CTR TI1-TLK10022CTR Datasheet
566Kb / 64P
[Old version datasheet]   10Gbps DUAL-CHANNEL MULTI-RATE SERIAL LINK AGGREGATOR
More results

Similar Description - TLK1002ARGETG4

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SA40011 ETC1-SA40011 Datasheet
394Kb / 2P
   Dual Axis Signal Conditioning Module
logo
Analog Devices
AD7711 AD-AD7711_17 Datasheet
354Kb / 29P
   Signal Conditioning ADC
AD7714 AD-AD7714_17 Datasheet
349Kb / 41P
   Signal Conditioning ADC
logo
MORNSUN Science& Techno...
T797HL MORNSUN-T797HL_15 Datasheet
1Mb / 6P
   Signal conditioning module
logo
Analog Devices
AD7712 AD-AD7712_15 Datasheet
258Kb / 28P
   Signal Conditioning ADC
REV. F
logo
Honeywell Solid State E...
DC005NDC4 HONEYWELL-DC005NDC4 Datasheet
129Kb / 4P
   Signal Conditioning: Amplified
logo
Analog Devices
AD7710AR-REEL7 AD-AD7710AR-REEL7 Datasheet
265Kb / 32P
   Signal Conditioning ADC
REV. G
AD7714 AD-AD7714_15 Datasheet
298Kb / 40P
   Signal Conditioning ADC
REV. C
AD7710 AD-AD7710_15 Datasheet
265Kb / 32P
   Signal Conditioning ADC
REV. G
logo
MORNSUN Science& Techno...
TF5134N MORNSUN-TF5134N_15 Datasheet
306Kb / 5P
   Signal conditioning modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com