Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AHC245 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # 74AHC245
Description  Octal bus transceiver 3-state
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AHC245 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button 74AHC245 Datasheet HTML 3Page - NXP Semiconductors 74AHC245 Datasheet HTML 4Page - NXP Semiconductors 74AHC245 Datasheet HTML 5Page - NXP Semiconductors 74AHC245 Datasheet HTML 6Page - NXP Semiconductors 74AHC245 Datasheet HTML 7Page - NXP Semiconductors 74AHC245 Datasheet HTML 8Page - NXP Semiconductors 74AHC245 Datasheet HTML 9Page - NXP Semiconductors 74AHC245 Datasheet HTML 10Page - NXP Semiconductors 74AHC245 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
74AHC_AHCT245_3
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 03 — 25 September 2007
7 of 16
NXP Semiconductors
74AHC245; 74AHCT245
Octal bus transceiver; 3-state
10. Dynamic characteristics
Table 7.
Dynamic characteristics
GND = 0 V. For test circuit see Figure 7.
Symbol Parameter
Conditions
25
°C
−40 °C to +85 °C −40 °C to +125 °C Unit
Min
Typ[1] Max
Min
Max
Min
Max
For type 74AHC245
tpd
propagation
delay
nAn to nYn; see Figure 5
[2]
VCC = 3.0 V to 3.6 V
CL = 15 pF
-
5.0
8.4
1.0
10.0
1.0
10.5
ns
CL = 50 pF
-
6.5
11.9
1.0
13.5
1.0
15.0
ns
VCC = 4.5 V to 5.5 V
CL = 15 pF
-
3.5
5.5
1.0
6.5
1.0
7.0
ns
CL = 50 pF
5.0
7.5
1.0
8.5
1.0
9.5
ns
ten
enable time
nOE to nYn; see Figure 6
[2]
VCC = 3.0 V to 3.6 V
CL = 15 pF
-
6.5
13.2
1.0
15.5
1.0
16.5
ns
CL = 50 pF
-
9.0
16.7
1.0
19.0
1.0
21.0
ns
VCC = 4.5 V to 5.5 V
CL = 15 pF
-
4.0
8.5
1.0
10.0
1.0
11.0
ns
CL = 50 pF
-
5.0
10.6
1.0
12.0
1.0
13.5
ns
tdis
disable time
nOE to nYn; see Figure 6
[2]
VCC = 3.0 V to 3.6 V
CL = 15 pF
-
7.5
12.5
1.0
15.5
1.0
16.0
ns
CL = 50 pF
-
10.0
15.8
1.0
18.0
1.0
20.0
ns
VCC = 4.5 V to 5.5 V
CL = 15 pF
-
4.5
7.8
1.0
9.2
1.0
10.0
ns
CL = 50 pF
-
6.0
9.7
1.0
11.0
1.0
12.5
ns
CPD
power
dissipation
capacitance
CL = 50 pF; fi = 1 MHz;
VI = GND to VCC
[3]
-12
-
-
-
-
-
pF


Similar Part No. - 74AHC245

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHC245 PHILIPS-74AHC245 Datasheet
88Kb / 20P
   Octal bus transceiver; 3-state
1999 Sep 28
logo
Nexperia B.V. All right...
74AHC245 NEXPERIA-74AHC245 Datasheet
265Kb / 16P
   Octal bus transceiver; 3-state
Rev. 6 - 3 July 2020
74AHC245-Q100 NEXPERIA-74AHC245-Q100 Datasheet
719Kb / 17P
   Octal bus transceiver; 3-state
74AHC245BQ NEXPERIA-74AHC245BQ Datasheet
265Kb / 16P
   Octal bus transceiver; 3-state
Rev. 6 - 3 July 2020
74AHC245BQ-Q100 NEXPERIA-74AHC245BQ-Q100 Datasheet
719Kb / 17P
   Octal bus transceiver; 3-state
More results

Similar Description - 74AHC245

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
DM74ALS245A FAIRCHILD-DM74ALS245A Datasheet
73Kb / 6P
   Octal 3-STATE Bus Transceiver
logo
STMicroelectronics
74VHCT245A STMICROELECTRONICS-74VHCT245A Datasheet
68Kb / 9P
   OCTAL BUS TRANSCEIVER 3-STATE
74ACT245 STMICROELECTRONICS-74ACT245 Datasheet
70Kb / 9P
   OCTAL BUS TRANSCEIVER 3-STATE
April 2001
logo
NXP Semiconductors
74ALVC245 PHILIPS-74ALVC245_15 Datasheet
100Kb / 14P
   Octal bus transceiver; 3-state
Rev. 02-7 January 2008
logo
Toshiba Semiconductor
TC74HCT245AP TOSHIBA-TC74HCT245AP_07 Datasheet
236Kb / 7P
   Octal Bus Transceiver (3-state)
logo
Integral Corp.
IN74ACT643 INTEGRAL-IN74ACT643 Datasheet
195Kb / 5P
   OCTAL 3-STATE BUS TRANSCEIVER
logo
NXP Semiconductors
74LVC245A NXP-74LVC245A Datasheet
122Kb / 17P
   Octal bus transceiver; 3-state
Rev. 05-25 August 2009
logo
Nexperia B.V. All right...
74LVC245A-Q100 NEXPERIA-74LVC245A-Q100 Datasheet
263Kb / 15P
   Octal bus transceiver; 3-state
Rev. 4 - 5 August 2020
74VHCT245 NEXPERIA-74VHCT245 Datasheet
607Kb / 16P
   Octal bus transceiver; 3-state
Rev. 01 - 25 August 2009
74LVC245A NEXPERIA-74LVC245A Datasheet
289Kb / 16P
   Octal bus transceiver; 3-state
Rev. 12 - 16 September 2021
74ALVC245 NEXPERIA-74ALVC245 Datasheet
252Kb / 14P
   Octal bus transceiver; 3-state
Rev. 3 - 30 April 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com