Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M494 Datasheet(PDF) 8 Page - STMicroelectronics

Part # M494
Description  SINGLE-CHIP VOLTAGE TUNING SYSTEM WITH 4 ANALOG CONTROLS AND mP INTERFACE
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M494 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button M494 Datasheet HTML 4Page - STMicroelectronics M494 Datasheet HTML 5Page - STMicroelectronics M494 Datasheet HTML 6Page - STMicroelectronics M494 Datasheet HTML 7Page - STMicroelectronics M494 Datasheet HTML 8Page - STMicroelectronics M494 Datasheet HTML 9Page - STMicroelectronics M494 Datasheet HTML 10Page - STMicroelectronics M494 Datasheet HTML 11Page - STMicroelectronics M494 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
FUNCTIONAL DESCRIPTION (continued)
Display
The M494 is capable of directly driving a 1 digit
common anode LED display at the max. sink cur-
rent of 15mA per segment. The h+i pin is capable
of sinking a max. current of 30mA so that these two
segments can be driven from the same pin and be
the same brightness as the other segments.
On instruction from the internal command decoder
the display shows programme number, direction of
analog control movement, decade change or Mem-
ory Addressing function active. Analog controls in
this context are defined as Tuning, Volume, Con-
trast, Saturation & Brightness. The formats of the
display for analog control direction, decade change
and Memory Addressing are shown below respec-
tively :
For the analog controls the above condition is
displayed with an ”overrun” time of 300ms. i.e. the
display will show the ”arrows” for a period of
300ms after the release of any analog control up
or down key. The Memory Addressing function
display flashes at 5Hz after the Memory Addressing
function is commanded and continues to flash until
a programme is selected or any other command is
given. In 1 * the g segment only flashes at 5Hz and
continues to flash until a programme number is
selected or any other command is given. If in
Memory Addressing and 1 * is pressed then the
display above is shown with segments g & d only
flashing at 5Hz until a programme number is se-
lected or any other commands is given. When
Store or Set Skip Flag commands are executed the
whole display is flashed at 5Hz for 1 second.
Keyboard
It is possible to implement a keyboard with a max.
size of 35 keys as a 5 x 7 array. Fig. 8 shows the
arrangement of the key matrix. Each key connects
a row (a-g) with a column (D0-D4) with a max.
resistance of 10k
Ω. De-bounce logic is integrated
on the chip that only allows acceptance of a com-
mand if the key is closed for longer than 40ms
except for the On/Standby and On/Off commands
where the relevant keys must be closed for approxi-
mately 100ms. This is equivalent to 2 received RC
commands).
UP
DOWN
MEMORY
ADDRESSING
|*
I* AND
MEM. ADDR.
For the main keyboard matrix (a-g x D0-D4), if the
logic detects two keys closed simultaneously the
display is blanked to indicate this condition to the
user and no command is executed. When the logic
detects only one key pressed the display will re-il-
luminate and the command be executed.
This avoids confusion as to which command should
be executed and provides feed back to the user.
For the Option select line all options/commands
can be active simultaneously.
1 * mode or decade mode can be selected on the
option select line by the presence of a diode or not
respectively. These two modes are only active for
the 20 program option and are described below :
In 1 * mode the display will toggle in & out of the
condition shown in the Display Section. Access to
programs in the first decade is made by simply
pressing any 0-9 program key and access to pro-
grams in the second decade, whatever the current
program is made by pressing 1 * followed by any
0-9 program key.
In decade mode on pressing either
±10 (decade)
keys the display will light or extinguish the half digit
respectively and simultaneously effect the tuning
information. e.g. if the device is in program 3 press-
ing + 10 (decade) key will give program 13 and then
pressing - 10 (decade) key will give program 3.
Pressing - 10 (decade) again will have no effect.
The 20 program option select acts like an enable
for the 1 * or decade modes. i.e. the 1 * or decade
modes are only selectable in the 20 program op-
tion. In 16 program option the function of the 1*
key, program key 0, -10 (decade) & + 10 (decade)
are changed to no function, programme 10, 11 &
12 respectively. i.e. The difference between fig. 7
& 8 for those keys that change function.
If the 1 * key is pressed followed by brightness up
for example the device will increase the brightness
only and reset the 1 * command i.e. the last
command from any command source will al-
ways be executed if it is a single keystroke
command and the 1 * command will be reset by
it. It is possible to press the 1 * key on the keyboard
and then a program 0-9 command from RC or Data
command sources or vice versa. Thus there are 2
methods of selecting a program from the keyboard
for the 16 program option : direct access (only up
to 12 programs) or Memory sequence up/down.
And there are 3 methods of selecting a program
from the keyboard for the 20 program option : 1 *
mode, decade mode and Memory sequence
up/down.
M494
8/22


Similar Part No. - M494

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
M49465 VISHAY-M49465 Datasheet
109Kb / 3P
   Wirewound Resistors, Precision Power, Low Value, Military,
M4946501 VISHAY-M4946501 Datasheet
109Kb / 3P
   Wirewound Resistors, Precision Power, Low Value, Military,
M4946506 VISHAY-M4946506 Datasheet
109Kb / 3P
   Wirewound Resistors, Precision Power, Low Value, Military,
M4946507 VISHAY-M4946507 Datasheet
109Kb / 3P
   Wirewound Resistors, Precision Power, Low Value, Military,
More results

Similar Description - M494

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M491B STMICROELECTRONICS-M491B Datasheet
135Kb / 16P
   SINGLE-CHIP VOLTAGE SYNTHESIS TUNING SYSTEM WITH 1 ANALOG CONTROL
September 1992
logo
NEC
UPD17933 NEC-UPD17933 Datasheet
1,022Kb / 252P
   4-BIT SINGLE-CHIP MICROCONTROLLERS WITH DIGITAL TUNING SYSTEM HARDWARE
logo
Renesas Technology Corp
PD17012 RENESAS-PD17012_15 Datasheet
1Mb / 320P
   4-BIT SINGLE-CHIP MICROCONTROLLERS WITH DIGITAL TUNING SYSTEM HARDWARE
logo
NEC
UPD17016 NEC-UPD17016 Datasheet
1Mb / 324P
   4-BIT SINGLE-CHIP MICROCONTROLLERS WITH DIGITAL TUNING SYSTEM HARDWARE
logo
STMicroelectronics
M490B STMICROELECTRONICS-M490B Datasheet
1Mb / 23P
   SINGLE CHIP VOLTAGE SYNTHESIS TUNING SYSTEMS WITH 1 ANALOG CONTROL
logo
NEC
UPD17072 NEC-UPD17072 Datasheet
1Mb / 226P
   4-BIT SINGLE-CHIP MICROCONTROLLER WITH HARDWARE FOR DIGITAL TUNING SYSTEM
UPD17704 NEC-UPD17704 Datasheet
1Mb / 356P
   4-BIT SINGLE-CHIP MICROCONTROLLERS WITH DEDICATED HARDWARE FOR DIGITAL TUNING SYSTEM
logo
Renesas Technology Corp
PD17P709A RENESAS-PD17P709A_15 Datasheet
390Kb / 38P
   4-BIT SINGLE-CHIP MICROCONTROLLER WITH DEDICATED HARDWARE FOR DIGITAL TUNING SYSTEM
logo
NEC
UPD17010 NEC-UPD17010 Datasheet
1Mb / 424P
   4-BIT SINGLE-CHIP MICROCONTROLLER WITH HARDWARE DEDICATED TO DIGITAL TUNING SYSTEM
UPD17717 NEC-UPD17717 Datasheet
1Mb / 408P
   4-BIT SINGLE-CHIP MICROCONTROLLERS WITH DEDICATED HARDWARE FOR DIGITAL TUNING SYSTEM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com