Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

REG113 Datasheet(PDF) 7 Page - Texas Instruments

Part # REG113
Description  DMOS 400mA Low-Dropout Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

REG113 Datasheet(HTML) 7 Page - Texas Instruments

Back Button REG113_08 Datasheet HTML 3Page - Texas Instruments REG113_08 Datasheet HTML 4Page - Texas Instruments REG113_08 Datasheet HTML 5Page - Texas Instruments REG113_08 Datasheet HTML 6Page - Texas Instruments REG113_08 Datasheet HTML 7Page - Texas Instruments REG113_08 Datasheet HTML 8Page - Texas Instruments REG113_08 Datasheet HTML 9Page - Texas Instruments REG113_08 Datasheet HTML 10Page - Texas Instruments REG113_08 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
REG113
7
SBVS031D
www.ti.com
TYPICAL CHARACTERISTICS (Cont.)
For all models, at TJ = +25°C and VENABLE = 1.8V, unless otherwise noted.
TURN-ON
250
µs/div
V
ENABLE
V
OUT
REG113-3.3
V
IN = VOUT + 1V
C
NR = 0.01µF
C
OUT = 10µF
R
LOAD = 13Ω
C
OUT = 0µF
R
LOAD = 13Ω
C
OUT = 0µF
R
LOAD = 660Ω
TURN-OFF
200
µs/div
V
ENABLE
V
OUT
REG113-3.3
C
OUT = 10µF
R
LOAD = 13Ω
C
OUT = 1.0µF
R
LOAD = 13Ω
C
OUT = 0µF
R
LOAD = 660Ω
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
CURRENT LIMIT FOLDBACK
0
50
100 150 200 250 300 350 400 450 500 550
Output Current Limit (mA)
V
OUT = 3.3V
I
CL
I
SC
–50
–25
0
25
50
75
100
125
600
550
500
450
400
350
300
250
200
150
100
Temperature (
°C)
CURRENT LIMIT vs TEMPERATURE
I
CL (Current Limit)
I
SC (Short-Circuit Current)
LOAD TRANSIENT RESPONSE
10
µs/div
V
OUT
I
OUT
40mA
400mA
V
OUT
REG113-3.3
V
IN = 4.3V
C
OUT = 10µF
C
OUT = 0
LINE TRANSIENT RESPONSE
50
µs/div
V
OUT
V
IN
4.3V
5.3V
V
OUT
REG113-3.3
I
OUT = 400mA
C
OUT = 10µF
C
OUT = 0


Similar Part No. - REG113_08

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
REG113 TI-REG113_07 Datasheet
520Kb / 20P
[Old version datasheet]   DMOS 400mA Low-Dropout Regulator
More results

Similar Description - REG113_08

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
REG113 TI-REG113 Datasheet
364Kb / 16P
[Old version datasheet]   DMOS 400mA Low-Dropout Regulator
REG113 TI-REG113_07 Datasheet
520Kb / 20P
[Old version datasheet]   DMOS 400mA Low-Dropout Regulator
REG113-25 TI1-REG113-25 Datasheet
748Kb / 20P
[Old version datasheet]   400mA Low-Dropout Regulator
logo
Global Mixed-mode Techn...
G940T21 GMT-G940T21 Datasheet
185Kb / 8P
   3.7V 400mA Low Dropout Regulator
logo
Micrel Semiconductor
MIC2920A MICREL-MIC2920A_05 Datasheet
406Kb / 12P
   400mA Low-Dropout Voltage Regulator
logo
Sipex Corporation
SPX2975 SIPEX-SPX2975_05 Datasheet
178Kb / 11P
   400mA Low Dropout Voltage Regulator
logo
Global Mixed-mode Techn...
G930 GMT-G930 Datasheet
196Kb / 8P
   3.5V 400mA Low Dropout Regulator
logo
Sipex Corporation
SPX1129 SIPEX-SPX1129 Datasheet
222Kb / 8P
   400mA Low Dropout Voltage Regulator
SPX2967 SIPEX-SPX2967 Datasheet
98Kb / 12P
   400mA Low Dropout Voltage Regulator
logo
Global Mixed-mode Techn...
G930 GMT-G930_07 Datasheet
142Kb / 5P
   3.5V 400mA Low Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com