Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TXN31015D2 Datasheet(PDF) 9 Page - Intel Corporation

Part # TXN31015D2
Description  Quad-Rate 850 nm Optical Transceiver - SFF* MSA Compatible
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

TXN31015D2 Datasheet(HTML) 9 Page - Intel Corporation

Back Button TXN31015D2 Datasheet HTML 5Page - Intel Corporation TXN31015D2 Datasheet HTML 6Page - Intel Corporation TXN31015D2 Datasheet HTML 7Page - Intel Corporation TXN31015D2 Datasheet HTML 8Page - Intel Corporation TXN31015D2 Datasheet HTML 9Page - Intel Corporation TXN31015D2 Datasheet HTML 10Page - Intel Corporation TXN31015D2 Datasheet HTML 11Page - Intel Corporation TXN31015D2 Datasheet HTML 12Page - Intel Corporation TXN31015D2 Datasheet HTML 13Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
Intel® TXN31015D2 Quad-Rate 850 nm Optical Transceiver - SFF* MSA Compatible
18-April-2007
Datasheet
Order Number: 316366, Revision: 001US
9
Intel® TXN31015D2 Quad-Rate 850 nm Optical Transceiver - SFF* MSA Compatible
2.2
Electrical Characteristics
The minimum and maximum values in this section apply over the following
recommended temperature and voltage range (from Table 2, “Recommended Operating
Conditions” on page 8).
-20 °C < Tc < 85 °C, 3.0 V < Vcc < 3.6 V
Table 3 lists the TXN31015D2 Optical Transceiver electrical characteristics for power
and current.
Table 4 lists the TXN31015D2 Optical Transceiver transmitter electrical characteristics.
Table 3.
Electrical Characteristics – Power and Current
Parameter
Symbol
Min
Typ
Max
Units
Notes
Supply Current
lcc
170
mA
Tc = 20°C, Vcc = 3.3 V
220
mA
Power Dissipation
Pdiss
565
800
mW
Supply Noise Rejection
100
mV
10 kHz to 4 MHz
with supply filter
Table 4.
Electrical Characteristics – Transmitter
Parameter
Symbol
Min
Typ
Max
Units
Notes
CML Input (Single Ended)
250
1100
mVpp
AC coupled inputs
CML Input (Differential)
500
2200
mVpp
Peak-to-peak voltage
Input Impedance
(differential)
ZIN
85
100
115
Ω
TX_DISABLE input voltage -
High
VIH
2–
Vcc + 0.3
V
TX_DISABLE input voltage -
Low
VIL
0–
0.6
V
TX_Fault Output Voltage -
High
VOH
2.0
Vcc +
0.3
V
IOH = 40 µA,
1 TTL Unit Load
TX_Fault Output Voltage -
Low
VOL
0–
0.8
V
IOL = -1.6 mA,
1 TTL Unit Load


Similar Part No. - TXN31015D2

ManufacturerPart #DatasheetDescription
logo
ATGBICS by Approved Tec...
TXN31111-C ATGBICS-TXN31111-C Datasheet
293Kb / 8P
   TXN31111 Intel Compatible Transceiver SFP 1000Base-SX (850nm, MMF, 550m)
More results

Similar Description - TXN31015D2

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
V23833-G2005-A101 INFINEON-V23833-G2005-A101 Datasheet
840Kb / 27P
   XPAK 850 nm Module 10 Gigabit Pluggable Transceiver Compatible with XPAK MSA Rev. 2.3
2004-05-13
logo
Optoway Technology Inc
TRML-8100G OPTOWAY-TRML-8100G Datasheet
117Kb / 4P
   3.3V / 850 nm / 4.25 Gbps SFF LCMULTI-MODE TRANSCEIVER
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-720XPDZ AVAGO-AFBR-720XPDZ_13 Datasheet
423Kb / 15P
   10GbE XFP 850 nm 10Gbps Optical Transceiver
AFBR-720XPDZ AVAGO-AFBR-720XPDZ Datasheet
523Kb / 15P
   10GbE XFP 850 nm 10Gbps Optical Transceiver
AFBR-720XPDZ AVAGO-AFBR-720XPDZ_15 Datasheet
423Kb / 15P
   10GbE XFP 850 nm 10Gbps Optical Transceiver
logo
Analog Devices
AFBR-59R5ALZ AD-AFBR-59R5ALZ Datasheet
651Kb / 20P
   Digital Diagnostic 2x7 SFF 850 nm 4.25/2.125/1.0625 GBd, RoHS-Compliant Optical Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-59R5LZ AVAGO-AFBR-59R5LZ Datasheet
651Kb / 20P
   Digital Diagnostic 2x7 SFF 850 nm 4.25/2.125/1.0625 GBd, RoHS-Compliant Optical Transceiver
logo
Optoway Technology Inc
TRML-8100BG OPTOWAY-TRML-8100BG Datasheet
117Kb / 4P
   3.3V / 850 nm / 4.25 Gbps SFF LCMULTI-MODE TRANSCEIVER
TRM-7000 OPTOWAY-TRM-7000 Datasheet
79Kb / 4P
   5V / 850 nm / 1.25 Gbps OPTICAL MULTI-MODE TRANSCEIVER
TRM-7100 OPTOWAY-TRM-7100 Datasheet
78Kb / 4P
   3.3V / 850 nm / 1.25 Gbps OPTICAL MULTI-MODE TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com