Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST7PLITEU09M3 Datasheet(PDF) 11 Page - STMicroelectronics

Part # ST7PLITEU09M3
Description  8-bit MCU with single voltage Flash memory, ADC, timers
Download  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7PLITEU09M3 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button ST7PLITEU09M3 Datasheet HTML 7Page - STMicroelectronics ST7PLITEU09M3 Datasheet HTML 8Page - STMicroelectronics ST7PLITEU09M3 Datasheet HTML 9Page - STMicroelectronics ST7PLITEU09M3 Datasheet HTML 10Page - STMicroelectronics ST7PLITEU09M3 Datasheet HTML 11Page - STMicroelectronics ST7PLITEU09M3 Datasheet HTML 12Page - STMicroelectronics ST7PLITEU09M3 Datasheet HTML 13Page - STMicroelectronics ST7PLITEU09M3 Datasheet HTML 14Page - STMicroelectronics ST7PLITEU09M3 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 115 page
background image
ST7LITEU05 ST7LITEU09
11/115
4 FLASH PROGRAM MEMORY
4.1 Introduction
The ST7 single voltage extended Flash (XFlash) is
a non-volatile memory that can be electrically
erased and programmed either on a byte-by-byte
basis or up to 32 bytes in parallel.
The XFlash devices can be programmed off-board
(plugged in a programming tool) or on-board using
In-Circuit Programming or In-Application Program-
ming.
The array matrix organisation allows each sector
to be erased and reprogrammed without affecting
other sectors.
4.2 Main Features
ICP (In-Circuit Programming)
IAP (In-Application Programming)
ICT (In-Circuit Testing) for downloading and
executing user application test patterns in RAM
Sector 0 size configurable by option byte
Read-out and write protection
4.3 PROGRAMMING MODES
The ST7 can be programmed in three different
ways:
– Insertion in a programming tool. In this mode,
FLASH sectors 0 and 1 and option byte row
can be programmed or erased.
– In-Circuit Programming. In this mode, FLASH
sectors 0 and 1 and option byte row can be
programmed or erased without removing the
device from the application board.
– In-Application Programming. In this mode,
sector 1 can be programmed or erased with-
out removing the device from the application
board and while the application is running.
4.3.1 In-Circuit Programming (ICP)
ICP uses a protocol called ICC (In-Circuit Commu-
nication) which allows an ST7 plugged on a print-
ed circuit board (PCB) to communicate with an ex-
ternal programming device connected via cable.
ICP is performed in three steps:
– Switch the ST7 to ICC mode (In-Circuit Commu-
nications). This is done by driving a specific sig-
nal sequence on the ICCCLK/DATA pins while
the RESET pin is pulled low. When the ST7 en-
ters ICC mode, it fetches a specific RESET vec-
tor which points to the ST7 System Memory
containing the ICC protocol routine. This routine
enables the ST7 to receive bytes from the ICC in-
terface.
– Download ICP Driver code in RAM from the IC-
CDATA pin
– Execute ICP Driver code in RAM to program the
FLASH memory
Depending on the ICP Driver code downloaded in
RAM, FLASH memory programming can be fully
customized (number of bytes to program, program
locations, or selection of the serial communication
interface for downloading).
4.3.2 In Application Programming (IAP)
This mode uses an IAP Driver program previously
programmed in Sector 0 by the user (in ICP
mode).
This mode is fully controlled by user software. This
allows it to be adapted to the user application, (us-
er-defined strategy for entering programming
mode, choice of communications protocol used to
fetch the data to be stored etc.)
IAP mode can be used to program any memory ar-
eas except Sector 0, which is write/erase protect-
ed to allow recovery in case errors occur during
the programming operation.
1


Similar Part No. - ST7PLITEU09M3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST7PLITEUS2B3 STMICROELECTRONICS-ST7PLITEUS2B3 Datasheet
1Mb / 108P
   8-bit MCU with single voltage Flash memory, ADC, timers
ST7PLITEUS2B6 STMICROELECTRONICS-ST7PLITEUS2B6 Datasheet
1Mb / 108P
   8-bit MCU with single voltage Flash memory, ADC, timers
ST7PLITEUS2M3 STMICROELECTRONICS-ST7PLITEUS2M3 Datasheet
1Mb / 108P
   8-bit MCU with single voltage Flash memory, ADC, timers
ST7PLITEUS2M3TR STMICROELECTRONICS-ST7PLITEUS2M3TR Datasheet
1Mb / 108P
   8-bit MCU with single voltage Flash memory, ADC, timers
ST7PLITEUS2M6 STMICROELECTRONICS-ST7PLITEUS2M6 Datasheet
1Mb / 108P
   8-bit MCU with single voltage Flash memory, ADC, timers
More results

Similar Description - ST7PLITEU09M3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST7LITEUSX STMICROELECTRONICS-ST7LITEUSX Datasheet
1Mb / 108P
   8-bit MCU with single voltage Flash memory, ADC, timers
ST7FOXF1 STMICROELECTRONICS-ST7FOXF1 Datasheet
3Mb / 226P
   8-bit MCU with single voltage Flash memory, SPI, I짼C, ADC, timers
ST7LITE2 STMICROELECTRONICS-ST7LITE2 Datasheet
1Mb / 131P
   8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, TIMERS, SPI
August 2003 Rev. 2.0
ST7LITE0 STMICROELECTRONICS-ST7LITE0 Datasheet
1Mb / 122P
   8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, TIMERS, SPI
August 2003 Rev. 2.4
ST72104G STMICROELECTRONICS-ST72104G Datasheet
1Mb / 140P
   8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, ADC, 16-BIT TIMERS, SPI, IC INTERFACES
ST7DALI STMICROELECTRONICS-ST7DALI Datasheet
2Mb / 141P
   8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, TIMERS, SPI, DALI
ST7FLIT19BF1B6 STMICROELECTRONICS-ST7FLIT19BF1B6 Datasheet
2Mb / 159P
   8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, 5 TIMERS, SPI
ST72334J STMICROELECTRONICS-ST72334J_03 Datasheet
1Mb / 153P
   8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, ADC, 16-BIT TIMERS, SPI, SCI INTERFACES
ST7LITE1XB STMICROELECTRONICS-ST7LITE1XB Datasheet
2Mb / 157P
   8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, 5 TIMERS, SPI
ST7LITE1XB STMICROELECTRONICS-ST7LITE1XB_08 Datasheet
2Mb / 159P
   8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, 5 TIMERS, SPI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com