Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS76825QDRG4 Datasheet(PDF) 10 Page - Texas Instruments

Part # TPS76825QDRG4
Description  FAST TRANSIENT RESPONSE, 1-A LOW-DROPOUT VOLTAGE REGULATORS
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS76825QDRG4 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS76825QDRG4 Datasheet HTML 6Page - Texas Instruments TPS76825QDRG4 Datasheet HTML 7Page - Texas Instruments TPS76825QDRG4 Datasheet HTML 8Page - Texas Instruments TPS76825QDRG4 Datasheet HTML 9Page - Texas Instruments TPS76825QDRG4 Datasheet HTML 10Page - Texas Instruments TPS76825QDRG4 Datasheet HTML 11Page - Texas Instruments TPS76825QDRG4 Datasheet HTML 12Page - Texas Instruments TPS76825QDRG4 Datasheet HTML 13Page - Texas Instruments TPS76825QDRG4 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
www.ti.com
IO − Output Current − mA
0.1
0
200
400
600
800
1000
10
1
0.01
Region of Instability
VO = 3.3 V
Co = 4.7 µF
VI = 4.3 V
TJ = 125°C
Region of Stability
Region of Instability
0.1
0
200
400
600
800
1000
10
IO − Output Current − mA
1
0.01
Region of Instability
VO = 3.3 V
Co = 4.7 µF
VI = 4.3 V
TA = 25°C
Region of Stability
Region of Instability
0.1
0
200
400
600
800
1000
10
1
IO − Output Current − mA
0.01
Region of Instability
VO = 3.3 V
Co = 22 µF
VI = 4.3 V
TJ = 125°C
Region of Stability
Region of Instability
0.1
0
200
400
600
800
1000
10
IO − Output Current − mA
1
Region of Instability
Region of Stability
VO = 3.3 V
Co = 22 µF
VI = 4.3 V
TA = 25°C
0.01
Region of Instability
TPS768xxQ
SLVS211L – JUNE 1999 – REVISED JANUARY 2006
TYPICAL CHARACTERISTICS (continued)
Equivalent series resistance (ESR) refers to the total series resistance, including the ESR of the capacitor, any
series resistance added externally, and PWB trace resistance to CO.
TYPICAL REGION OF STABILITY
TYPICAL REGION OF STABILITY
EQUIVALENT SERIES RESISTANCE
EQUIVALENT SERIES RESISTANCE
vs
vs
OUTPUT CURRENT
OUTPUT CURRENT
Figure 22.
Figure 23.
TYPICAL REGION OF STABILITY
TYPICAL REGION OF STABILITY
EQUIVALENT SERIES RESISTANCE
EQUIVALENT SERIES RESISTANCE
vs
vs
OUTPUT CURRENT
OUTPUT CURRENT
Figure 24.
Figure 25.
10
Submit Documentation Feedback


Similar Part No. - TPS76825QDRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS76825QDRG4 TI-TPS76825QDRG4 Datasheet
850Kb / 23P
[Old version datasheet]   FAST TRANSIENT RESPONSE, 1-A LOW-DROPOUT VOLTAGE REGULATORS
More results

Similar Description - TPS76825QDRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS76815-EP TI-TPS76815-EP Datasheet
362Kb / 21P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS768XXQ TI-TPS768XXQ Datasheet
850Kb / 23P
[Old version datasheet]   FAST TRANSIENT RESPONSE, 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76815Q TI-TPS76815Q Datasheet
279Kb / 22P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76818 TI-TPS76818_15 Datasheet
1Mb / 27P
[Old version datasheet]   FAST TRANSIENT RESPONSE, 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76815-Q1 TI1-TPS76815-Q1_16 Datasheet
577Kb / 26P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76825Q TI-TPS76825Q Datasheet
430Kb / 23P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76701-EP TI1-TPS76701-EP Datasheet
855Kb / 28P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76801-Q1 TI1-TPS76801-Q1 Datasheet
561Kb / 25P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76701-Q1 TI1-TPS76701-Q1 Datasheet
469Kb / 24P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76818-EP TI-TPS76818-EP Datasheet
758Kb / 25P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76815 TI-TPS76815_15 Datasheet
1Mb / 27P
[Old version datasheet]   FAST TRANSIENT RESPONSE, 1-A LOW-DROPOUT VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com